Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-BF533SKBCZ-6V Datasheet(PDF) 1 Page - Analog Devices

Part # ADSP-BF533SKBCZ-6V
Description  Blackfin Embedded Processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF533SKBCZ-6V Datasheet(HTML) 1 Page - Analog Devices

  ADSP-BF533SKBCZ-6V Datasheet HTML 1Page - Analog Devices ADSP-BF533SKBCZ-6V Datasheet HTML 2Page - Analog Devices ADSP-BF533SKBCZ-6V Datasheet HTML 3Page - Analog Devices ADSP-BF533SKBCZ-6V Datasheet HTML 4Page - Analog Devices ADSP-BF533SKBCZ-6V Datasheet HTML 5Page - Analog Devices ADSP-BF533SKBCZ-6V Datasheet HTML 6Page - Analog Devices ADSP-BF533SKBCZ-6V Datasheet HTML 7Page - Analog Devices ADSP-BF533SKBCZ-6V Datasheet HTML 8Page - Analog Devices ADSP-BF533SKBCZ-6V Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
Blackfin and the Blackfin logo are registered trademarks of Analog Devices, Inc.
Blackfin
Embedded Processor
ADSP-BF531/ADSP-BF532/ADSP-BF533
Rev. H
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Up to 600 MHz high performance Blackfin processor
Two 16-bit MACs, two 40-bit ALUs, four 8-bit video ALUs,
40-bit shifter
RISC-like register and instruction model for ease of pro-
gramming and compiler-friendly support
Advanced debug, trace, and performance monitoring
Wide range of operating voltages (see Operating Conditions
on Page 21)
Qualified for Automotive Applications (see Automotive Prod-
ucts on Page 63)
Programmable on-chip voltage regulator
160-ball CSP_BGA, 169-ball PBGA, and 176-lead LQFP
packages
MEMORY
Up to 148K bytes of on-chip memory (see Table 1 on Page 3)
Memory management unit providing memory protection
External memory controller with glueless support for
SDRAM, SRAM, flash, and ROM
Flexible memory booting options from SPI and
external memory
PERIPHERALS
Parallel peripheral interface PPI, supporting
ITU-R 656 video data formats
2 dual-channel, full duplex synchronous serial ports, sup-
porting eight stereo I2S channels
2 memory-to-memory DMAs
8 peripheral DMAs
SPI-compatible port
Three 32-bit timer/counters with PWM support
Real-time clock and watchdog timer
32-bit core timer
Up to 16 general-purpose I/O pins (GPIO)
UART with support for IrDA
Event handler
Debug/JTAG interface
On-chip PLL capable of frequency multiplication
Figure 1. Functional Block Diagram
UART
SPORT0
-1
WATCHDOG
TIMER
RTC
SPI
TIMER0
-2
PPI
GPIO
PORT
F
EXTERNAL PORT
FLASH, SDRAM CONTROL
BOOT ROM
JTAG TEST AND EMULATION
VOLTAGE REGULATOR
DMA
CONTROLLER
L1
INSTRUCTION
MEMORY
L1
DATA
MEMORY
DMA CORE BUS
DMA
EXTERNAL
BUS
EXTERNAL ACCESS BUS
16
INTERRUPT
CONTROLLER
B


Similar Part No. - ADSP-BF533SKBCZ-6V

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SKBCZ-6V AD-ADSP-BF533SKBCZ-6V Datasheet
3Mb / 60P
   Blackfin짰 Embedded Processor
Rev. E
ADSP-BF533SKBCZ-6V AD-ADSP-BF533SKBCZ-6V Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
More results

Similar Description - ADSP-BF533SKBCZ-6V

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com