Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQY221R2MW Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AQY221R2MW
Description  Micro-miniature SON package Lower output capacitance and on resistance (C횞R10) 40V load voltage
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQY221R2MW Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AQY221R2MW Datasheet HTML 1Page - Panasonic Semiconductor AQY221R2MW Datasheet HTML 2Page - Panasonic Semiconductor AQY221R2MW Datasheet HTML 3Page - Panasonic Semiconductor AQY221R2MW Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RF SON 1 Form A C
×R10 (AQY221❍2M)
16.-(1) On resistance distribution
Sample: AQY221R2M; Measured portion: between
terminals 3 and 4; Continuous load current: 250mA
(DC) R type, 80mA (DC) C type, n: 50pcs.
Ambient temperature: 25
°C 77°F
16.-(2) On resistance distribution
Sample: AQY221N2M; Measured portion: between
terminals 3 and 4; Continuous load current: 250mA
(DC) R type, 80mA (DC) C type, n: 50pcs.
Ambient temperature: 25
°C 77°F
1
0.6
0.5
0.7
0.8
0.9
20
25
30
40
35
15
5
10
0
On resistance,
8.6
9
9.4
9.8
10.2
20
25
35
30
15
5
10
0
On resistance,
17.-(1) Turn on time distribution
Sample: AQY221R2M; Load voltage: 10V (DC)
Continuous load current: 250mA (DC) R type, 80mA
(DC) C type, n: 50pcs.
Ambient temperature: 25
°C 77°F
17.-(2) Turn on time distribution
Sample: AQY221N2M; Load voltage: 10V (DC)
Continuous load current: 250mA (DC) R type, 80mA
(DC) C type, n: 50pcs.
Ambient temperature: 25
°C 77°F
0.5
0.1
0.2
0.3
0.4
0
0
10
20
30
40
50
Turn on time, ms
0.1
0.02
0.04
0.06
0.08
0
0
10
20
30
40
50
Turn on time, ms
18.-(1) Turn off time distribution
Sample: AQY221R2M; Load voltage: 10V (DC)
Continuous load current: 250mA (DC) R type, 80mA
(DC) C type, n: 50pcs.
Ambient temperature: 25
°C 77°F
18.-(2) Turn off time distribution
Sample: AQY221N2M; Load voltage: 10V (DC)
Continuous load current: 250mA (DC) R type, 80mA
(DC) C type, n: 50pcs.
Ambient temperature: 25
°C 77°F
0.1
0.02
0.04
0.06
0.08
0
0
10
20
30
40
50
Turn off time, ms
0.1
0.02
0.04
0.06
0.08
0
0
10
20
30
40
50
Turn off time, ms
19.-(1) LED operate current distribution
Sample: AQY221R2M; Load voltage: 10V (DC)
Continuous load current: 250mA (DC) R type, 80mA
(DC) C type, n: 50pcs.
Ambient temperature: 25
°C 77°F
19.-(2) LED operate current distribution
Sample: AQY221N2M; Load voltage: 10V (DC)
Continuous load current: 250mA (DC) R type, 80mA
(DC) C type, n: 50pcs.
Ambient temperature: 25
°C 77°F
1.2
1.0
0.8
0.6
0.4
0.2
0
10
20
30
40
50
LED operate current, mA
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0
5
10
15
20
25
30
LED operate current, mA
PhotoMOS.book Page 166 Thursday, March 26, 2009 2:21 PM
All Rights Reserved © COPYRIGHT Panasonic Electric Works Co., Ltd.


Similar Part No. - AQY221R2MW

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQY221R2MW PANASONIC-AQY221R2MW Datasheet
78Kb / 4P
   Micro-miniature SON package Lower output capacitance and on resistance (C횞R10)
More results

Similar Description - AQY221R2MW

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQY221R2MY PANASONIC-AQY221R2MY Datasheet
78Kb / 4P
   Micro-miniature SON package Lower output capacitance and on resistance (C횞R10)
AQY221N3M PANASONIC-AQY221N3M Datasheet
75Kb / 4P
   Micro-miniature SON package Lower output capacitance and on resistance (C횞R5) 25V load voltage
AQY221R4VY PANASONIC-AQY221R4VY Datasheet
65Kb / 4P
   Micro-miniature SSOP Lower output capacitance and on resistance (C?뷧10) 40 V load voltage
AQY221N3V PANASONIC-AQY221N3V Datasheet
74Kb / 4P
   Super miniature SSOP Lower output capacitance and on resistance (C횞R5) Load voltage 25V
AQY221R2S PANASONIC-AQY221R2S Datasheet
88Kb / 5P
   Miniature SOP4-pin with C횞R10 40V load voltage
logo
Omron Electronics LLC
G3VM-21UR OMRON-G3VM-21UR Datasheet
192Kb / 5P
   VSON Package With Low Output Capacitance and Low On Resistance
G3VM-61UR OMRON-G3VM-61UR Datasheet
1Mb / 4P
   VSON Package with Low Output Capacitance and Low ON Resistance
G3VM-41UR10 OMRON-G3VM-41UR10 Datasheet
410Kb / 4P
   VSON package with Low Output Capacitance and ON Resistance type
logo
Advanced Power Electron...
AP4961GM A-POWER-AP4961GM_14 Datasheet
64Kb / 4P
   Lower On-resistance
AP2306AGN-HF A-POWER-AP2306AGN-HF_14 Datasheet
112Kb / 5P
   Lower on-resistance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com