Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJRB461F Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJRB461F
Description  SURFACE MOUNT SCHOTTKY DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJRB461F Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJRB461F_09 Datasheet HTML 1Page - Pan Jit International Inc. PJRB461F_09 Datasheet HTML 2Page - Pan Jit International Inc. PJRB461F_09 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
REV.0.1-FEB.24.2009
PJRB461F
CHARACTERISTIC CURVES
Fig.1- TYPICAL REVERSE LEAKAGE
Fig.3- TYPICAL TOTAL CAPACITANCE
Forward Voltage, VF(V)
Reverse Voltage , V (V)
R
Fig.2- TYPICAL FORWARD VOLTAGE
Reverse Voltage, V (V)
R
0.01
0.1
1
10
100
1000
10000
0
10
203040
T=125 C
J
O
T=75 C
J
O
T=25 C
J
O
T =-25 C
J
O
0.1
1
10
100
1000
0
0.1
0.2
0.3
0.4
0.5
0.6
T=125 C
J
O
T=75 C
J
O
T=25 C
J
O
T =-25 C
J
O
1
10
100
1000
0
5
10
15
20
25
30
ELECTRICAL CHARACTERISTICS (T
J=25
OC, unless otherwise noted)
Note (1) : Pulse Test : Pulse Width<300
µs,Duty Cycle<2%
R
E
T
E
M
A
R
A
Pl
o
b
m
y
S
t
s
e
T
n
o
i
t
i
d
n
o
C
.
N
I
M.
P
Y
T.
X
A
Ms
t
i
n
U
e
g
a
t
l
o
V
n
w
o
d
k
a
e
B
e
s
r
e
v
e
RV
)
R
B
(
I
R
A
u
0
1
=0
1
-
-
V
t
n
e
r
r
u
C
e
s
r
e
v
e
RI
R
V
R
V
0
2
=-
-
0
0
2A
u
)
1
(
e
g
a
t
l
o
V
d
r
a
w
r
o
FV
F
I
F
A
m
0
0
7
=-
5
4
.
0
9
4
.
0
V


Similar Part No. - PJRB461F_09

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJRB461F PANJIT-PJRB461F_16 Datasheet
422Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODE
PJRB461F_R1_00001 PANJIT-PJRB461F_R1_00001 Datasheet
422Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODE
PJRB461F_R2_00001 PANJIT-PJRB461F_R2_00001 Datasheet
422Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODE
More results

Similar Description - PJRB461F_09

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD330W PANJIT-MMBD330W Datasheet
58Kb / 4P
   SURFACE MOUNT SCHOTTKY DIODE
PJRB461F PANJIT-PJRB461F Datasheet
89Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE
logo
Central Semiconductor C...
CMHSH-3 CENTRAL-CMHSH-3 Datasheet
51Kb / 2P
   SURFACE MOUNT SCHOTTKY DIODE
logo
Comchip Technology
BAS54 COMCHIP-BAS54 Datasheet
63Kb / 2P
   Surface Mount Schottky Diode
logo
Pan Jit International I...
MMBD301 PANJIT-MMBD301_13 Datasheet
186Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODE
logo
Shanghai Leiditech Elec...
1SS357 LEIDITECH-1SS357 Datasheet
435Kb / 2P
   Surface mount schottky diode
logo
Pan Jit International I...
RB551V-30 PANJIT-RB551V-30 Datasheet
156Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE
RB520S30 PANJIT-RB520S30 Datasheet
111Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE
RB551V30 PANJIT-RB551V30 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE
logo
Unisonic Technologies
RB501V-40 UTC-RB501V-40 Datasheet
131Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE
logo
Central Semiconductor C...
CMWSH-4 CENTRAL-CMWSH-4 Datasheet
114Kb / 2P
   SURFACE MOUNT SCHOTTKY DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com