Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJF830 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJF830
Description  500V N-Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJF830 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJF830 Datasheet HTML 1Page - Pan Jit International Inc. PJF830 Datasheet HTML 2Page - Pan Jit International Inc. PJF830 Datasheet HTML 3Page - Pan Jit International Inc. PJF830 Datasheet HTML 4Page - Pan Jit International Inc. PJF830 Datasheet HTML 5Page - Pan Jit International Inc. PJF830 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
STAD-JAN.08.2010
PJP830 / PJF830
FEATURES
• 4.5A , 500V, R
DS(ON)=1.5
@V
GS=10V, ID=2.5A
• Low ON Resistance
• Fast Switching
• Low Gate Charge
• Fully Characterized Avalanche Voltage and Current
• Specially Desigened for AC Adapter, Battery Charge and SMPS
• In compliance with EU RoHs 2002/95/EC Directives
MECHANICAL DATA
• Case: TO-220AB / ITO-220AB Molded Plastic
• Terminals : Solderable per MIL-STD-750,Method 2026
ORDERING INFORMATION
500V N-Channel Enhancement Mode MOSFET
Maximum RATINGS and Thermal Characteristics (T
A=25
OC unless otherwise noted )
Note : 1. Maximum DC current limited by the package
PAN JIT RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,FUNCTIONS AND RELIABILITY WITHOUT NOTICE
INTERNAL SCHEMATICDIAGRAM
Drain
Gate
Source
1
2
3
TO-220AB/ITO-220AB
1
2
3
G
D
S
TO-220AB
ITO-220AB
1
2
3
G
D
S
TYPE
MARKING
PACKAGE
PACKING
PJP830
P830
TO-220AB
50PCS/TUBE
PJF830
F830
ITO-220AB
50PCS/TUBE
PA RA ME TE R
S ymb o l
P J P 8 3 0
P J F 8 3 0
Uni ts
D r a i n- S o ur c e Vo lta g e
V
D S
5 0 0
V
Ga te - S o ur c e Vo lta g e
V
GS
+3 0
V
C o nti nuo us D ra i n C ur re nt
I
D
4 .5
4 .5
A
P uls e d D r a i n C urr e nt 1)
I
D M
1 8
1 8
A
Ma xi mum P o we r D i s s i p a ti o n
D e ra ti ng F a c to r
T
A = 2 5
OC
P
D
8 7
0 .7
4 4
0 .3 5
W
Op e ra ti ng J unc t i o n a nd S to ra g e Te mp e r a ture Ra ng e
T
J , T S TG
-5 5 to +1 5 0
OC
Avalanche Energy with Single Pulse
I
AS=4.5A, VDD=82V, L=26.5mH
E
A S
3 1 0
mJ
Junction-to-Case Thermal Resistance
R
θ
J C
1 .4 3
2 .8 2
OC /W
Junction-to Ambient Thermal Resistance
R
θ
J A
6 2 .5
1 0 0
OC /W


Similar Part No. - PJF830

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJF840 PANJIT-PJF840 Datasheet
183Kb / 5P
   500V N-Channel Enhancement Mode MOSFET
PJF8N60 PANJIT-PJF8N60 Datasheet
181Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
PJF8NA50 PANJIT-PJF8NA50 Datasheet
440Kb / 8P
   500V N-Channel MOSFET
PJF8NA65A PANJIT-PJF8NA65A Datasheet
937Kb / 8P
   650V N-Channel MOSFET
October 20,2016-REV.00
PJF8NA65A_T0_00001 PANJIT-PJF8NA65A_T0_00001 Datasheet
937Kb / 8P
   650V N-Channel MOSFET
October 20,2016-REV.00
More results

Similar Description - PJF830

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP840 PANJIT-PJP840 Datasheet
183Kb / 5P
   500V N-Channel Enhancement Mode MOSFET
PJP13N50 PANJIT-PJP13N50 Datasheet
201Kb / 5P
   500V N-Channel Enhancement Mode MOSFET
logo
HY ELECTRONIC CORP.
HY18N50W HY-HY18N50W Datasheet
299Kb / 4P
   500V / 18A N-Channel Enhancement Mode MOSFET
HY13N50T HY-HY13N50T Datasheet
150Kb / 4P
   500V / 13A N-Channel Enhancement Mode MOSFET
HY5N50T HY-HY5N50T Datasheet
151Kb / 4P
   500V / 5A N-Channel Enhancement Mode MOSFET
HY8N50T HY-HY8N50T Datasheet
129Kb / 4P
   500V / 8.0A N-Channel Enhancement Mode MOSFET
logo
Jiangsu Donghai Semicon...
830 WXDH-830 Datasheet
1Mb / 12P
   5A 500V N-channel Enhancement Mode Power MOSFET
830WB WXDH-830WB Datasheet
1Mb / 12P
   5A 500V N-channel Enhancement Mode Power MOSFET
20N50 WXDH-20N50 Datasheet
1Mb / 11P
   20A 500V N-channel Enhancement Mode Power MOSFET
840 WXDH-840 Datasheet
1Mb / 12P
   8A 500V N-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com