Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-BF531SBBZ400 Datasheet(PDF) 6 Page - Analog Devices

Part # ADSP-BF531SBBZ400
Description  Blackfin Embedded Processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF531SBBZ400 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADSP-BF531SBBZ400 Datasheet HTML 2Page - Analog Devices ADSP-BF531SBBZ400 Datasheet HTML 3Page - Analog Devices ADSP-BF531SBBZ400 Datasheet HTML 4Page - Analog Devices ADSP-BF531SBBZ400 Datasheet HTML 5Page - Analog Devices ADSP-BF531SBBZ400 Datasheet HTML 6Page - Analog Devices ADSP-BF531SBBZ400 Datasheet HTML 7Page - Analog Devices ADSP-BF531SBBZ400 Datasheet HTML 8Page - Analog Devices ADSP-BF531SBBZ400 Datasheet HTML 9Page - Analog Devices ADSP-BF531SBBZ400 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
Rev. H
|
Page 6 of 64
|
January 2011
ADSP-BF531/ADSP-BF532/ADSP-BF533
Event Handling
The event controller on the processors handle all asynchronous
and synchronous events to the processor. The ADSP-BF531/
ADSP-BF532/ADSP-BF533 processors provide event handling
that supports both nesting and prioritization. Nesting allows
multiple event service routines to be active simultaneously. Pri-
oritization ensures that servicing of a higher priority event takes
precedence over servicing of a lower priority event. The control-
ler provides support for five different types of events:
• Emulation – An emulation event causes the processor to
enter emulation mode, allowing command and control of
the processor via the JTAG interface.
• Reset – This event resets the processor.
• Nonmaskable Interrupt (NMI) – The NMI event can be
generated by the software watchdog timer or by the NMI
input signal to the processor. The NMI event is frequently
used as a power-down indicator to initiate an orderly shut-
down of the system.
• Exceptions – Events that occur synchronously to program
flow (i.e., the exception is taken before the instruction is
allowed to complete). Conditions such as data alignment
violations and undefined instructions cause exceptions.
• Interrupts – Events that occur asynchronously to program
flow. They are caused by input pins, timers, and other
peripherals, as well as by an explicit software instruction.
Figure 3. ADSP-BF531 Internal/External Memory Map
Figure 4. ADSP-BF532 Internal/External Memory Map
CORE MMR REGISTERS (2M BYTE)
RESERVED
SCRATCHPAD SRAM (4K BYTE)
SYSTEM MMR REGISTERS (2M BYTE)
RESERVED
RESERVED
RESERVED
DATA BANK A SRAM/CACHE (16K BYTE)
ASYNC MEMORY BANK 3 (1M BYTE)
ASYNC MEMORY BANK 2 (1M BYTE)
ASYNC MEMORY BANK 1 (1M BYTE)
ASYNC MEMORY BANK 0 (1M BYTE)
SDRAM MEMORY (16M BYTE TO 128M BYTE)
INSTRUCTION SRAM/CACHE (16K BYTE)
0xFFFF FFFF
0xFFE0 0000
0xFFB0 0000
0xFFA1 4000
0xFFA0 8000
0xFF90 8000
0xFF90 4000
0xFF80 8000
0xFF80 4000
0xEF00 0000
0x2040 0000
0x2030 0000
0x2020 0000
0x2010 0000
0x2000 0000
0x0800 0000
0x0000 0000
0xFFC0 0000
0xFFB0 1000
0xFFA0 0000
RESERVED
RESERVED
RESERVED
0xFFA1 0000
INSTRUCTION SRAM (16K BYTE)
RESERVED
RESERVED
0xFFA0 C000
RESERVED
CORE MMR REGISTERS (2M BYTE)
RESERVED
SCRATCHPAD SRAM (4K BYTE)
SYSTEM MMR REGISTERS (2M BYTE)
RESERVED
RESERVED
DATA BANK B SRAM/CACHE (16K BYTE)
RESERVED
DATA BANK A SRAM/CACHE (16K BYTE)
ASYNCMEMORY BANK3 (1M BYTE)
ASYNC MEMORY BANK 2 (1M BYTE)
ASYNC MEMORY BANK 1 (1M BYTE)
ASYNC MEMORY BANK 0 (1M BYTE)
SDRAM MEMORY (16M BYTE TO 128M BYTE)
INSTRUCTION SRAM/CACHE (16K BYTE)
0xFFFF FFFF
0xFFE0 0000
0xFFB0 0000
0xFFA1 4000
0xFFA0 8000
0xFF90 8000
0xFF90 4000
0xFF80 8000
0xFF80 4000
0xEF00 0000
0x2040 0000
0x2030 0000
0x2020 0000
0x2010 0000
0x2000 0000
0x0800 0000
0x0000 0000
0xFFC0 0000
0xFFB0 1000
0xFFA0 0000
RESERVED
RESERVED
RESERVED
0xFFA1 0000
INSTRUCTION SRAM (32K BYTE)
RESERVED
Figure 5. ADSP-BF533 Internal/External Memory Map
RESERVED
CORE MMR REGISTERS (2M BYTE)
RESERVED
SCRATCHPAD SRAM (4K BYTE)
INSTRUCTION SRAM (64K BYTE)
SYSTEM MMR REGISTERS (2M BYTE)
RESERVED
RESERVED
DATA BANK B SRAM/CACHE (16K BYTE)
DATA BANK B SRAM (16K BYTE)
DATA BANK A SRAM/CACHE (16K BYTE)
ASYNC MEMORY BANK 3 (1M BYTE)
ASYNC MEMORY BANK 2 (1M BYTE)
ASYNC MEMORY BANK 1 (1M BYTE)
ASYNC MEMORY BANK 0 (1M BYTE)
SDRAM MEMORY (16M BYTE TO 128M BYTE)
INSTRUCTION SRAM/CACHE (16K BYTE)
0xFFFF FFFF
0xFFE0 0000
0xFFB0 0000
0xFFA1 4000
0xFFA1 0000
0xFF90 8000
0xFF90 4000
0xFF80 8000
0xFF80 4000
0xEF00 0000
0x2040 0000
0x2030 0000
0x2020 0000
0x2010 0000
0x2000 0000
0x0800 0000
0x0000 0000
0xFFC0 0000
0xFFB0 1000
0xFFA0 0000
RESERVED
RESERVED
DATA BANK A SRAM (16K BYTE)
0xFF90 0000
0xFF80 0000
RESERVED


Similar Part No. - ADSP-BF531SBBZ400

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF531SBBZ400 AD-ADSP-BF531SBBZ400 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF531SBBZ400 AD-ADSP-BF531SBBZ400 Datasheet
2Mb / 60P
   Blackfin Embedded Processor
REV. D
ADSP-BF531SBBZ400 AD-ADSP-BF531SBBZ400 Datasheet
3Mb / 60P
   Blackfin짰 Embedded Processor
Rev. E
ADSP-BF531SBBZ400 AD-ADSP-BF531SBBZ400 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
More results

Similar Description - ADSP-BF531SBBZ400

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com