Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJGBLC12C Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJGBLC12C
Description  ULTRA LOW CAPACITANCE TVS ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJGBLC12C Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJGBLC12C Datasheet HTML 1Page - Pan Jit International Inc. PJGBLC12C Datasheet HTML 2Page - Pan Jit International Inc. PJGBLC12C Datasheet HTML 3Page - Pan Jit International Inc. PJGBLC12C Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
REV.0.3-APR.15.2009
PJGBLC03~PJGBLC24C SERIES
ELECTRICAL CHARACTERISTICS PER LINE (@25°C unless otherwise specified)
NOTES:
1.Part numbers with an additional “C” suffix are bidirectional
devices,i.e.,PJGBLC03C
2.Unidirectional Only : Positive potential is applied from pin
2 to 1
1
1
2
2
UNIDIRECTIONAL
BIDIRECTIONAL
r
e
b
m
u
N
t
r
a
P
)
2
-
1
s
e
t
o
N
e
e
S
(
r
e
w
o
P
k
a
e
P
n
o
i
t
a
p
i
s
s
i
D
0
2
/
8
@
µµµµµ s
P PPM
-
d
n
a
t
S
-
d
e
t
a
R
e
g
a
t
l
o
V
f
f
O
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
R
g
n
i
p
m
a
l
C
m
u
m
i
x
a
M
)
2
.
g
i
F
e
e
S
(
e
g
a
t
l
o
V
0
2
/
8
@
µµµµµ P
s
PPM
e
g
a
k
a
e
L
t
n
e
r
r
u
C
e
t
a
t
S
-
f
f
O
,
e
c
n
a
t
i
c
a
p
a
C
o
r
e
Z
z
H
M
1
s
a
i
B
c
d
g
n
i
k
r
a
M
e
d
o
C
z
H
M
1
@
V
0
V RWM
V BR
I
@
T
V C
I
@ PP
I R @VRWM
C O
.
x
a
M
.
n
i
M
.
x
a
M
I T
.
x
a
M.
x
a
M
W
V
V
V
A
m
V
A
µµµµµ A
F
p
3
0
C
L
B
G
J
P
0
5
3
0
.
3
5
7
.
4
5
2
.
5
1
5
.
7
1
0
2
3
A
A
C
3
0
C
L
B
G
J
P
0
5
3
0
.
3
5
7
.
4
5
2
.
5
1
5
.
7
1
0
2
3
Q
A
5
0
C
L
B
G
J
P
0
5
3
0
.
5
3
0
.
7
7
7
.
7
1
8
.
9
1
5
3
B
A
C
5
0
C
L
B
G
J
P
0
5
3
0
.
5
3
0
.
7
7
7
.
7
1
8
.
9
1
5
3
L
A
8
0
C
L
B
G
J
P
0
5
3
0
.
8
3
9
.
8
7
8
.
9
1
4
.
3
1
1
1
3
C
A
C
8
0
C
L
B
G
J
P
0
5
3
0
.
8
3
9
.
8
7
8
.
9
1
4
.
3
1
1
1
3
R
A
2
1
C
L
B
G
J
P
0
5
3
2
1
7
9
.
3
1
4
4
.
5
1
1
9
1
1
1
3
J
A
C
2
1
C
L
B
G
J
P
0
5
3
2
1
7
9
.
3
1
4
4
.
5
1
1
9
1
1
1
3
M
A
5
1
C
L
B
G
J
P
0
5
3
5
1
9
3
.
7
1
2
2
.
9
1
1
4
2
1
1
3
S
A
C
5
1
C
L
B
G
J
P
0
5
3
5
1
9
3
.
7
1
2
2
.
9
1
1
4
2
1
1
3
N
A
4
2
C
L
B
G
J
P
0
5
3
4
2
7
2
.
7
2
4
1
.
0
3
1
3
4
1
1
3
T
A
C
4
2
C
L
B
G
J
P
0
5
3
4
2
7
2
.
7
2
4
1
.
0
3
1
3
4
1
1
3
P
A


Similar Part No. - PJGBLC12C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJGBLC15C-AU PANJIT-PJGBLC15C-AU Datasheet
70Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
PJGBLC15C-AU_A0_00001 PANJIT-PJGBLC15C-AU_A0_00001 Datasheet
70Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
PJGBLC15C-AU_A0_10001 PANJIT-PJGBLC15C-AU_A0_10001 Datasheet
70Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
PJGBLC15C-AU_A1_00001 PANJIT-PJGBLC15C-AU_A1_00001 Datasheet
70Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
PJGBLC15C-AU_A1_10001 PANJIT-PJGBLC15C-AU_A1_10001 Datasheet
70Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
More results

Similar Description - PJGBLC12C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC03 PROTEC-GBLC03 Datasheet
174Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
logo
FutureWafer Tech Co.,Lt...
FW0524LC-0.8PF FUTUREWAFER-FW0524LC-0.8PF Datasheet
1,017Kb / 5P
   Ultra Low Capacitance TVS Array
logo
Protek Devices
SLVU2.8-4 PROTEC-SLVU2.8-4_05 Datasheet
97Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
PLC497 PROTEC-PLC497 Datasheet
111Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03 Datasheet
57Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03_07 Datasheet
62Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
SLVU28-4 PROTEC-SLVU28-4 Datasheet
184Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCXXCDSL PROTEC-GBLCXXCDSL Datasheet
522Kb / 7P
   ULTRA LOW CAPACITANCE TVS ARRAY
PAM03SD2303CI PROTEC-PAM03SD2303CI_12 Datasheet
602Kb / 7P
   ULTRA LOW CAPACITANCE TVS ARRAY
DL0521P PROTEC-DL0521P_11 Datasheet
569Kb / 6P
   ultra LOW CAPACITANCE TVS ARRAY
PAM19DF2L0521P PROTEC-PAM19DF2L0521P Datasheet
473Kb / 6P
   ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com