Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJMBZ5V6 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJMBZ5V6
Description  DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJMBZ5V6 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJMBZ5V6_10 Datasheet HTML 1Page - Pan Jit International Inc. PJMBZ5V6_10 Datasheet HTML 2Page - Pan Jit International Inc. PJMBZ5V6_10 Datasheet HTML 3Page - Pan Jit International Inc. PJMBZ5V6_10 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
August 16.2010-REV.00
PJMBZ5V6 / PJMBZ6V2 / PJMBZ6V8
ELECTRICAL CHARACTERISTICS Tj = 25oC
P J MB Z6 V 2 Ma r k i ng UB
PA R A M E TE R
S ym b o l
Te s t Co nd itio n
M IN.
TYP.
M A X .
Units
Re ve r s e S t and- O f f Vo ltage
V RWM
--
4 . 3
V
Re ve r s e B r e a kdown Vo lt age
V BR
IBR=1 .0 mA
IBR=2 0 mA
5.89
6.2
6 .5 1
6. 60
V
Re ve r s e Leak age C ur r ent
I R
V R=4 .3 V
-
-
0 .5
μA
C lam pi ng Vo ltage ( 8 x20 us ec )
V CL
IPP=5 .0 Am p S
--
11
V
C lam pi ng Vo ltage ( 10x1000 us ec )
V CL
IPP=2 .0 Am p S
--
8 . 5
V
O f f S t ate J unc t i on C apac i tance
C J
0 V d c B i as f = 1M Hz
B e t ween I/O pi ns and pi n 3
-
-
70
pF
PJ M B Z5 V 6 Ma r k i ng U A
PA RA M E TE R
S ym b o l
Te s t C o nd i t i o n
M IN.
TYP.
M A X .
Uni ts
Re ve r s e S t a nd- O ff Vo lt age
V RWM
--
3 . 3
V
Re ve r s e B r eak down Vo ltage
V BR
IBR=1 .0 mA
IBR=2 0 m A
5.32
5.4
5.6
5 . 8 8
V
Re ve r s e Leak age C ur r ent
I R
V R=3 .3 V
-
-
5 .0
μA
C lam p i ng Vo lt age ( 8 x20 us ec )
V CL
IPP =5 .0 Am p S
--
9 . 0
V
C lam p i ng Vo lt age ( 10x1000 us ec )
V CL
IPP =2 .0 Am p S
--
7 . 0
V
O f f S t ate J unc ti on C apac i t anc e
C J
0 V d c B i as f= 1M Hz
B e t ween I/ O pi ns and pi n 3
-
-
90
pF
P J MB Z6 V 8 Ma r k i ng UC
PA RA M E TE R
S ym b o l
Te s t Co nd itio n
M IN .
TYP.
M A X.
Unit s
R e ve r s e S t and- O f f Vo ltage
V RWM
--
5 . 0
V
R e ve r s e B r eak down Vo lt age
V BR
IBR=1 .0 mA
IBR=2 0 mA
6. 46
6. 8
7 . 1 4
7. 30
V
R e ve r s e Leak age C ur r ent
I R
V R=5 .0 V
-
-
0 .5
μA
C lam pi ng Vo ltage ( 8 x20 us ec )
V CL
IPP =5 .0 Am p S
--
1 0
V
C lam pi ng Vo ltage ( 10x1000 us ec )
V CL
IPP =2 .0 Am p S
--
9 . 0
V
O f f S t at e J unc t i on C apac i tanc e
C J
0 V d c B i as f = 1M Hz
B e tween I/ O pi ns and pi n 3
-
-
100
pF


Similar Part No. - PJMBZ5V6_10

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJMBZ5V6-AU PANJIT-PJMBZ5V6-AU Datasheet
219Kb / 6P
   DUAL TVS FOR ESD / TRANSIENT PROTECTION
PJMBZ5V6-AU_A0_00001 PANJIT-PJMBZ5V6-AU_A0_00001 Datasheet
219Kb / 6P
   DUAL TVS FOR ESD / TRANSIENT PROTECTION
PJMBZ5V6-AU_A0_10001 PANJIT-PJMBZ5V6-AU_A0_10001 Datasheet
219Kb / 6P
   DUAL TVS FOR ESD / TRANSIENT PROTECTION
PJMBZ5V6-AU_A1_00001 PANJIT-PJMBZ5V6-AU_A1_00001 Datasheet
219Kb / 6P
   DUAL TVS FOR ESD / TRANSIENT PROTECTION
PJMBZ5V6-AU_A1_10001 PANJIT-PJMBZ5V6-AU_A1_10001 Datasheet
219Kb / 6P
   DUAL TVS FOR ESD / TRANSIENT PROTECTION
More results

Similar Description - PJMBZ5V6_10

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJMBZ15V PANJIT-PJMBZ15V Datasheet
95Kb / 3P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ15V-AU PANJIT-PJMBZ15V-AU Datasheet
223Kb / 5P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ15VD PANJIT-PJMBZ15VD Datasheet
42Kb / 2P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ5V6 PANJIT-PJMBZ5V6 Datasheet
102Kb / 5P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ5V6-AU PANJIT-PJMBZ5V6-AU Datasheet
219Kb / 6P
   DUAL TVS FOR ESD / TRANSIENT PROTECTION
PJSOT05 PANJIT-PJSOT05_05 Datasheet
109Kb / 3P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
PJSOT PANJIT-PJSOT Datasheet
57Kb / 4P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
logo
Unisonic Technologies
SOT05C UTC-SOT05C Datasheet
80Kb / 4P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
logo
Vishay Siliconix
MMBZ6V8DC VISHAY-MMBZ6V8DC Datasheet
37Kb / 2P
   Dual Zener Transient Voltage Suppressor Diodes for ESD Protection
21-May-02
logo
Pan Jit International I...
PJSM6V8TB PANJIT-PJSM6V8TB Datasheet
292Kb / 4P
   BI-DIRECTIONAL TVS/ZENER FOR ESD PROTECTION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com