Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMAJ220 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # P4SMAJ220
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P4SMAJ220 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  P4SMAJ220 Datasheet HTML 1Page - Pan Jit International Inc. P4SMAJ220 Datasheet HTML 2Page - Pan Jit International Inc. P4SMAJ220 Datasheet HTML 3Page - Pan Jit International Inc. P4SMAJ220 Datasheet HTML 4Page - Pan Jit International Inc. P4SMAJ220 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
STAD-SEP.12.2008
P4SMAJ SERIES
r
e
b
m
u
N
t
r
a
P
e
s
r
e
v
e
R
f
f
o
-
d
n
a
t
S
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
g
a
t
l
o
V
t
s
e
T
-
e
r
r
u
C
t
n
e
s
r
e
v
e
R
e
g
a
k
a
e
L
.
x
a
M
p
m
a
l
C
e
g
a
t
l
o
V
k
a
e
P
e
s
l
u
P
t
n
e
r
r
u
C
e
d
o
C
g
n
i
k
r
a
M
VRWM
VBR
I
@
T
IT
I R @VRWM
VC @I PP
I PP
.
n
i
M
.
x
a
M
I
N
U
I
B
I
N
U
I
B
V
V
V
A
m
µ
µ
µ
µ
µ A
µ
µ
µ
µ
µ A
V
A
I
N
U
I
B
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
W
0
0
4
3
4
J
A
M
S
4
P
C
3
4
J
A
M
S
4
P
3
4
8
.
7
4
5
.
0
6
1
1
1
7
.
6
7
2
.
5
S
J
S
V
A
3
4
J
A
M
S
4
P
A
C
3
4
J
A
M
S
4
P
3
4
8
.
7
4
9
.
4
5
1
1
1
4
.
9
6
7
.
5
T
J
T
V
5
4
J
A
M
S
4
P
C
5
4
J
A
M
S
4
P
5
4
0
5
3
.
3
6
1
1
1
3
.
0
8
5
U
J
U
V
A
5
4
J
A
M
S
4
P
A
C
5
4
J
A
M
S
4
P
5
4
0
5
5
.
7
5
1
1
1
7
.
2
7
5
.
5
V
J
V
V
8
4
J
A
M
S
4
P
C
8
4
J
A
M
S
4
P
8
4
3
.
3
5
5
.
7
6
1
1
1
5
.
5
8
7
.
4
W
J
W
V
A
8
4
J
A
M
S
4
P
A
C
8
4
J
A
M
S
4
P
8
4
3
.
3
5
3
.
1
6
1
1
1
4
.
7
7
2
.
5
X
J
X
V
1
5
J
A
M
S
4
P
C
1
5
J
A
M
S
4
P
1
5
7
.
6
5
8
.
1
7
1
1
1
1
.
1
9
4
.
4
Y
J
Y
V
A
1
5
J
A
M
S
4
P
A
C
1
5
J
A
M
S
4
P
1
5
7
.
6
5
2
.
5
6
1
1
1
4
.
2
8
9
.
4
Z
J
Z
V
4
5
J
A
M
S
4
P
C
4
5
J
A
M
S
4
P
4
5
0
6
6
7
1
1
1
3
.
6
9
2
.
4
D
R
D
W
A
4
5
J
A
M
S
4
P
A
C
4
5
J
A
M
S
4
P
4
5
0
6
9
6
1
1
1
1
.
7
8
6
.
4
E
R
E
W
8
5
J
A
M
S
4
P
C
8
5
J
A
M
S
4
P
8
5
4
.
4
6
6
.
1
8
1
1
1
3
0
1
9
.
3
F
R
F
W
A
8
5
J
A
M
S
4
P
A
C
8
5
J
A
M
S
4
P
8
5
4
.
4
6
1
.
4
7
1
1
1
6
.
3
9
3
.
4
G
R
G
W
0
6
J
A
M
S
4
P
C
0
6
J
A
M
S
4
P
0
6
7
.
6
6
5
.
4
8
1
1
1
7
0
1
7
.
3
H
R
H
W
A
0
6
J
A
M
S
4
P
A
C
0
6
J
A
M
S
4
P
0
6
7
.
6
6
7
.
6
7
1
1
1
8
.
6
9
1
.
4
K
R
K
W
4
6
J
A
M
S
4
P
C
4
6
J
A
M
S
4
P
4
6
1
.
1
7
1
.
0
9
1
1
1
4
1
1
5
.
3
L
R
L
W
A
4
6
J
A
M
S
4
P
A
C
4
6
J
A
M
S
4
P
4
6
1
.
1
7
8
.
1
8
1
1
1
3
0
1
9
.
3
M
R
M
W
0
7
J
A
M
S
4
P
C
0
7
J
A
M
S
4
P
0
7
8
.
7
7
6
.
8
9
1
1
1
5
2
1
2
.
3
N
R
N
W
A
0
7
J
A
M
S
4
P
A
C
0
7
J
A
M
S
4
P
0
7
8
.
7
7
5
.
9
8
1
1
1
3
1
1
5
.
3
P
R
P
W
5
7
J
A
M
S
4
P
C
5
7
J
A
M
S
4
P
5
7
3
.
3
8
7
.
5
0
1
1
1
1
4
3
1
3
Q
R
Q
W
A
5
7
J
A
M
S
4
P
A
C
5
7
J
A
M
S
4
P
5
7
3
.
3
8
8
.
5
9
1
1
1
1
2
1
3
.
3
R
R
R
W
8
7
J
A
M
S
4
P
C
8
7
J
A
M
S
4
P
8
7
7
.
6
8
8
.
9
0
1
1
1
1
9
3
1
9
.
2
S
R
S
W
A
8
7
J
A
M
S
4
P
A
C
8
7
J
A
M
S
4
P
8
7
7
.
6
8
7
.
9
9
1
1
1
6
2
1
2
.
2
T
R
T
W
5
8
J
A
M
S
4
P
C
5
8
J
A
M
S
4
P
5
8
4
.
4
9
2
.
9
1
1
1
1
1
1
5
1
6
.
2
U
R
U
W
A
5
8
J
A
M
S
4
P
A
C
5
8
J
A
M
S
4
P
5
8
4
.
4
9
2
.
8
0
1
1
1
1
7
3
1
9
.
2
V
R
V
W
0
9
J
A
M
S
4
P
C
0
9
J
A
M
S
4
P
0
9
0
0
1
5
.
6
2
1
1
1
1
0
6
1
5
.
2
W
R
W
W
A
0
9
J
A
M
S
4
P
A
C
0
9
J
A
M
S
4
P
0
9
0
0
1
5
.
5
1
1
1
1
1
6
4
1
7
.
2
X
R
X
W
0
0
1
J
A
M
S
4
P
C
0
0
1
J
A
M
S
4
P
0
0
1
1
1
1
1
4
1
1
1
1
9
7
1
2
.
2
Y
R
Y
W
A
0
0
1
J
A
M
S
4
P
A
C
0
0
1
J
A
M
S
4
P
0
0
1
1
1
1
8
2
1
1
1
1
2
6
1
5
.
2
Z
R
Z
W
0
1
1
J
A
M
S
4
P
C
0
1
1
J
A
M
S
4
P
0
1
1
2
2
1
5
.
4
5
1
1
1
1
6
9
1
2
D
S
D
X
A
0
1
1
J
A
M
S
4
P
A
C
0
1
1
J
A
M
S
4
P
0
1
1
2
2
1
5
.
0
4
1
1
1
1
7
7
1
3
.
2
E
S
E
X
0
2
1
J
A
M
S
4
P
C
0
2
1
J
A
M
S
4
P
0
2
1
3
3
1
9
6
1
1
1
1
4
1
2
9
.
1
F
S
F
X
A
0
2
1
J
A
M
S
4
P
A
C
0
2
1
J
A
M
S
4
P
0
2
1
3
3
1
3
5
1
1
1
1
3
9
1
2
G
S
G
X
0
3
1
J
A
M
S
4
P
C
0
3
1
J
A
M
S
4
P
0
3
1
4
4
1
5
.
2
8
1
1
1
1
1
3
2
7
.
1
H
S
H
X
A
0
3
1
J
A
M
S
4
P
A
C
0
3
1
J
A
M
S
4
P
0
3
1
4
4
1
5
.
5
6
1
1
1
1
9
0
2
9
.
1
K
S
K
X
0
5
1
J
A
M
S
4
P
C
0
5
1
J
A
M
S
4
P
0
5
1
7
6
1
5
.
1
1
2
1
1
1
8
6
2
5
.
1
L
S
L
X
A
0
5
1
J
A
M
S
4
P
A
C
0
5
1
J
A
M
S
4
P
0
5
1
7
6
1
5
.
2
9
1
1
1
1
3
4
2
6
.
1
M
S
M
X
0
6
1
J
A
M
S
4
P
C
0
6
1
J
A
M
S
4
P
0
6
1
8
7
1
6
2
2
1
1
1
7
8
2
4
.
1
N
S
N
X
A
0
6
1
J
A
M
S
4
P
A
C
0
6
1
J
A
M
S
4
P
0
6
1
8
7
1
5
0
2
1
1
1
9
5
2
5
.
1
P
S
P
X
0
7
1
J
A
M
S
4
P
C
0
7
1
J
A
M
S
4
P
0
7
1
9
8
1
5
.
9
3
2
1
1
1
4
0
3
3
.
1
Q
S
Q
X
A
0
7
1
J
A
M
S
4
P
A
C
0
7
1
J
A
M
S
4
P
0
7
1
9
8
1
5
.
7
1
2
1
1
1
5
7
2
4
.
1
R
S
R
X
0
8
1
J
A
M
S
4
P
C
0
8
1
J
A
M
S
4
P
0
8
1
8
9
1
8
.
3
5
2
1
1
1
2
2
3
2
.
1
S
S
S
Y
A
0
8
1
J
A
M
S
4
P
A
C
0
8
1
J
A
M
S
4
P
0
8
1
8
9
1
4
.
0
3
2
1
1
1
2
9
2
3
.
1
T
S
T
Y
0
9
1
J
A
M
S
4
P
C
0
9
1
J
A
M
S
4
P
0
9
1
9
0
2
9
.
7
6
2
1
1
1
0
4
3
2
.
1
U
S
U
Y
A
0
9
1
J
A
M
S
4
P
A
C
0
9
1
J
A
M
S
4
P
0
9
1
9
0
2
2
.
3
4
2
1
1
1
8
0
3
3
.
1
V
S
V
Y
0
0
2
J
A
M
S
4
P
C
0
0
2
J
A
M
S
4
P
0
0
2
0
2
2
2
8
2
1
1
1
8
5
3
1
.
1
W
S
W
Y
A
0
0
2
J
A
M
S
4
P
A
C
0
0
2
J
A
M
S
4
P
0
0
2
0
2
2
6
5
2
1
1
1
4
2
3
2
.
1
X
S
X
Y
0
1
2
J
A
M
S
4
P
C
0
1
2
J
A
M
S
4
P
0
1
2
1
3
2
1
.
6
9
2
1
1
1
6
7
3
1
.
1
Y
S
Y
Y
A
0
1
2
J
A
M
S
4
P
A
C
0
1
2
J
A
M
S
4
P
0
1
2
1
3
2
8
.
8
6
2
1
1
1
0
4
3
2
.
1
Z
S
Z
Y
0
2
2
J
A
M
S
4
P
C
0
2
2
J
A
M
S
4
P
0
2
2
2
4
2
2
.
0
1
3
1
1
1
4
9
3
1
D
G
D
Z
A
0
2
2
J
A
M
S
4
P
A
C
0
2
2
J
A
M
S
4
P
0
2
2
2
4
2
6
.
1
8
2
1
1
1
6
5
3
1
.
1
E
G
E
Z


Similar Part No. - P4SMAJ220

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4SMAJ220 PANJIT-P4SMAJ220 Datasheet
95Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
logo
Won-Top Electronics
P4SMAJ220 WTE-P4SMAJ220 Datasheet
69Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
P4SMAJ220 PANJIT-P4SMAJ220 Datasheet
110Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Formosa MS
P4SMAJ220 FORMOSA-P4SMAJ220 Datasheet
176Kb / 4P
   SURFACE MOUNT TRANSIENT VOLATAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
P4SMAJ220 SUNMATE-P4SMAJ220 Datasheet
727Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Similar Description - P4SMAJ220

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6SMBJ PANJIT-P6SMBJ_09 Datasheet
145Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
P6SMB PANJIT-P6SMB_09 Datasheet
146Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
SMH5.0A PANJIT-SMH5.0A Datasheet
68Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
SMHN3.3A PANJIT-SMHN3.3A Datasheet
66Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
PJ6.6K48A PANJIT-PJ6.6K48A Datasheet
207Kb / 3P
   POWER SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P6SMA6.8A PANJIT-P6SMA6.8A Datasheet
85Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
PJ66K48A PANJIT-PJ66K48A Datasheet
210Kb / 3P
   POWER SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMA PANJIT-P4SMA_08 Datasheet
173Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com