Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE300 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # P6KE300
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P6KE300 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  P6KE300 Datasheet HTML 1Page - Pan Jit International Inc. P6KE300 Datasheet HTML 2Page - Pan Jit International Inc. P6KE300 Datasheet HTML 3Page - Pan Jit International Inc. P6KE300 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
STAD-DEC.30.2009
2
P6KE SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watts
NOTES:
1. Non-repetitive current pulse, per Fig. 3 and derated above TA=25°C per Fig. 2.
2. Mounted on Copper Leaf area of 1.57 in2 (40mm2).
3. 8.3ms single half sine-wave, duty cycle= 4 pulses per minutes maximum.
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• Typical IR less than 1µA above 10V
• 600W surge capability at 1ms
• Excellent clamping capability
• Low zener impedance
• Fast response time: typically less than 1.0 ps from 0 volts to BV min
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: JEDEC DO-15 Molded plastic
• Terminals: Axial leads, solderable per MIL-STD-750, Method 2026
• Polarity: Color band denoted cathode except Bipolar
• Mounting Position: Any
• Weight: 0.015 ounce, 0.4 gram
MAXIMUM RATINGS AND CHARACTERISTICS
Rating at 25°Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
For Capacitive load derate current by 20%.
.034(.86)
.140(3.6)
.028(.71)
.104(2.6)
DO-15
Unit: inch(mm)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types
Electrical characteristics apply in both directions.
g
n
i
t
a
Rl
o
b
m
y
S
e
u
l
a
Vs
t
i
n
U
T
n
o
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
A
5
2
=
O
T
,
C
P
)
1
e
t
o
N
(
s
m
1
=P
K
P
0
0
6s
t
t
a
W
)
2
e
t
o
N
(
)
m
m
5
.
9
(
,
"
5
7
3
.
s
h
t
g
n
e
L
d
a
e
L
r
i
A
o
t
n
o
i
t
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
T
R
θ A
J
5
4
O
W
/
C
e
v
a
W
-
e
n
i
S
f
l
a
H
e
l
g
n
i
S
s
m
3
.
8
,
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
3
e
t
o
N
(
)
d
o
h
t
e
M
C
E
D
E
J
(
d
a
o
L
d
e
t
a
R
n
o
d
e
s
o
p
m
i
r
e
p
u
S
I
M
S
F
0
0
1s
p
m
A
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
T
J ,T
G
T
S
5
7
1
+
o
t
5
6
-
O C
Recongnized File # E210467
BREAK DOWN VOLTAGE
6.8 to 550 Volts


Similar Part No. - P6KE300

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P6KE300 TSC-P6KE300 Datasheet
185Kb / 4P
   600 Watts Transient Voltage Suppressor
logo
Pan Jit International I...
P6KE300 PANJIT-P6KE300 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Shenzhen Luguang Electr...
P6KE300 LUGUANG-P6KE300 Datasheet
4Mb / 5P
   600 Watts Transient Voltage Suppressor Diodes
P6KE300 LUGUANG-P6KE300 Datasheet
388Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P6KE300 DIOTEC-P6KE300 Datasheet
154Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - P6KE300

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA5.0 PANJIT-SA5.0_08 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
P4KE PANJIT-P4KE_08 Datasheet
104Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com