Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJDLLLC70 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJDLLLC70
Description  Very Low Capacitance Diode Array
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJDLLLC70 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJDLLLC70 Datasheet HTML 1Page - Pan Jit International Inc. PJDLLLC70 Datasheet HTML 2Page - Pan Jit International Inc. PJDLLLC70 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PJDLLLC70
ELECTRICAL CHARACTERISTICS
Tj = 25°C unless otherwise noted
Parameter
Symbol
Min
Units
Conditions
Typical
Max
Reverse Stand-Off Voltage
Reverse Breakdown Voltage
Reverse Leakage Current
Diode Surge Forward Voltage (8/20µs)
Off State Capacitance
VRWM
VBR
I R
FC
V
VFC
C
BR
I
=
R
V =
I
=
pp
I
=
pp
0 Vdc Bias f = 1MHz
Between I/O Line and GND
70
V
85
V
µA
1
2
V
7
V
13
V
pF
1.0
50µA
70V
1 A
5 A
0 Vdc Bias f = 1MHz
Between I/O lines
pF
1.0
VFC
I
=
pp
12 A
T
Diode Surge Forward Voltage (8/20µs)
Diode Surge Forward Voltage (8/20µs)
7/23/2009
Page.2
www.panjit.com


Similar Part No. - PJDLLLC70

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJDLLLC05 PANJIT-PJDLLLC05 Datasheet
316Kb / 3P
   Low Capacitance TVS Diode Array
More results

Similar Description - PJDLLLC70

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSR70TB4 PANJIT-PJSR70TB4 Datasheet
100Kb / 3P
   Very Low Capacitance Diode Array
logo
ON Semiconductor
NUP4301MR6 ONSEMI-NUP4301MR6 Datasheet
57Kb / 4P
   Low Capacitance Diode Array
September, 2014 ??Rev. 7
logo
Pan Jit International I...
PE9180C1A-AU PANJIT-PE9180C1A-AU Datasheet
226Kb / 5P
   Low Capacitance Diode Array
October 6,2022 PE9180C1A-AU-REV.00
PJUSB208 PANJIT-PJUSB208 Datasheet
66Kb / 3P
   Low Capacitance Diode Array
PJUSB208_0610 PANJIT-PJUSB208_0610 Datasheet
451Kb / 4P
   Low Capacitance Diode Array
PJUSB208-AU PANJIT-PJUSB208-AU Datasheet
309Kb / 6P
   LOW CAPACITANCE DIODE ARRAY
PJSR70 PANJIT-PJSR70 Datasheet
72Kb / 3P
   Low Capacitance Diode Array
logo
STMicroelectronics
DALC208 STMICROELECTRONICS-DALC208 Datasheet
185Kb / 14P
   Low capacitance diode array
logo
ON Semiconductor
NUP4304MR6 ONSEMI-NUP4304MR6_12 Datasheet
141Kb / 6P
   Low Capacitance Diode Array
January, 2012 ??Rev. 4
logo
STMicroelectronics
DALC208SC6 STMICROELECTRONICS-DALC208SC6 Datasheet
164Kb / 10P
   LOW CAPACITANCE DIODE ARRAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com