Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZT658 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FZT658
Description  SOT223 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT658 Datasheet(HTML) 1 Page - Diodes Incorporated

  FZT658 Datasheet HTML 1Page - Diodes Incorporated FZT658 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT223 NPN SILICON PLANAR
HIGH VOLTAGE TRANSISTOR
ISSUE 4 - OCTOBER 1995
FEATURES
* 400 Volt VCEO
* Low saturation voltage
COMPLEMENTARY TYPE -
FZT758
PARTMARKING DETAIL -
FZT658
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
400
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current
ICM
1A
Continuous Collector Current
IC
0.5
A
Power Dissipation at Tamb=25°C
Ptot
2W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
MAX.
UNIT
CONDITIONS.
Breakdown Voltage
V(BR)CBO
400
V
IC=100µA
V(BR)CEO
400
V
IC=10mA*
V(BR)EBO
5V
IE=100µA
Collector Cut-Off Current
ICBO
100
nA
VCB=320V
Emitter Cut-Off Current
IEBO
100
nA
VEB=4V
Collector-Emitter
Saturation Voltage
VCE(sat)
0.3
0.25
0.5
V
V
V
IC=20mA, IB=1mA*
IC=50mA, IB=5mA*
IC=100mA, IB=10mA
Base-Emitter
Saturation Voltage
VBE(sat)
0.9
V
IC=100mA, IB=10mA*
Base-Emitter
Turn-On Voltage
VBE(on)
1.0
V
IC=100mA, VCE=5V*
Static Forward Current
Transfer Ratio
hFE
50
50
40
IC=1mA, VCE=5V*
IC=100mA, VCE=5V*
IC=200mA, VCE=10V*
Transition Frequency
fT
50
MHz
IC=10mA, VCE=20V
f=20MHz
Output Capacitance
Cobo
10
pF
VCB=20V, f=1MHz
Switching Times
ton
130
ns
IC=100mA, VCC=100V
IB1=10mA, IB2=-20mA
toff
3300
ns
*Measured under pulsed conditions. Pulse Width=300µs. Duty cycle ≤2%
Spice parameter data is available upon request for this device
FZT658
FZT658
C
C
E
B
C
C
E
B
3 - 216
3 - 215
0.01
0.1
20
110
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.01
0.1
20
110
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.01
0.1
20
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
TYPICAL CHARACTERISTICS
VCE(sat) v IC
I+ -
Collector Current (Amps)
Tamb=25°C
VCE(sat) v IC
I+ -
Collector Current (Amps)
-55°C
+25°C
+100°C
+175°C
+100°C
+25°C
-55°C
I+ -
Collector Current (Amps)
I+ -
Collector Current (Amps)
hFE v IC
VBE(sat) v IC
I+ -
Collector Current (Amps)
VBE(on) v IC
IC/IB=50
IC/IB=10
VCE=10V
VCE=10V
300
200
100
0.001
0.001
0.01
0.1
20
110
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
-55°C
+25°C
+100°C
+175°C
IC/IB=10
0.001
0.001
IC/IB=20
0.01
0.1
20
110
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.001
-55°C
+25°C
+100°C
+175°C
IC/IB=10
1
0.1
Safe Operating Area
VCE- Collector Emitter Voltage (V)
10
100
1s
DC
100ms
10ms
100µs
1ms
1
0.01
1000
0.001


Similar Part No. - FZT658

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT658 ZETEX-FZT658 Datasheet
78Kb / 2P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
FZT658 KEXIN-FZT658 Datasheet
38Kb / 2P
   NPN Silicon Planar High Voltage Transistor
logo
Diodes Incorporated
FZT658 DIODES-FZT658 Datasheet
267Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
FZT658TA DIODES-FZT658TA Datasheet
267Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
FZT658 DIODES-FZT658_15 Datasheet
597Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
More results

Similar Description - FZT658

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT458 DIODES-FZT458 Datasheet
53Kb / 1P
   SOT223 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Zetex Semiconductors
BSP20 ZETEX-BSP20 Datasheet
46Kb / 1P
   SOT223 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BFN38 ZETEX-BFN38 Datasheet
45Kb / 1P
   SOT223 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BFN36 ZETEX-BFN36 Datasheet
44Kb / 1P
   SOT223 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FZT653TA DIODES-FZT653TA Datasheet
108Kb / 2P
   SOT223 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FZT649 DIODES-FZT649 Datasheet
103Kb / 2P
   SOT223 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FZT653 DIODES-FZT653 Datasheet
108Kb / 2P
   SOT223 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FZT655 DIODES-FZT655 Datasheet
102Kb / 2P
   SOT223 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
Zetex Semiconductors
BFN39 ZETEX-BFN39 Datasheet
46Kb / 1P
   SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BSP15 ZETEX-BSP15 Datasheet
45Kb / 1P
   SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com