Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB1966M Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB1966M
Description  Fan Motor 2-Phase Half-Wave Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1966M Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1966M Datasheet HTML 1Page - Sanyo Semicon Device LB1966M Datasheet HTML 2Page - Sanyo Semicon Device LB1966M Datasheet HTML 3Page - Sanyo Semicon Device LB1966M Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LB1966M
No. 6215-1/4
Specification
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
18
V
Allowable power dissipation
Pd max
With specified substrate *
800
mW
Output current
IOUTave
500
mA
IOUTpeak
t
≤ 1 ms
1200
mA
Output withstand voltage
VOUT max
Internal
V
RD output current
IRD max
10
mA
RD output withstand voltage
VRDOUT max
18
V
Operating temperature
Topr
–30 to +85
°C
Storage temperature
Tstg
–55 to +150
°C
* With substrate (114.3
× 76.1 × 1.5 mm3, glass epoxy)
Monolithic Digital IC
LB1966M
Fan Motor 2-Phase Half-Wave Driver
Package Dimensions
unit: mm
3086A-MFP10S
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
63099RM(KI)
Ordering number : EN6215
[LB1966M]
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Features
• Dual power supply voltage design (5/12V) and wide voltage
handling range
• Built-in Hall amplifier with hysteresis (supports core
without commutating pole)
• Built-in lockup protection and automatic recovery circuits
(External capacitor for rotation detection need only be 0.1
µF, allowing compact, cost-saving design)
• Built-in latch-type RD (restraint protection) output (Vosat =
0.2Vtyp at Io = 5 mA)
• Built-in output transistor with output withstand voltage
24Vmin/output current 500 mA (average), 1.2A (peak)
• Built-in thermal protection circuit
• Compact, high-temperature resistant MFP-10 package
reduces external parts count and mounting space, therefore
making this IC support the motors with a wide range of
sizes and speeds.
1
10
5
6
0.55
1.0
0.35
5.1
0.15
SANYO : MFP10S


Similar Part No. - LB1966M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1960M SANYO-LB1960M Datasheet
34Kb / 4P
   Fan Motor 2-Phase Half-Wave Driver
LB1960M SANYO-LB1960M Datasheet
69Kb / 4P
   For Fan Motor 2-phase Half-Wave Driver
LB1960MC SANYO-LB1960MC Datasheet
162Kb / 4P
   2-phase Half-Wave Driver
logo
ON Semiconductor
LB1960MC ONSEMI-LB1960MC Datasheet
135Kb / 4P
   2-phase Half-Wave Driver
May, 2013
logo
Sanyo Semicon Device
LB1960MC-AH SANYO-LB1960MC-AH Datasheet
162Kb / 4P
   2-phase Half-Wave Driver
More results

Similar Description - LB1966M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1960M SANYO-LB1960M Datasheet
34Kb / 4P
   Fan Motor 2-Phase Half-Wave Driver
LB1967M SANYO-LB1967M Datasheet
35Kb / 4P
   Fan Motor 2-Phase Half-Wave Driver
logo
Rohm
BD6706FV ROHM-BD6706FV Datasheet
243Kb / 6P
   2-Phase Half-Wave Motor Driver for Fan Motor
BA6813F ROHM-BA6813F Datasheet
234Kb / 6P
   2-Phase Half-Wave Motor Driver for Fan Motor
BD6701F ROHM-BD6701F Datasheet
225Kb / 5P
   2-Phase Half-Wave Motor Driver for Fan Motor
logo
Sanyo Semicon Device
LB1960M SANYO-LB1960M_08 Datasheet
69Kb / 4P
   For Fan Motor 2-phase Half-Wave Driver
logo
Rohm
BA6901F ROHM-BA6901F Datasheet
127Kb / 10P
   2-Phase half-wave motor pre driver for fan motor
BA6817F ROHM-BA6817F Datasheet
231Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BD6712AF ROHM-BD6712AF Datasheet
229Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6818FS ROHM-BA6818FS Datasheet
237Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com