Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5237BS Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MMSZ5237BS
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMSZ5237BS Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MMSZ5237BS Datasheet HTML 1Page - Pan Jit International Inc. MMSZ5237BS Datasheet HTML 2Page - Pan Jit International Inc. MMSZ5237BS Datasheet HTML 3Page - Pan Jit International Inc. MMSZ5237BS Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
REV.0.2-NOV.3.2009
MMSZ5221BS SERIES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
.078(1.95)
.038(.95)
.107(2.7)
.068(1.75)
.027(.70)
.090(2.3)
.012(.30)MIN.
SOD-323
Unit: inch (mm)
NOTE :
A. Mounted on 5.0mm2(.013mm thick) land areas.
SURFACE MOUNT SILICON ZENER DIODES
VOLTAGE
2.4 to 51 Volts
POWER
200 mWatts
FEATURES
• Planar Die construction
• 200mW Power Dissipation
• Ideally Suited for Automated Assembly Processes
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: SOD-323, Molded Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Polarity: See Diagram Below
• Approx. Weight: 0.0041 grams
• Mounting Position: Any
r
e
t
e
m
a
r
a
Pl
o
b
m
y
S
e
u
l
a
Vs
t
i
n
U
T
@
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
A
5
2
=
o
)
A
e
t
o
N
(
CPD
0
0
2W
m
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
TJ
0
5
1
+
o
t
5
5
-
OC


Similar Part No. - MMSZ5237BS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5237BS PANJIT-MMSZ5237BS Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
MMSZ5237BS LUGUANG-MMSZ5237BS Datasheet
188Kb / 3P
   Surface mount zener diode
logo
Diodes Incorporated
MMSZ5237BS DIODES-MMSZ5237BS Datasheet
61Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS31038 Rev. 5 - 2
logo
Microdiode Electronics ...
MMSZ5237BS CHENDA-MMSZ5237BS Datasheet
375Kb / 4P
   Surface mount zener diode
logo
Diodes Incorporated
MMSZ5237BS DIODES-MMSZ5237BS Datasheet
456Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS31038 Rev. 10 - 2
More results

Similar Description - MMSZ5237BS

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com