Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5228B Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MMBZ5228B
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBZ5228B Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MMBZ5228B Datasheet HTML 1Page - Pan Jit International Inc. MMBZ5228B Datasheet HTML 2Page - Pan Jit International Inc. MMBZ5228B Datasheet HTML 3Page - Pan Jit International Inc. MMBZ5228B Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
June 11.2010-REV.00
MMBZ5221B~MMBZ5262B
SURFACE MOUNT SILICON ZENER DIODES
VOLTAGE
2.4 to 51 Volts
POWER
410 mWatts
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
.120(3.04)
.079(2.00)
.070(1.80)
.004(0.10) MAX.
.008(0.20)
.003(0.08)
NOTES:
A. Mounted on 100mm2(1mm thick) copper areas.
FEATURES
• Planar Die construction
• 410mW Power Dissipation
• Zener Voltages from 2.4V~51V
• Ideally Suited for Automated Assembly Processes
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: SOT-23, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Polarity :See Diagram Below
• Apporx. Weight: 0.0003 ounce, 0.0084 gram
• Mounting Position : Any
Parameter
Symbol
Value
Units
Maximum Power Dissipation (Notes A) at 25OC
PD
410
mW
Operating Junction and StorageTemperature Range
TJ
-55 to +150
OC


Similar Part No. - MMBZ5228B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5228B PANJIT-MMBZ5228B Datasheet
132Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
SHIKUES Electronics
MMBZ5228B SKTECHNOLGY-MMBZ5228B Datasheet
856Kb / 3P
   Planar Die Construction
logo
Galaxy Semi-Conductor H...
MMBZ5228B BILIN-MMBZ5228B Datasheet
219Kb / 5P
   350mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5228B DIODES-MMBZ5228B Datasheet
109Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Fairchild Semiconductor
MMBZ5228B FAIRCHILD-MMBZ5228B Datasheet
204Kb / 6P
   Zeners
More results

Similar Description - MMBZ5228B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com