Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB1916 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LB1916
Description  CD-ROM Spindle Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1916 Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LB1916 Datasheet HTML 1Page - Sanyo Semicon Device LB1916 Datasheet HTML 2Page - Sanyo Semicon Device LB1916 Datasheet HTML 3Page - Sanyo Semicon Device LB1916 Datasheet HTML 4Page - Sanyo Semicon Device LB1916 Datasheet HTML 5Page - Sanyo Semicon Device LB1916 Datasheet HTML 6Page - Sanyo Semicon Device LB1916 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
No. 5653-6/7
LB1916
Pin No.
Pin
Pin voltage
Pin function
Equivalent circuit
9
8
CTRL
φ
CTRL1
0 to VCC2
• Operating mode switching input
• These pins select control, acceleration, or deceleration according
to the mode switching truth table.
6
S/S
0 to VCC2
• Apply a high level to the S/S pin for start, and a low level for stop.
• The threshold is VCC2/2.
5
FC
• Oscillation can be prevented by connecting a capacitor between
the FC pin and ground to lower the I/O gain frequency
characteristics.
2
1
34
33
32
31
WIN2
WIN1
VIN1
VIN2
UIN2
UIN1
1.3 to 2.2 V
• W phase Hall element inputs
Logic high is when WIN1 > WIN2.
• V phase Hall element inputs
Logic high is when VIN1 > VIN2.
• U phase Hall element inputs
Logic high is when UIN1 > UIN2.
30
29
VH+
VH
2.4 V
1.4 V
• Hall element power supply
There is a potential difference of 1.0 V between VH+ and VH.
Continued from preceding page.
Continued on next page.


Similar Part No. - LB1916

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LB191 SEOUL-LB191 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LB191 SEOUL-LB191 Datasheet
360Kb / 13P
   CYAN LAMP LED
LB191 SEOUL-LB191 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LB191 SEOUL-LB191 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LB191 SEOUL-LB191 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LB1916

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6855AFM ROHM-BA6855AFM Datasheet
131Kb / 8P
   CD-ROM spindle motor driver
BD6669FV ROHM-BD6669FV Datasheet
213Kb / 17P
   3Phase spindle motor driver for CD-ROM
BD6665FM ROHM-BD6665FM Datasheet
218Kb / 2P
   Spindle motor driver IC for CD-ROM/RW
logo
Renesas Technology Corp
PD16856 RENESAS-PD16856_15 Datasheet
229Kb / 18P
   MONOLITHIC CD-ROM 3-PHASE SPINDLE MOTOR DRIVER
logo
Sanyo Semicon Device
LB11975 SANYO-LB11975 Datasheet
118Kb / 12P
   High-Speed CD-ROM Spindle Motor Driver IC
logo
NEC
UPD16856 NEC-UPD16856 Datasheet
102Kb / 16P
   MONOLITHIC CD-ROM 3-PHASE SPINDLE MOTOR DRIVER
logo
Silan Microelectronics ...
SA5664 SILAN-SA5664 Datasheet
263Kb / 12P
   3-PHASE SPINDLE MOTOR DRIVER FOR CD-ROM
logo
NEC
UPD16882 NEC-UPD16882 Datasheet
190Kb / 20P
   MONOLITHIC CD-ROM/DVD-ROM 3-PHASE SPINDLE MOTOR DRIVER
logo
Sanyo Semicon Device
LB11996 SANYO-LB11996 Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
LB1998 SANYO-LB1998 Datasheet
91Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com