Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GDZJ30A Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # GDZJ30A
Description  AXIAL LEAD ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GDZJ30A Datasheet(HTML) 2 Page - Pan Jit International Inc.

  GDZJ30A Datasheet HTML 1Page - Pan Jit International Inc. GDZJ30A Datasheet HTML 2Page - Pan Jit International Inc. GDZJ30A Datasheet HTML 3Page - Pan Jit International Inc. GDZJ30A Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
STAD-JUN.27.2008
r
e
b
m
u
N
t
r
a
P
e
g
a
t
l
o
V
r
e
n
e
Z
l
a
n
i
m
o
Ne
c
n
a
d
e
p
m
I
r
e
n
e
Z
.
x
a
M
e
s
r
e
v
e
R
x
a
M
t
n
e
r
r
u
C
e
g
a
k
a
e
L
g
n
i
k
r
a
M
e
d
o
C
V Z @IZT
ZZT @I ZT
ZZK @I ZK
IR @VR
V
.
m
o
NV
.
n
i
MV
.
x
a
M
A
m
A
m
µA
V
s
e
d
o
i
D
r
e
n
e
Z
W
m
0
0
5
A
0
.
2
J
Z
D
G2
8
8
.
11
.
20
0
15
0
0
0
15
.
00
2
15
.
00
A
2
Z
B
0
.
2
J
Z
D
G2
2
0
.
22
.
20
0
15
0
0
0
15
.
00
2
15
.
00
B
2
Z
A
2
.
2
J
Z
D
G2
.
22
1
.
23
.
20
0
15
0
0
0
15
.
00
2
17
.
02
A
2
Z
B
2
.
2
J
Z
D
G2
.
22
2
.
21
4
.
20
0
15
0
0
0
15
.
00
2
17
.
02
B
2
Z
A
4
.
2
J
Z
D
G4
.
23
3
.
22
5
.
20
0
15
0
0
0
15
.
00
2
11
4
A
2
Z
B
4
.
2
J
Z
D
G4
.
23
4
.
23
6
.
20
0
15
0
0
0
15
.
00
2
11
4
B
2
Z
A
7
.
2
J
Z
D
G7
.
24
5
.
25
7
.
20
1
15
0
0
0
15
.
00
2
11
7
A
2
Z
B
7
.
2
J
Z
D
G7
.
29
6
.
21
9
.
20
1
15
0
0
0
15
.
00
2
11
7
B
2
Z
A
0
.
3
J
Z
D
G0
.
35
8
.
27
0
.
30
2
15
0
0
0
15
.
00
51
0
A
3
Z
B
0
.
3
J
Z
D
G0
.
31
0
.
32
2
.
30
2
15
0
0
0
15
.
00
51
0
B
3
Z
A
3
.
3
J
Z
D
G3
.
36
1
.
38
3
.
30
2
15
0
0
0
15
.
00
21
3
A
3
Z
B
3
.
3
J
Z
D
G3
.
32
3
.
33
5
.
30
2
15
0
0
0
15
.
00
21
3
B
3
Z
A
6
.
3
J
Z
D
G6
.
36
4
.
37
.
30
0
15
0
0
0
11
0
11
6
A
3
Z
B
6
.
3
J
Z
D
G6
.
36
.
35
8
.
30
0
15
0
0
0
11
0
11
6
B
3
Z
A
9
.
3
J
Z
D
G9
.
34
7
.
31
0
.
40
0
15
0
0
0
11
5
1
9
A
3
Z
B
9
.
3
J
Z
D
G9
.
39
8
.
36
1
.
40
0
15
0
0
0
11
5
1
9
B
3
Z
A
3
.
4
J
Z
D
G3
.
44
0
.
49
2
.
40
0
15
0
0
0
11
5
1
3
A
4
Z
B
3
.
4
J
Z
D
G3
.
47
1
.
43
4
.
40
0
15
0
0
0
11
5
1
3
B
4
Z
C
3
.
4
J
Z
D
G3
.
43
.
47
5
.
40
0
15
0
0
0
11
5
1
3
C
4
Z
A
7
.
4
J
Z
D
G7
.
44
4
.
48
6
.
40
95
0
0
91
5
1
7
A
4
Z
B
7
.
4
J
Z
D
G7
.
45
5
.
48
.
40
95
0
0
91
5
1
7
B
4
Z
C
7
.
4
J
Z
D
G7
.
48
6
.
43
9
.
40
95
0
0
91
5
1
7
C
4
Z
A
1
.
5
J
Z
D
G1
.
51
8
.
47
0
.
50
85
0
0
81
5
5
.
11
A
5
Z
B
1
.
5
J
Z
D
G1
.
54
9
.
42
.
50
85
0
0
81
5
5
.
11
B
5
Z
C
1
.
5
J
Z
D
G1
.
59
0
.
57
3
.
50
85
0
0
81
5
5
.
11
C
5
Z
A
6
.
5
J
Z
D
G6
.
58
2
.
55
5
.
50
65
0
0
51
5
5
.
26
A
5
Z
B
6
.
5
J
Z
D
G6
.
55
4
.
53
7
.
50
65
0
0
51
5
5
.
26
B
5
Z
C
6
.
5
J
Z
D
G6
.
51
6
.
51
9
.
50
65
0
0
51
5
5
.
26
C
5
Z
A
2
.
6
J
Z
D
G2
.
68
7
.
59
0
.
60
65
0
0
31
5
3
2
A
6
Z
B
2
.
6
J
Z
D
G2
.
66
9
.
57
2
.
60
65
0
0
31
5
3
2
B
6
Z
C
2
.
6
J
Z
D
G2
.
62
1
.
64
4
.
60
65
0
0
31
5
3
2
C
6
Z
A
8
.
6
J
Z
D
G8
.
69
2
.
63
6
.
60
25
0
5
15
.
02
5
.
38
A
6
Z
B
8
.
6
J
Z
D
G8
.
69
4
.
63
8
.
60
25
0
5
15
.
02
5
.
38
B
6
Z
C
8
.
6
J
Z
D
G8
.
66
6
.
61
0
.
70
25
0
5
15
.
02
5
.
38
C
6
Z
A
5
.
7
J
Z
D
G5
.
75
8
.
62
2
.
70
25
0
2
15
.
05
.
04
5
A
7
Z
B
5
.
7
J
Z
D
G5
.
77
0
.
75
4
.
70
25
0
2
15
.
05
.
04
5
B
7
Z
C
5
.
7
J
Z
D
G5
.
79
2
.
77
6
.
70
25
0
2
15
.
05
.
04
5
C
7
Z
A
2
.
8
J
Z
D
G2
.
83
5
.
72
9
.
70
25
0
2
15
.
05
.
05
2
A
8
Z
B
2
.
8
J
Z
D
G2
.
88
7
.
79
1
.
80
25
0
2
15
.
05
.
05
2
B
8
Z
C
2
.
8
J
Z
D
G2
.
83
0
.
85
4
.
80
25
0
2
15
.
05
.
05
2
C
8
Z
A
1
.
9
J
Z
D
G1
.
99
2
.
83
7
.
85
25
0
2
15
.
05
.
06
1
A
9
Z
B
1
.
9
J
Z
D
G1
.
97
5
.
81
0
.
95
25
0
2
15
.
05
.
06
1
B
9
Z
C
1
.
9
J
Z
D
G1
.
93
8
.
83
.
95
25
0
2
15
.
05
.
06
1
C
9
Z
A
0
1
J
Z
D
G0
12
1
.
99
5
.
90
35
0
2
15
.
02
.
07
A
0
1
Z
B
0
1
J
Z
D
G0
11
4
.
99
.
90
35
0
2
15
.
02
.
07
B
0
1
Z
C
0
1
J
Z
D
G0
17
.
92
.
0
10
35
0
2
15
.
02
.
07
C
0
1
Z
D
0
1
J
Z
D
G0
14
9
.
94
4
.
0
10
35
0
2
15
.
02
.
07
D
0
1
Z
A
1
1
J
Z
D
G1
18
1
.
0
11
7
.
0
10
35
0
2
15
.
02
.
08
A
1
1
Z
B
1
1
J
Z
D
G1
15
.
0
15
0
.
1
10
35
0
2
15
.
02
.
08
B
1
1
Z
C
1
1
J
Z
D
G1
12
8
.
0
18
3
.
1
10
35
0
2
15
.
02
.
08
C
1
1
Z


Similar Part No. - GDZJ30A

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
GDZJ30A FRONTIER-GDZJ30A Datasheet
123Kb / 4P
   500m WATT ZENER DIODE
More results

Similar Description - GDZJ30A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GDZ2.0 PANJIT-GDZ2.0 Datasheet
66Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Weitron Technology
BZX85C WEITRON-BZX85C Datasheet
870Kb / 4P
   Axial Lead Zener Diodes
logo
Anova Technologies CO.,...
2EZ5.6D5 ANOVA-2EZ5.6D5 Datasheet
245Kb / 3P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
BZX55C2V4 PANJIT-BZX55C2V4 Datasheet
80Kb / 3P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
1N4728A ANOVA-1N4728A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
1N5919B ANOVA-1N5919B Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
GDZJ2.0 PANJIT-GDZJ2.0 Datasheet
146Kb / 5P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
3EZ5.6D5 ANOVA-3EZ5.6D5 Datasheet
251Kb / 3P
   Axial Lead Zener Diodes
logo
Weitron Technology
1N4728A WEITRON-1N4728A_10 Datasheet
2Mb / 4P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
BZX55-C PANJIT-BZX55-C Datasheet
126Kb / 4P
   AXIAL LEAD ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com