Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GLZ9.1A Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # GLZ9.1A
Description  SURFACE MOUNT ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GLZ9.1A Datasheet(HTML) 2 Page - Pan Jit International Inc.

  GLZ9.1A Datasheet HTML 1Page - Pan Jit International Inc. GLZ9.1A Datasheet HTML 2Page - Pan Jit International Inc. GLZ9.1A Datasheet HTML 3Page - Pan Jit International Inc. GLZ9.1A Datasheet HTML 4Page - Pan Jit International Inc. GLZ9.1A Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
STAD-JUL.30.2009
GLZ2.0~GLZ56
r
e
b
m
u
N
t
r
a
P
e
g
a
t
l
o
V
r
e
n
e
Z
l
a
n
i
m
o
Ne
c
n
a
d
e
p
m
I
r
e
n
e
Z
.
x
a
M
e
s
r
e
v
e
R
x
a
M
t
n
e
r
r
u
C
e
g
a
k
a
e
L
g
n
i
k
r
a
M
e
d
o
C
V Z @IZT
ZZT @I ZT
ZZK @I ZK
IR @VR
V
.
m
o
NV
.
n
i
MV
.
x
a
M
A
m
A
m
µA
V
s
e
d
o
i
D
r
e
n
e
Z
W
m
0
0
5
A
0
.
2
Z
L
G2
8
8
.
11
.
20
4
10
20
0
0
21
0
2
15
.
00
A
2
B
0
.
2
Z
L
G2
2
0
.
22
.
20
4
10
20
0
0
21
0
2
15
.
00
B
2
A
2
.
2
Z
L
G2
.
22
1
.
23
.
20
2
10
20
0
0
21
0
2
17
.
02
A
2
B
2
.
2
Z
L
G2
.
22
2
.
21
4
.
20
2
10
20
0
0
21
0
2
17
.
02
B
2
A
4
.
2
Z
L
G4
.
23
3
.
22
5
.
20
0
10
20
0
0
21
0
2
11
4
A
2
B
4
.
2
Z
L
G4
.
23
4
.
23
6
.
20
0
10
20
0
0
21
0
2
11
4
B
2
A
7
.
2
Z
L
G7
.
24
5
.
25
7
.
20
0
10
20
0
0
11
0
2
117
A
2
B
7
.
2
Z
L
G7
.
29
6
.
21
9
.
20
0
10
20
0
0
11
0
2
117
B
2
A
0
.
3
Z
L
G3
5
8
.
27
0
.
30
80
20
0
0
11
0
51
0
A
3
B
0
.
3
Z
L
G3
1
0
.
32
2
.
30
80
20
0
0
11
0
51
0
B
3
A
3
.
3
Z
L
G3
.
36
1
.
38
3
.
30
70
20
0
0
11
0
21
3
A
3
B
3
.
3
Z
L
G3
.
32
3
.
33
5
.
30
70
20
0
0
11
0
21
3
B
3
A
6
.
3
Z
L
G6
.
36
4
.
37
.
30
60
20
0
0
11
0
11
6
A
3
B
6
.
3
Z
L
G6
.
36
.
35
8
.
30
60
20
0
0
11
0
11
6
B
3
A
9
.
3
Z
L
G9
.
34
7
.
31
0
.
40
50
20
0
0
11
5
1
9
A
3
B
9
.
3
Z
L
G9
.
39
8
.
36
1
.
40
50
20
0
0
11
5
1
9
B
3
A
3
.
4
Z
L
G3
.
44
0
.
49
2
.
40
40
20
0
0
11
5
1
3
A
4
B
3
.
4
Z
L
G3
.
47
1
.
43
4
.
40
40
20
0
0
11
5
1
3
B
4
C
3
.
4
Z
L
G3
.
43
.
47
5
.
40
40
20
0
0
11
5
1
3
C
4
A
7
.
4
Z
L
G7
.
44
4
.
48
6
.
45
20
20
0
91
5
1
7
A
4
B
7
.
4
Z
L
G7
.
45
5
.
40
8
.
45
20
20
0
91
5
1
7
B
4
C
7
.
4
Z
L
G7
.
48
6
.
43
9
.
45
20
20
0
91
5
1
7
C
4
A
1
.
5
Z
L
G1
.
51
8
.
47
0
.
50
20
20
0
81
5
5
.
11
A
5
B
1
.
5
Z
L
G1
.
54
9
.
42
.
50
20
20
0
81
5
5
.
11
B
5
C
1
.
5
Z
L
G1
.
59
0
.
57
3
.
50
20
20
0
81
5
5
.
11
C
5
A
6
.
5
Z
L
G6
.
58
2
.
55
5
.
53
10
20
0
51
5
5
.
26
A
5
B
6
.
5
Z
L
G6
.
55
4
.
53
7
.
53
10
20
0
51
5
5
.
26
B
5
C
6
.
5
Z
L
G6
.
51
6
.
51
9
.
53
10
20
0
51
5
5
.
26
C
5
A
2
.
6
Z
L
G2
.
68
7
.
59
0
.
60
10
20
0
31
5
3
2
A
6
B
2
.
6
Z
L
G2
.
66
9
.
57
2
.
60
10
20
0
31
5
3
2
B
6
C
2
.
6
Z
L
G2
.
62
1
.
64
4
.
60
10
20
0
31
5
3
2
C
6
A
8
.
6
Z
L
G8
.
69
2
.
63
6
.
68
0
20
5
15
.
02
5
.
38
A
6
B
8
.
6
Z
L
G8
.
69
4
.
63
8
.
68
0
20
5
15
.
02
5
.
38
B
6
C
8
.
6
Z
L
G8
.
66
6
.
61
0
.
78
0
20
5
15
.
02
5
.
38
C
6
A
5
.
7
Z
L
G5
.
75
8
.
62
2
.
78
0
20
2
15
.
05
.
04
5
A
7
B
5
.
7
Z
L
G5
.
77
0
.
75
4
.
78
0
20
2
15
.
05
.
04
5
B
7
C
5
.
7
Z
L
G5
.
79
2
.
77
6
.
78
0
20
2
15
.
05
.
04
5
C
7
A
2
.
8
Z
L
G2
.
83
5
.
72
9
.
78
0
20
2
15
.
05
.
05
2
A
8
B
2
.
8
Z
L
G2
.
88
7
.
79
1
.
88
0
20
2
15
.
05
.
05
2
B
8
C
2
.
8
Z
L
G2
.
83
0
.
85
4
.
88
0
20
2
15
.
05
.
05
2
C
8
A
1
.
9
Z
L
G1
.
99
2
.
83
7
.
88
0
20
2
15
.
05
.
06
1
A
9
B
1
.
9
Z
L
G1
.
97
5
.
81
0
.
98
0
20
2
15
.
05
.
06
1
B
9
C
1
.
9
Z
L
G1
.
93
8
.
83
.
98
0
20
2
15
.
05
.
06
1
C
9
A
0
1
Z
L
G0
12
1
.
99
5
.
98
0
20
2
15
.
02
.
07
A
0
1
B
0
1
Z
L
G0
11
4
.
99
.
98
0
20
2
15
.
02
.
07
B
0
1
C
0
1
Z
L
G0
17
.
92
.
0
18
0
20
2
15
.
02
.
07
C
0
1
D
0
1
Z
L
G0
14
9
.
94
4
.
0
18
0
20
2
15
.
02
.
07
D
0
1
A
1
1
Z
L
G1
18
1
.
0
11
7
.
0
10
10
10
2
15
.
02
.
08
A
1
1
B
1
1
Z
L
G1
15
.
0
15
0
.
1
10
10
10
2
15
.
02
.
08
B
1
1
C
1
1
Z
L
G1
12
8
.
0
18
3
.
1
10
10
10
2
15
.
02
.
08
C
1
1


Similar Part No. - GLZ9.1A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
GLZ9.1A EIC-GLZ9.1A Datasheet
44Kb / 3P
   ZENER DIODES
logo
Frontier Electronics.
GLZ9.1A FRONTIER-GLZ9.1A Datasheet
124Kb / 4P
   500mW MINI MELF ZENER DIODE
GLZ9.1A-LFR FRONTIER-GLZ9.1A-LFR Datasheet
123Kb / 4P
   500mW MINI MELF ZENER DIODE
More results

Similar Description - GLZ9.1A

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com