Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

200UDP1T1A1M6RE Datasheet(PDF) 1 Page - E-SWITCH

Part # 200UDP1T1A1M6RE
Description  Electrical Rating: 0.4VA, 20V Max. (AC or DC)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

200UDP1T1A1M6RE Datasheet(HTML) 1 Page - E-SWITCH

  200UDP1T1A1M6RE Datasheet HTML 1Page - E-SWITCH 200UDP1T1A1M6RE Datasheet HTML 2Page - E-SWITCH 200UDP1T1A1M6RE Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.e-switch.com
800.867.2717
RoHS
1
SPECIFICATIONS
PART NUMBER CONFIGURATOR
200U SERIES
FEATURES & BENEFITS
Networking
Medical
Handheld Devices
Instrumentation
APPLICATIONS / MARKETS
Telecommunication
Electrical Rating:
0.4VA, 20V Max. (AC or DC)
Life Expectancy:
40,000 Cycles
Contact Resistance:
100mΩ Max.
Insulation Resistance:
500MΩ Min. at 500VDC
Dielectric Strength:
500VDC for 1 Minute
Operating Temperature:
-30°C to 85°C
Single and Double Pole Functions:
On-On
On-Off-On
Off-On
Specifications subject to change without notice
200U
SP1
- On-None-On
SP3
- On-Off-On
SP9
- Off-None-On
DP1
- On-None-On
DP3
- On-Off-On
DP9
- Off-None-On
T1
- 3.80 High
A1
- 1.60 High
M2
- PC Through Hole
M6
- Right Angle
PC Through Hole
M7
- Vertical Right Angle
PC Through Hole
R
- Gold
E
- Epoxy
Series
Model No.
Actuator
Bushing
Terminal
Contact Material
Seal
• Ultraminiature in size
• Variety of functions
• PCB Mounting - vertical or right angle mounting options
• Sealed to IP67


Similar Part No. - 200UDP1T1A1M6RE

ManufacturerPart #DatasheetDescription
logo
Make-Ps
200UFR MAKE-PS-200UFR Datasheet
200Kb / 4P
   Single & Dual Output DC/DC Converter
logo
RUBYCON CORPORATION
200USG1000MEFCSN25X35 RUBYCON-200USG1000MEFCSN25X35 Datasheet
193Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 200UDP1T1A1M6RE

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST711059 E-SWITCH-ST711059 Datasheet
130Kb / 1P
   RATING: 0.4VA MAX. @20V MAX. AC OR DC
ST711055 E-SWITCH-ST711055 Datasheet
113Kb / 1P
   RATING: 0.4VA MAX. @20V MAX. AC OR DC
ST711057 E-SWITCH-ST711057 Datasheet
115Kb / 1P
   RATING: 0.4VA MAX. @20V MAX. AC OR DC
ST750101 E-SWITCH-ST750101 Datasheet
119Kb / 1P
   RATING: 0.4 VOLT-AMPS MAX. @20V MAX AC OR DC
logo
CUI INC
PD-40 CUI-PD-40 Datasheet
26Kb / 1P
   RATING 20V DC 7.5A CONTACT RESISTANCE : 30m OHMS MAX
logo
FCI connector
10114826 FCI-CONNECTOR-10114826 Datasheet
72Kb / 1P
   SPECIFICATIONS CURRENT RATING 1A AC DC
logo
Nihon Kaiheiki Industry...
KB15SKW01-05-A NKK-KB15SKW01-05-A Datasheet
449Kb / 13P
   0.4VA maximum 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A 20mV ~ 28V)
logo
Good Will Instrument Co...
GPT-12000 GWINSTEK-GPT-12000 Datasheet
1Mb / 2P
   AC/DC/IR/GB Electrical Safety Analyzer
logo
CUI INC
PJ-042 CUI-PJ-042 Datasheet
252Kb / 1P
   SPECIFICATIONS: RATING : 16V DC 2.5A CONTACT RESISTANCE : 50m OHMS MAX
logo
AIMTEC
AMEPR60C-AZ AIMTEC-AMEPR60C-AZ_16 Datasheet
645Kb / 13P
   AC-DC Constant Current or Constant
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com