Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ER1001AFCT Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # ER1001AFCT
Description  SUPERFAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ER1001AFCT Datasheet(HTML) 1 Page - Pan Jit International Inc.

  ER1001AFCT Datasheet HTML 1Page - Pan Jit International Inc. ER1001AFCT Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
May 5,2010-REV.02
ER1000FCT~ER1006FCT
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of MIL-S-19500/228
• Low power loss, high efficiency.
• Low forwrd voltge, high current capability
• High surge capacity.
• Super fast recovery times, high voltage.
• In compliance with EU RoHS 2002/95/EC directives
SUPERFAST RECOVERY RECTIFIERS
NOTES:
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
2. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A.
3. Both Bonding and Chip structure are available.
.027(.67)
.022(.57)
VOLTAGE
50 to 600 Volts
10 Amperes
CURRENT
MECHANICAL DATA
• Case: ITO-220AB Molded plastic
• Terminals: Lead solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Standard packaging: Any
• Weight: 0.0655 ounces, 1.859grams.
MAXIMUM RATING AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
PA RA M E TE R
S YMB OL ER1000FCT ER1001FCT ER1001AFCT E R1002FC T E R1003FC T ER1004FC T ER1006F CT UNITS
Maxi mum Re curre nt P e ak Re ve rs e Vo ltag e
V
RRM
50
10 0
1 50
200
3 0 0
400
60 0
V
Maxi mum RM S Vo ltag e
V
RMS
35
70
1 0 5
1 4 0
2 1 0
2 80
420
V
Maxi mum D C B lo c k i ng Vo lta g e
V
DC
50
10 0
1 50
200
3 0 0
400
60 0
V
Maxi mum A vera g e Fo rwa rd C urre nt at Tc = 1 00OCI
F( AV )
10.0
A
P e a k F o rwa rd S urg e C urre nt, 8 .3 ms s i ng le ha lf s i ne -wa ve
superim p o s ed on ra te d lo a d (J E D E C me tho d )
I
FS M
15 0
A
M a xi m um Fo rward Vo lta ge at 5 A , per element
V
F
0 .95
1.30
1.7
V
M a xi m um DC Re ve rs e Curre nt a t T
J =2 5
OC
Ra te d D C B loc k i ng Vo lta geT
J =1 0 0
OC
I
R
1.0
50 0
μA
M a xi m um Re ve rs e Re c o ve ry Ti m e (No te 2 )
t
rr
35
50
ns
Typi c a l J unc ti o n ca pac i ta nc e (Note 1)
C
J
62
pF
Typ i ca l Thermal Re si sta nce
R
θJC
3.0
OC /
W
Opera ti ng Junc ti o n and S to rage Te m p erature Ra ng e
T
J ,T STG
-5 5 to + 1 50
OC


Similar Part No. - ER1001AFCT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER1001AFCT PANJIT-ER1001AFCT Datasheet
57Kb / 2P
   ISOLATION SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 400 Volts CURRENT - 10.0 Amperes)
logo
Won-Top Electronics
ER1001AFCT WTE-ER1001AFCT Datasheet
48Kb / 3P
   10A ISOLATION SUPER-FAST GLASS PASSIVATED RECTIFIER
ER1001AFCT WTE-ER1001AFCT Datasheet
56Kb / 4P
   10A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
logo
Pan Jit International I...
ER1001AFCT PANJIT-ER1001AFCT Datasheet
54Kb / 2P
   ISOLATION SUPERFAST RECOVERY RECTIFIERS
More results

Similar Description - ER1001AFCT

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
ER100 TRSYS-ER100 Datasheet
198Kb / 3P
   SUPERFAST RECOVERY RECTIFIERS
ER100S TRSYS-ER100S Datasheet
147Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
ER800 TRSYS-ER800 Datasheet
164Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
ER100 PANJIT-ER100_09 Datasheet
47Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
SF31 HY-SF31 Datasheet
38Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
EDT302S PANJIT-EDT302S Datasheet
415Kb / 5P
   SUPERFAST RECOVERY RECTIFIERS
MURC4JI PANJIT-MURC4JI Datasheet
176Kb / 4P
   SUPERFAST RECOVERY RECTIFIERS
ED602CS PANJIT-ED602CS_04 Datasheet
48Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SF51 SEMTECH_ELEC-SF51 Datasheet
309Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
SF11 SEMTECH_ELEC-SF11 Datasheet
204Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
ED802CT PANJIT-ED802CT_04 Datasheet
39Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com