Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84B39W Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BZX84B39W
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BZX84B39W Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BZX84B39W Datasheet HTML 1Page - Pan Jit International Inc. BZX84B39W Datasheet HTML 2Page - Pan Jit International Inc. BZX84B39W Datasheet HTML 3Page - Pan Jit International Inc. BZX84B39W Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
REV.0.2-OCT.5.2009
BZX84B2V4W SERIES
r
e
b
m
u
N
t
r
a
P
e
g
a
t
l
o
V
r
e
n
e
Z
l
a
n
i
m
o
Ne
c
n
a
d
e
p
m
I
r
e
n
e
Z
.
x
a
M
e
s
r
e
v
e
R
x
a
M
t
n
e
r
r
u
C
e
g
a
k
a
e
L
g
n
i
k
r
a
M
e
d
o
C
V Z @IZT
ZZT @IZT
ZZK @IZK
IR @VR
V
.
m
o
NV
.
n
i
MV
.
x
a
M
Ω
A
m
Ω
A
m
μA
V
s
e
d
o
i
D
r
e
n
e
Z
s
t
t
a
W
m
0
0
2
W
4
V
2
B
4
8
X
Z
B4
.
25
3
.
25
4
.
20
0
10
.
50
0
60
0
.
10
50
.
11
W
W
7
V
2
B
4
8
X
Z
B7
.
24
6
.
25
7
.
20
0
10
.
50
0
60
0
.
10
20
.
12
W
W
3
B
4
8
X
Z
B0
.
34
9
.
26
0
.
35
90
.
50
0
60
0
.
10
10
.
13
W
W
3
V
3
B
4
8
X
Z
B3
.
33
2
.
37
3
.
35
90
.
50
0
60
0
.
10
.
50
.
14
W
W
6
V
3
B
4
8
X
Z
B6
.
32
5
.
37
6
.
30
90
.
50
0
60
0
.
10
.
50
.
15
W
W
9
V
3
B
4
8
X
Z
B9
.
32
8
.
38
9
.
30
90
.
50
0
60
0
.
10
.
30
.
16
W
W
3
V
4
B
4
8
X
Z
B3
.
41
2
.
49
3
.
40
90
.
50
0
60
0
.
10
.
30
.
17
W
W
7
V
4
B
4
8
X
Z
B7
.
41
6
.
49
7
.
40
80
.
50
0
50
0
.
10
.
30
.
28
W
W
1
V
5
B
4
8
X
Z
B1
.
50
0
.
50
2
.
50
60
.
50
8
40
0
.
10
.
20
.
29
W
W
6
V
5
B
4
8
X
Z
B6
.
59
4
.
51
7
.
50
40
.
50
0
40
0
.
10
.
10
.
2A
W
W
2
V
6
B
4
8
X
Z
B2
.
68
0
.
62
3
.
60
10
.
50
5
10
0
.
10
.
30
.
4B
W
W
8
V
6
B
4
8
X
Z
B8
.
66
6
.
64
9
.
65
10
.
50
80
0
.
10
.
20
.
4C
W
W
5
V
7
B
4
8
X
Z
B5
.
75
3
.
75
6
.
75
10
.
50
80
0
.
10
.
10
.
5D
W
W
2
V
8
B
4
8
X
Z
B2
.
84
0
.
86
3
.
85
10
.
50
80
0
.
17
.
00
.
5E
W
W
7
V
8
B
4
8
X
Z
B7
.
83
5
.
87
8
.
85
10
.
50
0
10
0
.
17
.
00
.
5C
7
8
W
1
V
9
B
4
8
X
Z
B1
.
92
9
.
88
2
.
95
10
.
50
0
10
0
.
15
.
00
.
6F
W
W
0
1
B
4
8
X
Z
B0
10
8
.
90
2
.
0
10
20
.
50
5
10
0
.
12
.
00
.
7G
W
W
1
1
B
4
8
X
Z
B1
18
7
.
0
12
2
.
1
10
20
.
50
5
10
0
.
11
.
00
.
8H
W
W
2
1
B
4
8
X
Z
B2
16
7
.
1
14
2
.
2
15
20
.
50
5
10
0
.
11
.
00
.
8I
W
W
3
1
B
4
8
X
Z
B3
14
7
.
2
16
2
.
3
10
30
.
50
7
10
0
.
11
.
00
.
8K
W
W
4
1
B
4
8
X
Z
B4
12
7
.
3
18
2
.
4
10
30
.
50
7
10
0
.
11
.
00
.
0
1J
W
W
5
1
B
4
8
X
Z
B5
10
7
.
4
10
3
.
5
10
30
.
50
0
20
0
.
11
.
05
.
0
1L
W
W
6
1
B
4
8
X
Z
B6
18
6
.
5
12
3
.
6
10
40
.
50
0
20
0
.
11
.
02
.
1
1M
W
W
7
1
B
4
8
X
Z
B7
16
6
.
6
14
3
.
7
10
40
.
50
0
20
0
.
11
.
02
.
2
1C
7
1
W
8
1
B
4
8
X
Z
B8
14
6
.
7
16
3
.
8
15
40
.
55
2
20
0
.
11
.
06
.
2
1N
W
W
0
2
B
4
8
X
Z
B0
20
6
.
9
10
4
.
0
25
50
.
55
2
20
0
.
11
.
00
.
4
1O
W
W
2
2
B
4
8
X
Z
B2
26
5
.
1
24
4
.
2
25
50
.
50
5
20
0
.
11
.
04
.
5
1P
W
W
4
2
B
4
8
X
Z
B4
22
5
.
3
28
4
.
4
20
70
.
50
5
20
0
.
11
.
08
.
6
1R
W
W
7
2
B
4
8
X
Z
B7
26
4
.
6
24
5
.
7
20
80
.
50
0
30
0
.
11
.
09
.
8
1S
W
W
8
2
B
4
8
X
Z
B8
24
4
.
7
26
5
.
8
20
80
.
50
0
30
0
.
11
.
05
.
0
2C
8
2
W
0
3
B
4
8
X
Z
B0
30
4
.
9
20
6
.
0
30
80
.
50
0
30
0
.
11
.
00
.
1
2T
W
W
3
3
B
4
8
X
Z
B3
34
3
.
2
36
6
.
3
30
80
.
55
2
30
0
.
11
.
01
.
3
2U
W
W
6
3
B
4
8
X
Z
B6
38
2
.
5
32
7
.
6
30
90
.
50
5
30
0
.
11
.
02
.
5
2W
W
W
9
3
B
4
8
X
Z
B9
32
2
.
8
38
7
.
9
30
3
10
.
50
5
30
0
.
11
.
03
.
7
2X
W
W
3
4
B
4
8
X
Z
B3
44
1
.
2
46
8
.
3
40
5
10
.
55
7
30
0
.
11
.
01
.
0
3Y
W
W
7
4
B
4
8
X
Z
B7
46
0
.
6
44
9
.
7
40
7
10
.
55
7
30
0
.
11
.
09
.
2
3Z
W
W
1
5
B
4
8
X
Z
B1
58
9
.
9
42
0
.
2
50
0
10
.
50
0
40
0
.
11
.
00
.
8
3A
X
W
6
5
B
4
8
X
Z
B6
58
8
.
4
52
1
.
7
55
3
15
.
20
0
0
10
0
.
11
.
00
.
2
42
X
W
2
6
B
4
8
X
Z
B2
66
7
.
0
64
2
.
3
60
5
15
.
20
0
0
10
0
.
11
.
00
.
6
43
X
W
8
6
B
4
8
X
Z
B8
64
6
.
6
66
3
.
9
60
0
25
.
20
0
0
10
0
.
11
.
00
.
1
54
X
W
5
7
B
4
8
X
Z
B5
70
5
.
3
70
5
.
6
70
5
25
.
20
0
0
10
0
.
11
.
00
.
6
55
X


Similar Part No. - BZX84B39W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BZX84B39W PANJIT-BZX84B39W Datasheet
871Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - BZX84B39W

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com