Part Name
         Description
FCX1053A

 SOT89 NPN medium power transistor ( 6 Page)


DIODES
100% 
Zoom Out Zoom In
   
 4 page
background image
FCX1053A
© Zetex Semiconductors plc 2006
Electrical characteristics (at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Collector-base
breakdown voltage
V(BR)CBO
150
250
V
IC = 100 A
Collector-emitter
breakdown voltage
VCES
150
250
V
IC = 100 A
Collector-emitter
breakdown voltage
VCEO
75
100
V
IC = 10mA
Collector-emitter
breakdown voltage
VCEV
150
250
V
IC = 100 A, VEB = 1V
Emitter-base breakdown
voltage
V(BR)EBO
58.8
V
IE = 100 A
Collector cut-off current
ICBO
0.9
10
nA
VCB = 120V
Emitter cut-off current
IEBO
0.3
10
nA
VEB = 4V
Collector-emitter cut-off
current
ICES
1.5
10
nA
VCES = 120V
Collector-emitter
saturation voltage
VCE(sat)
21
30
mV
IC = 0.2A, IB = 20mA
(*)
NOTES:
(*) Measured under pulsed conditions. Pulse width = 300 s. Duty
2%.
55
75
mV
IC = 0.5A, IB = 20mA
150
200
mV
IC = 1A, IB = 10mA
160
210
mV
IC = 2A, IB = 100mA
350
440
mV
IC = 4.5A, IB = 200mA
Base-emitter saturation
voltage
VBE(sat)
900
1000
mV
IC = 3A, IB = 100mA
Base-emitter turn-on
voltage
VBE(on)
825
950
mV
IC = 3A, VCE = 2V
Static forward current
transfer ratio
hFE
270
440
IC = 10mA, VCE = 2V
300
450
1200
IC = 0.5A, VCE = 2V
300
450
IC = 1A, VCE = 2V
40
60
IC = 4.5A, VCE = 2V
20
IC = 10A, VCE = 2V
Switching times
ton
162
ns
IC = 2A, IB1 = IB2 = 20mA,
VCC = 50V
toff
900
ns
IC = 2A, IB1 = IB2 = 20mA,
VCC = 50V
Transition frequency
fT
140
MHz
IC = 50mA, VCE = 10V,
f = 100MHz
Output capacitance
COBO
21
30
pF
VCB = 10V, f = 1MHz



Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl