Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB1872 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LB1872
Description  Polygon Mirror Scanner Driver IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1872 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LB1872 Datasheet HTML 3Page - Sanyo Semicon Device LB1872 Datasheet HTML 4Page - Sanyo Semicon Device LB1872 Datasheet HTML 5Page - Sanyo Semicon Device LB1872 Datasheet HTML 6Page - Sanyo Semicon Device LB1872 Datasheet HTML 7Page - Sanyo Semicon Device LB1872 Datasheet HTML 8Page - Sanyo Semicon Device LB1872 Datasheet HTML 9Page - Sanyo Semicon Device LB1872 Datasheet HTML 10Page - Sanyo Semicon Device LB1872 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
No. 5625-7/11
LB1872
Continued from preceding page.
Pin No.
Symbol
Pin function
Equivalent circuit
15
FC
Control amplifier frequency correction
Current limiter system closed loop oscillation can be prevented by
inserting a capacitor (about 0.022 to 0.47 µF) between this pin and
ground. If the capacitance of this capacitor is too large, the output
current response characteristics may be degraded.
16
EO
Error amplifier output
When high, the output current is increased.
Control
amplifier
17
EI
Error amplifier input
18
PD
Phase comparator output (PLL output)
The phase error is output as changes in the duty of a pulse waveform.
The output current is increased as the duty becomes smaller.
19
CLD
LD output mask time setting
Chattering can be masked by inserting a capacitor (about 0.1 to 0.47
µF) between this pin and ground. The startup time may be increased if
only masking is used and the servo constants are not re-optimized.
Continued on next page.


Similar Part No. - LB1872

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
LB1870M SANYO-LB1870M Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
LB1871 SANYO-LB1871 Datasheet
282Kb / 10P
   Three-Phase Brushless Motor Driver?
LB1871M SANYO-LB1871M Datasheet
282Kb / 10P
   Three-Phase Brushless Motor Driver?
LB1875 SANYO-LB1875 Datasheet
207Kb / 17P
   Polygon Mirror Motor Predriver IC
More results

Similar Description - LB1872

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M63151FP RENESAS-M63151FP Datasheet
355Kb / 14P
   Polygon Scanner Motor Driver (DMOS Driver)
logo
Sanyo Semicon Device
LB1875 SANYO-LB1875 Datasheet
207Kb / 17P
   Polygon Mirror Motor Predriver IC
LB11872V SANYO-LB11872V Datasheet
122Kb / 12P
   Monolithic Digital IC For Polygonal Mirror Motors Scanner Driver IC
LV8112V SANYO-LV8112V Datasheet
314Kb / 13P
   Bi-CMOS IC For Polygon Mirror Motor 3-phase Brushless Motor Driver
LV8112V_1002 SANYO-LV8112V_1002 Datasheet
305Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
LV8112V SANYO-LV8112V_12 Datasheet
204Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
LB1876 SANYO-LB1876_09 Datasheet
168Kb / 12P
   For Polygon Mirror Motors 3-phase Brushless Motor Driver
LV8111V_0910 SANYO-LV8111V_0910 Datasheet
295Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
LV8111V SANYO-LV8111V_12 Datasheet
193Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
logo
ON Semiconductor
NCV7705 ONSEMI-NCV7705_V01 Datasheet
351Kb / 38P
   Mirror-Module Driver-IC
June, 2018 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com