Part Name
         Description
BZM5239B

 SURFACE MOUNT ZENER DIODES ( 5 Page)


PANJIT
100% 
Zoom Out Zoom In
   
 3 page
background image
PAGE . 3
STAD-DEC.22.2008
1
BZM5221B SERIES
Notes.
STANDARD VOLTAGE TOLERANCE IS + 5% AND :
SUFFIX “ A” FOR + 3%
SUFFIX “ B” FOR + 5%
SUFFIX “ C” FOR + 10%
SUFFIX “ D” FOR + 20%
r
e
b
m
u
N
t
r
a
P
e
g
a
t
l
o
V
r
e
n
e
Z
l
a
n
i
m
o
N
e
c
n
a
d
e
p
m
I
r
e
n
e
Z
.
x
a
M
e
s
r
e
v
e
R
x
a
M
t
n
e
r
r
u
C
e
g
a
k
a
e
L
V Z @IZT
ZZT @IZT
ZZK @IZK
IR @VR
V
.
m
o
N
V
.
n
i
M
V
.
x
a
M
A
m
A
m
A
u
V
B
1
4
2
5
M
Z
B
1
1
5
4
.
0
1
5
5
.
1
1
2
2
0
2
0
0
6
5
2
.
0
2
4
.
8
B
2
4
2
5
M
Z
B
2
1
4
.
1
1
6
.
2
1
0
3
0
2
0
0
6
5
2
.
0
1
1
.
9
B
3
4
2
5
M
Z
B
3
1
5
3
.
2
1
5
6
.
3
1
3
1
5
.
9
0
0
6
5
2
.
0
5
.
0
9
.
9
B
4
4
2
5
M
Z
B
4
1
3
.
3
1
7
.
4
1
5
1
9
0
0
6
5
2
.
0
1
.
0
0
1
B
5
4
2
5
M
Z
B
5
1
5
2
.
4
1
5
7
.
5
1
6
1
5
.
8
0
0
6
5
2
.
0
1
.
0
1
1
B
6
4
2
5
M
Z
B
6
1
2
.
5
1
8
.
6
1
7
1
8
.
7
0
0
6
5
2
.
0
1
.
0
2
1
B
7
4
2
5
M
Z
B
7
1
5
1
.
6
1
5
8
.
7
1
9
1
4
.
7
0
0
6
5
2
.
0
1
.
0
3
1
B
8
4
2
5
M
Z
B
8
1
1
.
7
1
9
.
8
1
1
2
7
0
0
6
5
2
.
0
1
.
0
4
1
B
9
4
2
5
M
Z
B
9
1
5
0
.
8
1
5
9
.
9
1
3
2
6
.
6
0
0
6
5
2
.
0
1
.
0
4
1
B
0
5
2
5
M
Z
B
0
2
9
1
1
2
5
2
2
.
6
0
0
6
5
2
.
0
1
.
0
5
1
B
1
5
2
5
M
Z
B
2
2
9
.
0
2
1
.
3
2
9
2
6
.
5
0
0
6
5
2
.
0
1
.
0
7
1
B
2
5
2
5
M
Z
B
4
2
8
.
2
2
2
.
5
2
3
3
2
.
5
0
0
6
5
2
.
0
1
.
0
8
1
B
3
5
2
5
M
Z
B
5
2
5
7
.
3
2
5
2
.
6
2
5
3
5
0
0
6
5
2
.
0
1
.
0
9
1
B
4
5
2
5
M
Z
B
7
2
5
6
.
5
2
5
3
.
8
2
1
4
6
.
4
0
0
6
5
2
.
0
1
.
0
1
2
B
5
5
2
5
M
Z
B
8
2
6
.
6
2
4
.
9
2
4
4
5
.
4
0
0
6
5
2
.
0
1
.
0
1
2
B
6
5
2
5
M
Z
B
0
3
5
.
8
2
5
.
1
3
9
4
2
.
4
0
0
6
5
2
.
0
1
.
0
3
2
B
7
5
2
5
M
Z
B
3
3
5
3
.
1
3
5
6
.
4
3
8
5
8
.
3
0
0
7
5
2
.
0
1
.
0
5
2
B
8
5
2
5
M
Z
B
6
3
2
.
4
3
8
.
7
3
0
7
4
.
3
0
0
7
5
2
.
0
1
.
0
7
2
B
9
5
2
5
M
Z
B
9
3
5
0
.
7
3
5
9
.
0
4
0
8
2
.
3
0
0
8
5
2
.
0
1
.
0
0
3
B
0
6
2
5
M
Z
B
3
4
5
8
.
0
4
5
1
.
5
4
3
9
3
0
0
9
5
2
.
0
1
.
0
3
3
B
1
6
2
5
M
Z
B
7
4
5
6
.
4
4
5
3
.
9
4
0
5
1
7
.
2
0
0
0
1
5
2
.
0
1
.
0
6
3
B
2
6
2
5
M
Z
B
1
5
5
4
.
8
4
5
5
.
3
5
5
2
1
5
.
2
0
0
1
1
5
2
.
0
1
.
0
9
3
B
3
6
2
5
M
Z
B
6
5
2
.
3
5
8
.
8
5
0
5
1
2
.
2
0
0
3
1
5
2
.
0
1
.
0
3
4
B
4
6
2
5
M
Z
B
0
6
7
5
3
6
0
7
1
1
.
2
0
0
4
1
5
2
.
0
1
.
0
6
4
B
5
6
2
5
M
Z
B
2
6
9
.
8
5
1
.
5
6
5
8
1
2
0
0
4
1
5
2
.
0
1
.
0
7
4
B
6
6
2
5
M
Z
B
8
6
6
.
4
6
4
.
1
7
0
3
2
8
.
1
0
0
6
1
5
2
.
0
1
.
0
2
5
B
7
6
2
5
M
Z
B
5
7
5
2
.
1
7
5
7
.
8
7
0
7
2
7
.
1
0
0
7
1
5
2
.
0
1
.
0
6
5



Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl