Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCX605 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # FCX605
Description  120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FCX605 Datasheet(HTML) 3 Page - Diodes Incorporated

  FCX605 Datasheet HTML 1Page - Diodes Incorporated FCX605 Datasheet HTML 2Page - Diodes Incorporated FCX605 Datasheet HTML 3Page - Diodes Incorporated FCX605 Datasheet HTML 4Page - Diodes Incorporated FCX605 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ISSUE 2 - SEPTEMBER 2005
FCX605
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO
140
V
IC=100 A
Collector-Emitter Breakdown
Voltage
V(BR)CEO
120
V
IC=10mA*
Emitter-Base Breakdown Voltage
V(BR)EBO
10
V
IE=100 A
Collector Cut-Off Current
ICBO
100
10
nA
µA
VCB =10V
VCB = 120V
Tamb = 100°C
Emitter Cut-Off Current
IEBO
0.1
µA
VEB=8V
Collector Emitter Cut-Off Current
ICES
10
µA
VCES=120V
Collector-Emitter Saturation
Voltage
VCE(sat)
1
1.5
V
V
IC=250mA, IB=0.25mA*
IC=1A, IB=1mA*
Base-Emitter Saturation Voltage
VBE(sat)
1.8
V
IC=1A, IB=1mA*
Base-Emitter Turn-On Voltage
VBE(on)
1.7
V
IC=1A, VCE=5V*
Static Forward Current Transfer
Ratio
hFE
2K
5K
2K
0.5
100K
IC=50mA, VCE=5V*
IC=500mA, VCE=5V*
IC=1A, VCE=5V*
IC=2A, VCE=5V*
Transition Frequency
fT
150
MHz
IC=100mA, VCE=10V
f=20MHz
Input Capacitance
Cibo
90
pF
VCB=500mV, f=1MHz
Output Capacitance
Cobo
15
pF
VCB=10V, f=1MHz
Turn-On Time
t(on)
0.5
µs
IC=500mA, VCE=10V
IB1=IB2=0.5mA
Turn-Off Time
t(off)
1.6
µs
IC=500mA, VCE=10V
IB1=IB2=0.5mA
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
3
Nb. Spice parameter data is available upon request for this device.


Similar Part No. - FCX605

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX605 ZETEX-FCX605 Datasheet
107Kb / 5P
   120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
FCX605TA ZETEX-FCX605TA Datasheet
107Kb / 5P
   120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
More results

Similar Description - FCX605

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX705 ZETEX-FCX705 Datasheet
91Kb / 5P
   120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
Unisonic Technologies
UDT1605 UTC-UDT1605_15 Datasheet
126Kb / 3P
   120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
Zetex Semiconductors
FCX605 ZETEX-FCX605 Datasheet
107Kb / 5P
   120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
Unisonic Technologies
UDT1605 UTC-UDT1605 Datasheet
111Kb / 3P
   120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
Zetex Semiconductors
FCX705 ZETEX-FCX705_02 Datasheet
141Kb / 5P
   120V PNP SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
Diodes Incorporated
FCX705 DIODES-FCX705 Datasheet
135Kb / 5P
   120V PNP SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
Central Semiconductor C...
CMPTA29 CENTRAL-CMPTA29 Datasheet
80Kb / 2P
   HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
CZT2000 CENTRAL-CZT2000 Datasheet
92Kb / 2P
   NPN SILICON EXTREMELY HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
NTE Electronics
NTE2540 NTE-NTE2540 Datasheet
22Kb / 2P
   Silicon NPN Transistor Darlington, High Voltage Switch
logo
Diodes Incorporated
FZT605 DIODES-FZT605_13 Datasheet
424Kb / 7P
   120V NPN DARLINGTON TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com