Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52-C2V4S Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # BZT52-C2V4S
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BZT52-C2V4S Datasheet(HTML) 3 Page - Pan Jit International Inc.

  BZT52-C2V4S Datasheet HTML 1Page - Pan Jit International Inc. BZT52-C2V4S Datasheet HTML 2Page - Pan Jit International Inc. BZT52-C2V4S Datasheet HTML 3Page - Pan Jit International Inc. BZT52-C2V4S Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE . 3
REV.0.3-OCT.2.2009
BZT52-C2V4S SERIES
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
1000
100
10
1
75 C
O
5C
O
25 C
O
150 C
O
100
10
1
10
100
0.6
0.5
0.4
0.3
0.2
0.1
0
125
100
75
50
25
0
150
Fig.2 TEMPERATURE COEFFICENTS
Fig.4 TYPICAL FORWARD VOLTAGE
Fig.1 STEADY STATE POWER DERATING
NOMINAL ZENER VOLTAGE,VOLTS
FORWARD VOLTAGE, VOLTS
TEMPERATURE ( C)
O
90
1000
100
10
1
0.1
0.01
0.001
0.0001
0.00001
80
70
60
50
40
30
20
10
0
+150 C
O
+25 C
O
-55 C
O
Fig.3 TYPICAL LEAKAGE CURRENT
NORMAL ZENER VOLTAGE, VOLTS


Similar Part No. - BZT52-C2V4S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Formosa MS
BZT52-C2V4S FORMOSA-BZT52-C2V4S Datasheet
116Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
80Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotech Company.
BZT52-C2V4S DIOTECH-BZT52-C2V4S Datasheet
1Mb / 3P
   SURFACE MOUNT ZENER DIODE
logo
WILLAS ELECTRONIC CORP
BZT52-C2V4S WILLAS-BZT52-C2V4S Datasheet
303Kb / 3P
   200mW SURFACE MOUNT SILICON ZENER DIODES 2.4V~51V SOD-323 PACKAGE
More results

Similar Description - BZT52-C2V4S

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com