Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZD27C13P Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BZD27C13P
Description  VOLTAGE REGULATOR DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BZD27C13P Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BZD27C13P Datasheet HTML 1Page - Pan Jit International Inc. BZD27C13P Datasheet HTML 2Page - Pan Jit International Inc. BZD27C13P Datasheet HTML 3Page - Pan Jit International Inc. BZD27C13P Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
STAD-JAN.12.2007
BZD27C3V6P~BZD27C75P
VOLTAGE
POWER
3.6 to 75 Volts
800 mW
VOLTAGE REGULATOR DIODES
Sillicon Planar Zener Diode
Low profile surface-mount package
Zener and surge current specification
Low leakage current
Excellent stability
High temperature soldering : 260
OC/10 sec. at terminals
In compliance with EU RoHS 2002/95/EC directives
ABSOLUTE MAXIMUM RATINGS (T
A
=25
OC , unless otherwise specified)
Case: SOD-123FL
Terminals : Solderable per MIL-STD-750,Method 2026
Approx Weight: 0.0168 grams
MECHANICAL DATA
FEATURES
THERMAL CHARACTERISTICS (T
A
=25
OC , unless otherwise noted)
ELCTRICAL CHARACTERISTICS
r
e
t
e
m
a
r
a
Pn
o
t
i
d
n
o
c
t
s
e
Tl
o
b
m
y
S
e
u
l
a
Vs
t
i
n
U
n
o
it
a
p
i
s
s
i
d
r
e
w
o
P
T
L
0
8
=
OC
T
A
5
2
=
OC
P
T
O
T
P
T
O
T
3
.
2
)
1
e
t
o
n
(
8
.
0
W
n
o
it
a
p
i
s
s
i
d
r
e
w
o
p
e
s
l
u
p
k
a
e
p
e
v
it
it
e
p
e
r
-
n
o
N
0
0
1
µ
)
2
e
t
o
n
(
e
s
l
u
p
e
r
a
u
q
s
s
0
0
0
1
/
0
1
µ
)
P
5
7
C
-
7
2
D
Z
B
o
t
P
5
V
7
C
-
7
2
D
Z
B
(
m
r
o
f
e
v
a
w
s
P
M
S
Z
P
M
S
R
0
0
3
0
5
1
W
R
E
T
E
M
A
R
A
Pn
o
i
t
i
d
n
o
c
t
s
e
Tl
o
b
m
y
Sn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
a
t
l
o
v
d
r
a
w
r
o
FI
F
A
2
.
0
=V
F
2
.
1V
r
e
t
e
m
a
r
a
Pn
o
i
t
i
d
n
o
c
t
s
e
Tl
o
b
m
y
Se
u
l
a
Vt
i
n
U
r
i
a
t
n
e
i
b
m
a
o
t
n
o
i
t
c
n
u
j
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
T
Rθ
A
J
0
8
1W
/
K
d
a
e
l
o
t
n
o
i
t
c
n
u
j
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
T
Rθ
L
J
0
3W
/
K
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
j
m
u
m
i
x
a
M
Τ
J
0
5
1
O C
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
T
s
0
5
1
+
o
t
5
5
-
O C
NOTES:
1. Mounted on epoxy-glass PCB with 3X3 mm Cu pads (>40
µm thick)
2. T
J=25
OC prior to surge


Similar Part No. - BZD27C13P

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
BZD27C13P VAISH-BZD27C13P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
logo
SUNMATE electronic Co.,...
BZD27C13P SUNMATE-BZD27C13P Datasheet
1Mb / 2P
   800mW Surface Mount Zener Diodes
logo
Taiwan Semiconductor Co...
BZD27C13P TSC-BZD27C13P Datasheet
166Kb / 3P
   Voltage Regulator Diodes
BZD27C13P TSC-BZD27C13P Datasheet
204Kb / 6P
   1W, 6.8V - 220V Voltage Regulator Diodes
BZD27C13P TSC-BZD27C13P Datasheet
162Kb / 3P
   Voltage Regulator Diodes
More results

Similar Description - BZD27C13P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com