Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCX493TA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # FCX493TA
Description  SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FCX493TA Datasheet(HTML) 3 Page - Diodes Incorporated

  FCX493TA Datasheet HTML 1Page - Diodes Incorporated FCX493TA Datasheet HTML 2Page - Diodes Incorporated FCX493TA Datasheet HTML 3Page - Diodes Incorporated FCX493TA Datasheet HTML 4Page - Diodes Incorporated FCX493TA Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FCX493
SEMICO NDUC TORS
ISSUE 5 - OCTOBER 2005
3
TYPICAL CHARACTERISTICS


Similar Part No. - FCX493TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX493 ZETEX-FCX493 Datasheet
16Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
FCX493 KEXIN-FCX493 Datasheet
51Kb / 2P
   NPN Silicon Planar Medium Power Transistor
logo
Dongguan Pingjingsemi T...
FCX493 PJSEMI-FCX493 Datasheet
2Mb / 4P
   NPN Transistor
logo
Diodes Incorporated
FCX493A DIODES-FCX493A Datasheet
296Kb / 7P
   60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT89
FCX493ATA DIODES-FCX493ATA Datasheet
296Kb / 7P
   60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT89
More results

Similar Description - FCX493TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSR43 DIODES-BSR43 Datasheet
47Kb / 1P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491TA DIODES-FCX491TA Datasheet
27Kb / 1P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491 DIODES-FCX491 Datasheet
27Kb / 1P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Zetex Semiconductors
BC868 ZETEX-BC868 Datasheet
27Kb / 1P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BCX68 ZETEX-BCX68_07 Datasheet
1Mb / 3P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
BCX6825 DIODES-BCX6825_15 Datasheet
263Kb / 6P
   20V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
BCX6825 DIODES-BCX6825 Datasheet
327Kb / 5P
   20V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
FCX658A DIODES-FCX658A Datasheet
81Kb / 4P
   SOT89 NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
FCX658A DIODES-FCX658A_15 Datasheet
81Kb / 4P
   SOT89 NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
FCX491A DIODES-FCX491A_15 Datasheet
256Kb / 7P
   40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com