Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC847BS Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BC847BS
Description  NPN GENERAL PURPOSE DUAL TRANSIS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC847BS Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BC847BS_09 Datasheet HTML 1Page - Pan Jit International Inc. BC847BS_09 Datasheet HTML 2Page - Pan Jit International Inc. BC847BS_09 Datasheet HTML 3Page - Pan Jit International Inc. BC847BS_09 Datasheet HTML 4Page - Pan Jit International Inc. BC847BS_09 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
REV.0.1-MAR.9.2009
BC847BS
NPN GENERAL PURPOSE DUAL TRANSIS-
VOLTAGE
45 Volts
150 mWatts
FEATURES
• General purpose amplifier applications
• PNP epitaxial silicon, planar design
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: SOT-363, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.008 gram
• Marking : 47S
POWER
ABSOLUTE MAXIMUM RATINGS
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
r
o
t
c
e
l
l
o
CVCEO
5
4V
e
g
a
t
l
o
V
e
s
a
B
-
r
o
t
c
e
l
l
o
CVCBO
0
5V
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
EVEBO
0
.
6V
s
u
o
u
n
i
t
n
o
C
-
t
n
e
r
r
u
C
r
o
t
c
e
l
l
o
CI C
0
0
1A
m
THERMAL CHARACTERISTICS
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
n
o
i
t
a
p
i
s
s
i
D
e
c
i
v
e
D
l
a
t
o
T
T
)
1
e
t
o
N
(
d
r
a
o
B
5
-
R
F
e
c
i
v
e
D
r
e
P
A
5
2
=
OC
5
2
e
v
o
b
a
e
t
a
r
e
D
OC
P
D
0
0
3
0
5
1
0
.
3
W
m
/
W
m
OC
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
Rθ
A
J
8
2
3
O
W
/
C
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
T
J
0
5
1
o
t
5
5
-
O C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
T
G
T
S
0
5
1
o
t
5
5
-
O C
Note 1: FR-4 board 70 x 60 x 1mm.


Similar Part No. - BC847BS_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847BS-13-F DIODES-BC847BS-13-F Datasheet
245Kb / 5P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC847BS-7 DIODES-BC847BS-7 Datasheet
55Kb / 3P
   DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30222 Rev. 3 - 2
BC847BS-7-F DIODES-BC847BS-7-F Datasheet
350Kb / 3P
   DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30222 Rev. 9 - 2
BC847BS-7-F DIODES-BC847BS-7-F Datasheet
112Kb / 3P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 12 - 2
BC847BS-7-F DIODES-BC847BS-7-F Datasheet
245Kb / 5P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results

Similar Description - BC847BS_09

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
IMZ2A PANJIT-IMZ2A Datasheet
598Kb / 5P
   COMPLEMENTARY DUAL GENERAL PURPOSE AMPLIFIER TRANSIS
BC847BS-AU PANJIT-BC847BS-AU Datasheet
239Kb / 7P
   NPN GENERAL PURPOSE DUAL TRANSISTOR
logo
Unisonic Technologies
PUMX1 UTC-PUMX1 Datasheet
63Kb / 2P
   NPN GENERAL PURPOSE DUAL TRANSISTOR
PUMX1 UTC-PUMX1_08 Datasheet
151Kb / 2P
   NPN GENERAL PURPOSE DUAL TRANSISTOR
logo
Cystech Electonics Corp...
HBN3904S6R CYSTEKEC-HBN3904S6R_17 Datasheet
327Kb / 7P
   Dual General Purpose NPN Transistors
logo
SeCoS Halbleitertechnol...
UMX1N SECOS-UMX1N Datasheet
485Kb / 3P
   Dual NPN General Purpose Transistors
logo
Unisonic Technologies
PUMX1 UTC-PUMX1_15 Datasheet
164Kb / 3P
   NPN GENERAL PURPOSE DUAL TRANSISTOR
logo
SeCoS Halbleitertechnol...
UMX1N SECOS-UMX1N_15 Datasheet
479Kb / 3P
   Dual NPN General Purpose Transistors
logo
Taiwan Semiconductor Co...
TSC2411D TSC-TSC2411D Datasheet
91Kb / 3P
   General Purpose Dual NPN Transistor
logo
Cystech Electonics Corp...
HBN3904S6R CYSTEKEC-HBN3904S6R Datasheet
158Kb / 4P
   Dual General Purpose NPN Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com