Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTP558L Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXTP558L
Description  400V PNP MEDIUM POWER HIGH VOLTAGE TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP558L Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXTP558L Datasheet HTML 1Page - Diodes Incorporated ZXTP558L Datasheet HTML 2Page - Diodes Incorporated ZXTP558L Datasheet HTML 3Page - Diodes Incorporated ZXTP558L Datasheet HTML 4Page - Diodes Incorporated ZXTP558L Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ZXTP558L
Document number: DS32186 Rev. 1 - 2
3 of 5
www.diodes.com
June 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTP558L


Similar Part No. - ZXTP558L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP558L DIODES-ZXTP558L_15 Datasheet
444Kb / 7P
   400V PNP High Voltage Transistor in TO92L
More results

Similar Description - ZXTP558L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP08400BFF DIODES-ZXTP08400BFF_16 Datasheet
392Kb / 7P
   400V PNP MEDIUM POWER HIGH VOLTAGE TRANSISTOR
logo
Zetex Semiconductors
ZXTP08400BFF ZETEX-ZXTP08400BFF Datasheet
284Kb / 8P
   400V, SOT23F, PNP medium power high voltage transistor
logo
Diodes Incorporated
ZXTP08400BFF DIODES-ZXTP08400BFF Datasheet
312Kb / 8P
   400V, SOT23F, PNP medium power high voltage transistor
ZXTP08400BFF DIODES-ZXTP08400BFF_15 Datasheet
460Kb / 7P
   400V PNP MEDIUM POWER HIGH VOLTAGE TRANSISTOR IN SOT23F
FZT958 DIODES-FZT958_16 Datasheet
716Kb / 7P
   400V PNP MEDIUM POWER TRANSISTOR
ZTX758 DIODES-ZTX758_15 Datasheet
527Kb / 7P
   400V PNP MEDIUM POWER HIGH VOLTAGE TRANSISTOR IN E-LINE
ZXTN08400BFF DIODES-ZXTN08400BFF_16 Datasheet
354Kb / 7P
   400V NPN MEDIUM POWER HIGH VOLTAGE TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SA94 SECOS-2SA94 Datasheet
373Kb / 2P
   -0.2A , -400V PNP Silicon Medium Power Transistor
logo
Diodes Incorporated
FZT958 DIODES-FZT958_15 Datasheet
782Kb / 7P
   400V PNP MEDIUM POWER TRANSISTOR IN SOT223
FCX558Q DIODES-FCX558Q Datasheet
588Kb / 7P
   400V PNP HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com