Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC3021LSD Datasheet(PDF) 7 Page - Diodes Incorporated

Part # DMC3021LSD
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC3021LSD Datasheet(HTML) 7 Page - Diodes Incorporated

  DMC3021LSD Datasheet HTML 1Page - Diodes Incorporated DMC3021LSD Datasheet HTML 2Page - Diodes Incorporated DMC3021LSD Datasheet HTML 3Page - Diodes Incorporated DMC3021LSD Datasheet HTML 4Page - Diodes Incorporated DMC3021LSD Datasheet HTML 5Page - Diodes Incorporated DMC3021LSD Datasheet HTML 6Page - Diodes Incorporated DMC3021LSD Datasheet HTML 7Page - Diodes Incorporated DMC3021LSD Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DMC3021LSD
Document number: DS32152 Rev. 1 - 2
7 of 8
www.diodes.com
May 2010
© Diodes Incorporated
DMC3021LSD
Package Outline Dimensions
Suggested Pad Layout
SO-8
Dim
Min
Max
A
-
1.75
A1
0.10
0.20
A2
1.30
1.50
A3
0.15
0.25
b
0.3
0.5
D
4.85
4.95
E
5.90
6.10
E1
3.85
3.95
e
1.27 Typ
h
-
0.35
L
0.62
0.82
θ
0
°
8
°
All Dimensions in mm
Dimensions
Value (in mm)
X
0.60
Y
1.55
C1
5.4
C2
1.27
Gauge Plane
Seating Plane
Detail ‘A’
Detail ‘A’
E
E1
h
L
D
e
b
A2
A1
A
45°
7°~9°
A3
X
C1
C2
Y


Similar Part No. - DMC3021LSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC3021LSD-13 DIODES-DMC3021LSD-13 Datasheet
187Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3021LSDQ DIODES-DMC3021LSDQ Datasheet
277Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
June 2014
DMC3021LSDQ-13 DIODES-DMC3021LSDQ-13 Datasheet
277Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
June 2014
DMC3021LSD DIODES-DMC3021LSD_15 Datasheet
275Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results

Similar Description - DMC3021LSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com