Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W2E142-BB05-01 Datasheet(PDF) 1 Page - ebm-papst

Part # W2E142-BB05-01
Description  TUBEAXIAL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

W2E142-BB05-01 Datasheet(HTML) 1 Page - ebm-papst

  W2E142-BB05-01 Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
W2E142-CC15-16
W2E142-CC13-16
W2E142-BB01-01
W2E142-BB05-01
175
175
230
230
1
1
2
2
230
115
230
115
60*
60*
60*
60*
16
16
28
24
54
54
57
57
75
75
70
70
1.98
1.98
1.98
1.98
Ball
Ball
Ball
Ball
Terminals
Terminals
Terminals
Terminals
W2E142 Series
Tu beaxial
Mounting from either face using 2
4.3 mm (.169") holes.
AC fans with PSC motor.
Die-cast aluminum housing.
Impeller of sheet-steel, directly
welded onto rotor.
Air exhaust over struts. Rotational
direction CCW looking at rotor.
Electrical connection via 2 flat pin
terminals 2.8 x 0.5 mm.
150x172x38mm
UL, CSA, VDE approvals on some
models, please contact application
engineering.
Mounting from either face using
two 4.3 mm holes.
Part
Number
* 50 Hz data available upon request
Ø
Flat pin
2.8 x 0.5 mm
6.77 (172)
6.38 (162)
6.00 (152.5)
0.31 (8)
1.50 (38)
0.43 (11)
0.35 (9)
100
200
300
400
0
50
100
200
[CFM]
150
40
80
120
160
200
[m
3/h]
60 Hz
50 Hz
2
.80
.64
.48
.32
.16
0
1
e-mail: sales@us.ebmpapst.com · TEL: 860-674-1515 · FAX: 860-674-8536
ebm-papst Inc., 100 Hyde Road, Farmington, CT 06034 USA
ebm-papst Inc., 2006 © ebm-papst Inc. reserves the right to change any specifications or data without notice
142


Similar Part No. - W2E142-BB05-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W2E143 ETC2-W2E143 Datasheet
487Kb / 1P
   AC fans with extemal rotor shaded-pole motor
W2E143-AA09 ETC2-W2E143-AA09 Datasheet
487Kb / 1P
   AC fans with extemal rotor shaded-pole motor
logo
ebm-papst
W2E143-AA09-01 EBMPAPST-W2E143-AA09-01 Datasheet
95Kb / 1P
   Tubeaxial
W2E143-AA09-25 EBMPAPST-W2E143-AA09-25 Datasheet
352Kb / 5P
   AC axial compact fan
W2E143-AA15-01 EBMPAPST-W2E143-AA15-01 Datasheet
95Kb / 1P
   Tubeaxial
More results

Similar Description - W2E142-BB05-01

ManufacturerPart #DatasheetDescription
logo
ebm-papst
3900L EBMPAPST-3900L Datasheet
358Kb / 1P
   TUBEAXIAL
3850 EBMPAPST-3850 Datasheet
423Kb / 1P
   TUBEAXIAL
4200 EBMPAPST-4200 Datasheet
595Kb / 3P
   Tubeaxial
9956L EBMPAPST-9956L Datasheet
318Kb / 1P
   TUBEAXIAL
AC3200JH EBMPAPST-AC3200JH Datasheet
205Kb / 1P
   TUBEAXIAL
5656S EBMPAPST-5656S Datasheet
277Kb / 1P
   TUBEAXIAL
4624N EBMPAPST-4624N Datasheet
192Kb / 1P
   TUBEAXIAL
4484F EBMPAPST-4484F Datasheet
439Kb / 1P
   TUBEAXIAL
AC4300H EBMPAPST-AC4300H Datasheet
185Kb / 1P
   TUBEAXIAL
AC6200NM EBMPAPST-AC6200NM Datasheet
128Kb / 1P
   Tubeaxial
4600TZ EBMPAPST-4600TZ Datasheet
272Kb / 1P
   TUBEAXIAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com