Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTN26070CV Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXTN26070CV
Description  70V NPN LOW SATURATION TRANSISTOR IN SOT-666
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTN26070CV Datasheet(HTML) 7 Page - Diodes Incorporated

  ZXTN26070CV Datasheet HTML 1Page - Diodes Incorporated ZXTN26070CV Datasheet HTML 2Page - Diodes Incorporated ZXTN26070CV Datasheet HTML 3Page - Diodes Incorporated ZXTN26070CV Datasheet HTML 4Page - Diodes Incorporated ZXTN26070CV Datasheet HTML 5Page - Diodes Incorporated ZXTN26070CV Datasheet HTML 6Page - Diodes Incorporated ZXTN26070CV Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
ZXTN26070CV
Document number: DS32129 Rev. 3 - 2
7 of 7
www.diodes.com
April 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTN26070CV
IMPORTANT NOTICE
DIODES INCORPORATED MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARDS TO THIS DOCUMENT,
INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE
(AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION).
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to this document and any product described herein. Diodes Incorporated does not assume any liability arising out of the
application or use of this document or any product described herein; neither does Diodes Incorporated convey any license under its patent or
trademark rights, nor the rights of others. Any Customer or user of this document or products described herein in such applications shall assume
all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on Diodes Incorporated
website, harmless against all damages.
Diodes Incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel.
Should Customers purchase or use Diodes Incorporated products for any unintended or unauthorized application, Customers shall indemnify and
hold Diodes Incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising out of, directly or
indirectly, any claim of personal injury or death associated with such unintended or unauthorized application.
Products described herein may be covered by one or more United States, international or foreign patents pending. Product names and markings
noted herein may also be covered by one or more United States, international or foreign trademarks.
LIFE SUPPORT
Diodes Incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express
written approval of the Chief Executive Officer of Diodes Incorporated. As used herein:
A. Life support devices or systems are devices or systems which:
1. are intended to implant into the body, or
2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the
labeling can be reasonably expected to result in significant injury to the user.
B. A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the
failure of the life support device or to affect its safety or effectiveness.
Customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support devices or systems, and
acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any
use of Diodes Incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or systems-related
information or support that may be provided by Diodes Incorporated.
Further, Customers must fully indemnify Diodes Incorporated and its
representatives against any damages arising out of the use of Diodes Incorporated products in such safety-critical, life support devices or systems.
Copyright © 2010, Diodes Incorporated
www.diodes.com


Similar Part No. - ZXTN26070CV

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN26070CV DIODES-ZXTN26070CV_15 Datasheet
145Kb / 7P
   70V NPN LOW SATURATION TRANSISTOR IN SOT-666
More results

Similar Description - ZXTN26070CV

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN26070CV DIODES-ZXTN26070CV_15 Datasheet
145Kb / 7P
   70V NPN LOW SATURATION TRANSISTOR IN SOT-666
logo
Zetex Semiconductors
ZXT4M322 ZETEX-ZXT4M322 Datasheet
112Kb / 6P
   70V PNP LOW SATURATION TRANSISTOR
logo
Diodes Incorporated
ZXT4M322 DIODES-ZXT4M322 Datasheet
331Kb / 6P
   70V PNP LOW SATURATION TRANSISTOR
ZXTP722MA DIODES-ZXTP722MA_15 Datasheet
205Kb / 7P
   70V PNP LOW SATURATION TRANSISTOR
FMMT722 DIODES-FMMT722_15 Datasheet
286Kb / 7P
   70V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
ZXTP722MA DIODES-ZXTP722MA Datasheet
205Kb / 7P
   70V PNP LOW SATURATION TRANSISTOR
FMMT624 DIODES-FMMT624 Datasheet
202Kb / 6P
   150V NPN SILICON LOW SATURATION TRANSISTOR IN SOT-23
ZXTDE4M832 DIODES-ZXTDE4M832 Datasheet
519Kb / 8P
   DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
logo
Zetex Semiconductors
ZXTDE4M832 ZETEX-ZXTDE4M832 Datasheet
321Kb / 8P
   DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
logo
Diodes Incorporated
ZXTC6720MC DIODES-ZXTC6720MC Datasheet
211Kb / 9P
   DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com