Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3KP28 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # 3KP28
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

3KP28 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  3KP28 Datasheet HTML 1Page - Pan Jit International Inc. 3KP28 Datasheet HTML 2Page - Pan Jit International Inc. 3KP28 Datasheet HTML 3Page - Pan Jit International Inc. 3KP28 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
STAD-APR.01.2009
1
3KP SREIES
r
e
b
m
u
N
t
r
a
P
V RWM
V BR
I
@
T
IR @VRWM
VC @IPP
e
d
o
C
g
n
i
k
r
a
M
.
n
i
M
.
x
a
M
IT
-
I
N
U
-
I
B
-
I
N
U
-
I
B
V
V
V
A
m
µ
µ
µ
µµ A
µ
µ
µ
µµ A
V
A
-
I
N
U
-
I
B
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
W
0
0
0
3
0
.
5
P
K
3
C
0
.
5
P
K
3
5
4
.
6
5
5
.
7
0
1
0
0
0
1
0
0
0
2
6
.
9
5
.
2
1
3
0
.
5
P
K
3
C
0
.
5
P
K
3
A
0
.
5
P
K
3
A
C
0
.
5
P
K
3
5
4
.
6
5
2
.
7
0
1
0
0
0
1
0
0
0
2
2
.
9
6
2
3
A
0
.
5
P
K
3
A
C
0
.
5
P
K
3
0
.
6
P
K
3
C
0
.
6
P
K
3
6
7
6
.
6
5
4
.
8
0
1
0
0
0
1
0
0
0
2
4
.
1
1
2
.
3
6
2
0
.
6
P
K
3
C
0
.
6
P
K
3
A
0
.
6
P
K
3
A
C
0
.
6
P
K
3
6
7
6
.
6
7
6
.
7
0
1
0
0
0
1
0
0
0
2
3
.
0
1
3
.
1
9
2
A
0
.
6
P
K
3
A
C
0
.
6
P
K
3
5
.
6
P
K
3
C
5
.
6
P
K
3
5
.
6
2
2
.
7
4
1
.
9
0
1
0
0
5
0
0
0
1
3
.
2
1
9
.
3
4
2
5
.
6
P
K
3
C
5
.
6
P
K
3
A
5
.
6
P
K
3
A
C
5
.
6
P
K
3
5
.
6
2
2
.
7
3
.
8
0
1
0
0
5
0
0
0
1
2
.
1
1
9
.
7
6
2
A
5
.
6
P
K
3
A
C
5
.
6
P
K
3
0
.
7
P
K
3
C
0
.
7
P
K
3
7
8
7
.
7
6
8
.
9
0
1
0
0
2
0
0
4
3
.
3
1
6
.
5
2
2
0
.
7
P
K
3
C
0
.
7
P
K
3
A
0
.
7
P
K
3
A
C
0
.
7
P
K
3
7
8
7
.
7
5
9
.
8
0
1
0
0
2
0
0
4
2
1
0
5
2
A
0
.
7
P
K
3
A
C
0
.
7
P
K
3
5
.
7
P
K
3
C
5
.
7
P
K
3
5
.
7
3
3
.
8
7
6
.
0
1
1
0
0
1
0
0
2
3
.
4
1
8
.
9
0
2
5
.
7
P
K
3
C
5
.
7
P
K
3
A
5
.
7
P
K
3
A
C
5
.
7
P
K
3
5
.
7
3
3
.
8
8
5
.
9
1
0
0
1
0
0
2
9
.
2
1
6
.
2
3
2
A
5
.
7
P
K
3
A
C
5
.
7
P
K
3
0
.
8
P
K
3
C
0
.
8
P
K
3
8
9
8
.
8
3
.
1
1
1
0
5
0
0
1
5
1
0
2
2
0
.
8
P
K
3
C
0
.
8
P
K
3
A
0
.
8
P
K
3
A
C
0
.
8
P
K
3
8
9
8
.
8
3
2
.
0
1
1
0
5
0
0
1
6
.
3
1
6
.
0
2
2
A
0
.
8
P
K
3
A
C
0
.
8
P
K
3
5
.
8
P
K
3
C
5
.
8
P
K
3
5
.
8
4
4
.
9
2
9
.
1
1
1
5
2
0
5
9
.
5
1
8
.
8
8
1
5
.
8
P
K
3
C
5
.
8
P
K
3
A
5
.
8
P
K
3
A
C
5
.
8
P
K
3
5
.
8
4
4
.
9
2
8
.
0
1
1
5
2
0
5
4
.
4
1
4
.
8
0
2
A
5
.
8
P
K
3
A
C
5
.
8
P
K
3
0
.
9
P
K
3
C
0
.
9
P
K
3
9
0
1
6
.
2
1
1
0
1
0
2
9
.
6
1
4
.
7
7
1
0
.
9
P
K
3
C
0
.
9
P
K
3
A
0
.
9
P
K
3
A
C
0
.
9
P
K
3
9
0
1
5
.
1
1
1
0
1
0
2
4
.
5
1
8
.
4
9
1
A
0
.
9
P
K
3
A
C
0
.
9
P
K
3
0
1
P
K
3
C
0
1
P
K
3
0
1
1
.
1
1
1
.
4
1
1
3
3
8
.
8
1
6
.
9
5
1
0
1
P
K
3
C
0
1
P
K
3
A
0
1
P
K
3
A
C
0
1
P
K
3
0
1
1
.
1
1
8
.
2
1
1
3
3
7
1
4
.
6
7
1
A
0
1
P
K
3
A
C
0
1
P
K
3
1
1
P
K
3
C
1
1
P
K
3
1
1
2
.
2
1
4
.
5
1
1
3
3
1
.
0
2
2
.
9
4
1
1
1
P
K
3
C
1
1
P
K
3
A
1
1
P
K
3
A
C
1
1
P
K
3
1
1
2
.
2
1
4
1
1
3
3
2
.
8
1
8
.
4
8
1
A
1
1
P
K
3
A
C
1
1
P
K
3
2
1
P
K
3
C
2
1
P
K
3
2
1
3
.
3
1
9
.
6
1
1
3
3
2
2
4
.
6
3
1
2
1
P
K
3
C
2
1
P
K
3
A
2
1
P
K
3
A
C
2
1
P
K
3
2
1
3
.
3
1
3
.
5
1
1
3
3
9
.
9
1
6
.
0
5
1
A
2
1
P
K
3
A
C
2
1
P
K
3
3
1
P
K
3
C
3
1
P
K
3
3
1
4
.
4
1
2
.
8
1
1
3
3
8
.
3
2
6
2
1
3
1
P
K
3
C
3
1
P
K
3
A
3
1
P
K
3
A
C
3
1
P
K
3
3
1
4
.
4
1
5
.
6
1
1
3
3
5
.
1
2
4
.
9
3
1
A
3
1
P
K
3
A
C
3
1
P
K
3
4
1
P
K
3
C
4
1
P
K
3
4
1
6
.
5
1
8
.
9
1
1
3
3
8
.
5
2
2
.
6
1
1
4
1
P
K
3
C
4
1
P
K
3
A
4
1
P
K
3
A
C
4
1
P
K
3
4
1
6
.
5
1
9
.
7
1
1
3
3
2
.
3
2
4
.
9
2
1
A
4
1
P
K
3
A
C
4
1
P
K
3
5
1
P
K
3
C
5
1
P
K
3
5
1
7
.
6
1
1
.
1
2
1
3
3
9
.
6
2
6
.
1
1
1
5
1
P
K
3
C
5
1
P
K
3
A
5
1
P
K
3
A
C
5
1
P
K
3
5
1
7
.
6
1
2
.
9
1
1
3
3
4
.
4
2
3
2
1
A
5
1
P
K
3
A
C
5
1
P
K
3
6
1
P
K
3
C
6
1
P
K
3
6
1
8
.
7
1
6
.
2
2
1
3
3
8
.
8
2
2
.
4
0
1
6
1
P
K
3
C
6
1
P
K
3
A
6
1
P
K
3
A
C
6
1
P
K
3
6
1
8
.
7
1
5
.
0
2
1
3
3
6
2
4
.
5
1
1
A
6
1
P
K
3
A
C
6
1
P
K
3
7
1
J
P
K
3
C
7
1
J
P
K
3
7
1
9
.
8
1
9
.
3
2
1
3
3
5
.
0
3
4
.
8
9
7
1
J
P
K
3
C
7
1
J
P
K
3
A
7
1
P
K
3
A
C
7
1
P
K
3
7
1
9
.
8
1
7
.
1
2
1
3
3
6
.
7
2
6
.
6
0
1
A
7
1
P
K
3
A
C
7
1
P
K
3
8
1
P
K
3
C
8
1
P
K
3
8
1
0
2
3
.
5
2
1
3
3
2
.
2
3
2
.
3
9
8
1
P
K
3
C
8
1
P
K
3
A
8
1
P
K
3
A
C
8
1
P
K
3
8
1
0
2
3
.
3
2
1
3
3
2
.
9
2
8
.
2
0
1
A
8
1
P
K
3
A
C
8
1
P
K
3
0
2
P
K
3
C
0
2
P
K
3
0
2
2
.
2
2
1
.
8
2
1
3
3
8
.
5
3
8
.
3
8
0
2
P
K
3
C
0
2
P
K
3
A
0
2
P
K
3
A
C
0
2
P
K
3
0
2
2
.
2
2
5
.
5
2
1
3
3
4
.
2
3
6
.
2
9
A
0
2
P
K
3
A
C
0
2
P
K
3
2
2
P
K
3
C
2
2
P
K
3
2
2
4
.
4
2
9
.
0
3
1
3
3
4
.
9
3
2
.
6
7
2
2
P
K
3
C
2
2
P
K
3
A
2
2
P
K
3
A
C
2
2
P
K
3
2
2
4
.
4
2
8
2
1
3
3
5
.
5
3
4
.
4
8
A
2
2
P
K
3
A
C
2
2
P
K
3
4
2
P
K
3
C
4
2
P
K
3
4
2
7
.
6
2
8
.
3
3
1
3
3
3
4
8
.
9
6
4
2
P
K
3
C
4
2
P
K
3
A
4
2
P
K
3
A
C
4
2
P
K
3
4
2
7
.
6
2
7
.
0
3
1
3
3
9
.
8
3
2
.
7
7
A
4
2
P
K
3
A
C
4
2
P
K
3
6
2
P
K
3
C
6
2
P
K
3
6
2
9
.
8
2
6
.
6
3
1
3
3
6
.
6
4
4
.
4
6
6
2
P
K
3
C
6
2
P
K
3
A
6
2
P
K
3
A
C
6
2
P
K
3
6
2
9
.
8
2
2
.
3
3
1
3
3
1
.
2
4
2
.
1
7
A
6
2
P
K
3
A
C
6
2
P
K
3
8
2
P
K
3
C
8
2
P
K
3
8
2
1
.
1
3
4
.
9
3
1
3
3
0
5
0
6
8
2
P
K
3
C
8
2
P
K
3
A
8
2
P
K
3
A
C
8
2
P
K
3
8
2
1
.
1
3
8
.
5
3
1
3
3
4
.
5
4
6
6
A
8
2
P
K
3
A
C
8
2
P
K
3
0
3
P
K
3
C
0
3
P
K
3
0
3
3
.
3
3
2
.
2
4
1
3
3
5
.
3
5
6
5
0
3
P
K
3
C
0
3
P
K
3
A
0
3
P
K
3
A
C
0
3
P
K
3
0
3
3
.
3
3
3
.
8
3
1
3
3
4
.
8
4
2
6
A
0
3
P
K
3
A
C
0
3
P
K
3
3
3
P
K
3
C
3
3
P
K
3
3
3
7
.
6
3
5
.
6
4
1
3
3
9
5
4
.
0
5
3
3
P
K
3
C
3
3
P
K
3
A
3
3
P
K
3
A
C
3
3
P
K
3
3
3
7
.
6
3
2
.
2
4
1
3
3
3
.
3
5
2
.
6
5
A
3
3
P
K
3
A
C
3
3
P
K
3
6
3
P
K
3
C
6
3
P
K
3
6
3
0
4
7
.
0
5
1
3
3
3
.
4
6
6
.
6
4
6
3
P
K
3
C
6
3
P
K
3
A
6
3
P
K
3
A
C
6
3
P
K
3
6
3
0
4
6
4
1
3
3
1
.
8
5
6
.
1
5
A
6
3
P
K
3
A
C
6
3
P
K
3
0
4
P
K
3
C
0
4
P
K
3
0
4
4
.
4
4
3
.
6
5
1
3
3
4
.
1
7
2
4
0
4
P
K
3
C
0
4
P
K
3


Similar Part No. - 3KP28

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP28 PANJIT-3KP28 Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Socay Electornics Co., ...
3KP28 SOCAY-3KP28 Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Surge Components
3KP28 SURGE-3KP28 Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Pan Jit International I...
3KP28 PANJIT-3KP28 Datasheet
109Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
logo
Won-Top Electronics
3KP28 WTE-3KP28 Datasheet
68Kb / 5P
   3000W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 3KP28

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3.0SMCJ PANJIT-3.0SMCJ_09 Datasheet
153Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
1.5SMCJ PANJIT-1.5SMCJ_09 Datasheet
148Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
2.0SMCJ22A PANJIT-2.0SMCJ22A Datasheet
85Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
3KP_SERIES PANJIT-3KP_SERIES_14 Datasheet
109Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
3.0SMCJ_SERIES PANJIT-3.0SMCJ_SERIES_14 Datasheet
240Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
5.0SMCJ_SERIES PANJIT-5.0SMCJ_SERIES_14 Datasheet
153Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
1.5SMCJ-AU PANJIT-1.5SMCJ-AU Datasheet
244Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watt
5.0SMCJ PANJIT-5.0SMCJ Datasheet
158Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
1.5SMCJ_SERIES PANJIT-1.5SMCJ_SERIES_14 Datasheet
221Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
logo
Jinan Jing Heng Electro...
P6KE6.8A JINGHENG-P6KE6.8A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 600 Watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com