Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP20A Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # 5KP20A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

5KP20A Datasheet(HTML) 3 Page - Pan Jit International Inc.

  5KP20A Datasheet HTML 1Page - Pan Jit International Inc. 5KP20A Datasheet HTML 2Page - Pan Jit International Inc. 5KP20A Datasheet HTML 3Page - Pan Jit International Inc. 5KP20A Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE . 3
STAD-SEP.03.2008
5KP SERIES
r
e
b
m
u
N
t
r
a
P
V RWM
V BR
I
@
T
IR @VRWM
VC @IPP
e
d
o
C
g
n
i
k
r
a
M
.
n
i
M
.
x
a
M
IT
-
I
N
U
-
I
B
-
I
N
U
-
I
B
V
V
V
A
m
µ
µ
µ
µ
µ A
µ
µ
µ
µ
µ A
V
A
-
I
N
U
-
I
B
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
W
0
0
0
5
A
0
4
P
K
5
A
C
0
4
P
K
5
0
4
4
.
4
4
1
.
1
5
5
6
6
5
.
4
6
8
7
A
0
4
P
K
5
A
C
0
4
P
K
5
3
4
P
K
5
C
3
4
P
K
5
3
4
8
.
7
4
5
.
0
6
5
6
6
7
.
6
7
5
6
3
4
P
K
5
C
3
4
P
K
5
A
3
4
P
K
5
A
C
3
4
P
K
5
3
4
8
.
7
4
9
.
4
5
5
6
6
4
.
9
6
2
7
A
3
4
P
K
5
A
C
3
4
P
K
5
5
4
P
K
5
C
5
4
P
K
5
5
4
0
5
3
.
3
6
5
6
6
3
.
0
8
2
6
5
4
P
K
5
C
5
4
P
K
5
A
5
4
P
K
5
A
C
5
4
P
K
5
5
4
0
5
5
.
7
5
5
6
6
7
.
2
7
9
6
A
5
4
P
K
5
A
C
5
4
P
K
5
8
4
P
K
5
C
8
4
P
K
5
8
4
3
.
3
5
5
.
7
6
5
6
6
5
.
5
8
8
5
8
4
P
K
5
C
8
4
P
K
5
A
8
4
P
K
5
A
C
8
4
P
K
5
8
4
3
.
3
5
3
.
1
6
5
6
6
4
.
7
7
5
6
A
8
4
P
K
5
A
C
8
4
P
K
5
1
5
P
K
5
C
1
5
P
K
5
1
5
7
.
6
5
8
.
1
7
5
6
6
1
.
1
9
5
5
1
5
P
K
5
C
1
5
P
K
5
A
1
5
P
K
5
A
C
1
5
P
K
5
1
5
7
.
6
5
2
.
5
6
5
6
6
4
.
2
8
1
6
A
1
5
P
K
5
A
C
1
5
P
K
5
4
5
P
K
5
C
4
5
P
K
5
4
5
0
6
6
7
5
6
6
3
.
6
9
2
5
4
5
P
K
5
C
4
5
P
K
5
A
4
5
P
K
5
A
C
4
5
P
K
5
4
5
0
6
9
6
5
6
6
1
.
7
8
7
5
A
4
5
P
K
5
A
C
4
5
P
K
5
8
5
P
K
5
C
8
5
P
K
5
8
5
4
.
4
6
6
.
1
8
5
6
6
3
0
1
9
4
8
5
P
K
5
C
8
5
P
K
5
A
8
5
P
K
5
A
C
8
5
P
K
5
8
5
4
.
4
6
1
.
4
7
5
6
6
6
.
3
9
3
5
A
8
5
P
K
5
A
C
8
5
P
K
5
0
6
P
K
5
C
0
6
P
K
5
0
6
7
.
6
6
5
.
4
8
5
6
6
7
0
1
7
4
0
6
P
K
5
C
0
6
P
K
5
A
0
6
P
K
5
A
C
0
6
P
K
5
0
6
7
.
6
6
7
.
6
7
5
6
6
8
.
6
9
2
5
A
0
6
P
K
5
A
C
0
6
P
K
5
4
6
P
K
5
C
4
6
P
K
5
4
6
1
.
1
7
1
.
0
9
5
6
6
4
1
1
4
4
4
6
P
K
5
C
4
6
P
K
5
A
4
6
P
K
5
A
C
4
6
P
K
5
4
6
1
.
1
7
8
.
1
8
5
6
6
3
0
1
9
4
A
4
6
P
K
5
A
C
4
6
P
K
5
0
7
P
K
5
C
0
7
P
K
5
0
7
8
.
7
7
6
.
8
9
5
6
6
5
2
1
0
4
0
7
P
K
5
C
0
7
P
K
5
A
0
7
P
K
5
A
C
0
7
P
K
5
0
7
8
.
7
7
5
.
9
8
5
6
6
3
1
1
4
4
A
0
7
P
K
5
A
C
0
7
P
K
5
5
7
P
K
5
C
5
7
P
K
5
5
7
3
.
3
8
7
.
5
0
1
5
6
6
4
3
1
7
3
5
7
P
K
5
C
5
7
P
K
5
A
5
7
P
K
5
A
C
5
7
P
K
5
5
7
3
.
3
8
8
.
5
9
5
6
6
1
2
1
1
4
A
5
7
P
K
5
A
C
5
7
P
K
5
8
7
P
K
5
C
8
7
P
K
5
8
7
7
.
6
8
8
.
9
0
1
5
6
6
9
3
1
6
3
8
7
P
K
5
C
8
7
P
K
5
A
8
7
P
K
5
A
C
8
7
P
K
5
8
7
7
.
6
8
7
.
9
9
5
6
6
6
2
1
0
4
A
8
7
P
K
5
A
C
8
7
P
K
5
5
8
P
K
5
C
5
8
P
K
5
5
8
4
.
4
9
2
.
9
1
1
5
6
6
1
5
1
3
3
5
8
P
K
5
C
5
8
P
K
5
A
5
8
P
K
5
A
C
5
8
P
K
5
5
8
4
.
4
9
2
.
8
0
1
5
6
6
7
3
1
6
3
A
5
8
P
K
5
A
C
5
8
P
K
5
0
9
P
K
5
C
0
9
P
K
5
0
9
0
0
1
5
.
6
2
1
5
6
6
0
6
1
1
3
0
9
P
K
5
C
0
9
P
K
5
A
0
9
P
K
5
A
C
0
9
P
K
5
0
9
0
0
1
5
.
5
1
1
5
6
6
6
4
1
4
3
A
0
9
P
K
5
A
C
0
9
P
K
5
0
0
1
P
K
5
C
0
0
1
P
K
5
0
0
1
1
1
1
1
4
1
5
6
6
9
7
1
8
2
0
0
1
P
K
5
C
0
0
1
P
K
5
A
0
0
1
P
K
5
A
C
0
0
1
P
K
5
0
0
1
1
1
1
8
2
1
5
6
6
2
6
1
1
3
A
0
0
1
P
K
5
A
C
0
0
1
P
K
5
0
1
1
P
K
5
C
0
1
1
P
K
5
0
1
1
2
2
1
5
.
4
5
1
5
6
6
6
9
1
6
2
0
1
1
P
K
5
C
0
1
1
P
K
5
A
0
1
1
P
K
5
A
C
0
1
1
P
K
5
0
1
1
2
2
1
5
.
0
4
1
5
6
6
7
7
1
8
2
A
0
1
1
P
K
5
A
C
0
1
1
P
K
5
0
2
1
P
K
5
C
0
2
1
P
K
5
0
2
1
3
3
1
9
6
1
5
6
6
4
1
2
3
2
0
2
1
P
K
5
C
0
2
1
P
K
5
A
0
2
1
P
K
5
A
C
0
2
1
P
K
5
0
2
1
3
3
1
3
5
1
5
6
6
3
9
1
0
2
A
0
2
1
P
K
5
A
C
0
2
1
P
K
5
0
3
1
P
K
5
C
0
3
1
P
K
5
0
3
1
4
4
1
5
.
2
8
1
5
6
6
1
3
2
2
2
0
3
1
P
K
5
C
0
3
1
P
K
5
A
0
3
1
P
K
5
A
C
0
3
1
P
K
5
0
3
1
4
4
1
5
.
5
6
1
5
6
6
9
0
2
4
2
A
0
3
1
P
K
5
A
C
0
3
1
P
K
5
0
5
1
P
K
5
C
0
5
1
P
K
5
0
5
1
7
6
1
5
.
1
1
2
5
6
6
8
6
2
9
1
0
5
1
P
K
5
C
0
5
1
P
K
5
A
0
5
1
P
K
5
A
C
0
5
1
P
K
5
0
5
1
7
6
1
5
.
2
9
1
5
6
6
3
4
2
1
2
A
0
5
1
P
K
5
A
C
0
5
1
P
K
5
0
6
1
P
K
5
C
0
6
1
P
K
5
0
6
1
8
7
1
6
2
2
5
6
6
7
8
2
7
1
0
6
1
P
K
5
C
0
6
1
P
K
5
A
0
6
1
P
K
5
A
C
0
6
1
P
K
5
0
6
1
8
7
1
5
0
2
5
6
6
9
5
2
9
1
A
0
6
1
P
K
5
A
C
0
6
1
P
K
5
0
7
1
P
K
5
C
0
7
1
P
K
5
0
7
1
9
8
1
5
.
9
3
2
5
6
6
4
0
3
6
1
0
7
1
P
K
5
C
0
7
1
P
K
5
A
0
7
1
P
K
5
A
C
0
7
1
P
K
5
0
7
1
9
8
1
5
.
7
1
2
5
6
6
5
7
2
8
1
A
0
7
1
P
K
5
A
C
0
7
1
P
K
5
0
8
1
P
K
5
C
0
8
1
P
K
5
0
8
1
8
9
1
8
.
3
5
2
1
3
3
2
2
3
6
1
0
8
1
P
K
5
C
0
8
1
P
K
5
A
0
8
1
P
K
5
A
C
0
8
1
P
K
5
0
8
1
8
9
1
4
.
0
3
2
1
3
3
2
9
2
7
1
A
0
8
1
P
K
5
A
C
0
8
1
P
K
5
0
9
1
P
K
5
C
0
9
1
P
K
5
0
9
1
9
0
2
9
.
7
6
2
1
3
3
0
4
3
5
1
0
9
1
P
K
5
C
0
9
1
P
K
5
A
0
9
1
P
K
5
A
C
0
9
1
P
K
5
0
9
1
9
0
2
2
.
3
4
2
1
3
3
8
0
3
6
1
A
0
9
1
P
K
5
A
C
0
9
1
P
K
5
0
0
2
P
K
5
C
0
0
2
P
K
5
0
0
2
0
2
2
2
8
2
1
3
3
8
5
3
4
1
0
0
2
P
K
5
C
0
0
2
P
K
5
A
0
0
2
P
K
5
A
C
0
0
2
P
K
5
0
0
2
0
2
2
6
5
2
1
3
3
4
2
3
5
1
A
0
0
2
P
K
5
A
C
0
0
2
P
K
5
0
1
2
P
K
5
C
0
1
2
P
K
5
0
1
2
1
3
2
1
.
6
9
2
1
3
3
6
7
3
3
1
0
1
2
P
K
5
C
0
1
2
P
K
5
A
0
1
2
P
K
5
A
C
0
1
2
P
K
5
0
1
2
1
3
2
8
.
8
6
2
1
3
3
0
4
3
5
1
A
0
1
2
P
K
5
A
C
0
1
2
P
K
5
0
2
2
P
K
5
C
0
2
2
P
K
5
0
2
2
2
4
2
2
.
0
1
3
1
3
3
4
9
3
3
1
0
2
2
P
K
5
C
0
2
2
P
K
5
A
0
2
2
P
K
5
A
C
0
2
2
P
K
5
0
2
2
2
4
2
2
8
2
1
3
3
6
5
3
4
1
A
0
2
2
P
K
5
A
C
0
2
2
P
K
5


Similar Part No. - 5KP20A

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP20A SURGE-5KP20A Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
DONGGUAN YOU FENG WEI E...
5KP20A YFWDIODE-5KP20A Datasheet
79Kb / 4P
   5000W Transient Voltage Suppressors
logo
Formosa MS
5KP20A FORMOSA-5KP20A Datasheet
148Kb / 4P
   Transient Voltage Suppressor
logo
Won-Top Electronics
5KP20A WTE-5KP20A Datasheet
71Kb / 6P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
SeCoS Halbleitertechnol...
5KP20A SECOS-5KP20A Datasheet
357Kb / 4P
   5000W Peak Power TVS
More results

Similar Description - 5KP20A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5SMC PANJIT-1.5SMC_09 Datasheet
143Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
1.5SMC-AU PANJIT-1.5SMC-AU Datasheet
126Kb / 7P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watt
5KP_SERIES PANJIT-5KP_SERIES_14 Datasheet
142Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
1.5KE PANJIT-1.5KE_08 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
logo
DB Lectro Inc
5KP DBLECTRO-5KP Datasheet
146Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 180 Volts 5000Watts Peak Pulse Power
logo
Pan Jit International I...
SA5.0 PANJIT-SA5.0_08 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
P6KE PANJIT-P6KE_09 Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
P4KE PANJIT-P4KE_08 Datasheet
104Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Leshan Radio Company
15KW LRC-15KW Datasheet
26Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-17 TO 280 Volts 15000 Watt Peak Pulse Power
logo
Pan Jit International I...
15KP PANJIT-15KP Datasheet
63Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com