Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PK10N32VLH100R Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # PK10N32VLH100R
Description  K10 Sub-Family Data Sheet
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PK10N32VLH100R Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button PK10N32VLH100R Datasheet HTML 7Page - Freescale Semiconductor, Inc PK10N32VLH100R Datasheet HTML 8Page - Freescale Semiconductor, Inc PK10N32VLH100R Datasheet HTML 9Page - Freescale Semiconductor, Inc PK10N32VLH100R Datasheet HTML 10Page - Freescale Semiconductor, Inc PK10N32VLH100R Datasheet HTML 11Page - Freescale Semiconductor, Inc PK10N32VLH100R Datasheet HTML 12Page - Freescale Semiconductor, Inc PK10N32VLH100R Datasheet HTML 13Page - Freescale Semiconductor, Inc PK10N32VLH100R Datasheet HTML 14Page - Freescale Semiconductor, Inc PK10N32VLH100R Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
Symbol
Description
Min.
Max.
Unit
ID
Instantaneous maximum current single pin limit (applies to all
port pins)
–25
25
mA
VDDA
Analog supply voltage
VDD – 0.3
VDD + 0.3
V
IDDA
Analog supply current1
TBD
TBD
mA
VBAT
RTC battery supply voltage
–0.3
3.8
V
VRAM
VDD voltage required to retain RAM
1.2
V
VRFVBAT
VBAT voltage required to retain the VBAT register file
TBD
V
1. The analog supply current is the sum of the active or disabled current for each of the analog modules on the device. See
each module's specification for its supply current.
5 General
5.1 Nonswitching electrical specifications
5.1.1 Voltage and Current Operating Requirements
Table 1. Voltage and current operating requirements
Symbol
Description
Min.
Max.
Unit
Notes
VDD
Supply voltage
1.71
3.6
V
VDDA
Analog supply voltage
1.71
3.6
V
VDD – VDDA VDD-to-VDDA differential voltage
–0.1
0.1
V
VSS – VSSA VSS-to-VSSA differential voltage
–0.1
0.1
V
VIH
Input high voltage
• 2.7 V ≤ VDD ≤ 3.6 V
• 1.7 V ≤ VDD ≤ 2.7 V
0.7 × VDD
0.75 × VDD
V
V
VIL
Input low voltage
• 2.7 V ≤ VDD ≤ 3.6 V
• 1.7 V ≤ VDD ≤ 2.7 V
0.35 × VDD
0.3 × VDD
V
V
VHYS
Input hysteresis
0.06 × VDD
V
Table continues on the next page...
General
K10 Sub-Family Data Sheet Data Sheet, Rev. 1, 11/2010.
Freescale Semiconductor, Inc.
Preliminary
11


Similar Part No. - PK10N32VLH100R

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PK10 EDI-PK10 Datasheet
50Kb / 2P
   MINIBRIDGE 10 AMPERES SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
logo
Willow Technologies Ltd
PK10 WILLOW-PK10 Datasheet
936Kb / 2P
   Pulstors Resistors for high voltage peak pulsing energy control , high frequency non-inductive
logo
Electronic devices inc.
PK100 EDI-PK100 Datasheet
50Kb / 2P
   MINIBRIDGE 10 AMPERES SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PK100F EDI-PK100F Datasheet
52Kb / 2P
   MINIBRIDGE 12 AMPERES-TAB TERMINALS SINGLE-PHASE, FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
logo
ECM Electronics Limited...
PK1012 ECM-PK1012 Datasheet
150Kb / 7P
   Radial Leaded Inductors
More results

Similar Description - PK10N32VLH100R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K10P144M100SF2 FREESCALE-K10P144M100SF2 Datasheet
989Kb / 66P
   K10 Sub-Family Data Sheet
K10P144M120SF3 FREESCALE-K10P144M120SF3 Datasheet
1Mb / 75P
   K10 Sub-Family Data Sheet
K10P104M100SF2 FREESCALE-K10P104M100SF2 Datasheet
882Kb / 60P
   K10 Sub-Family Data Sheet
K10P144M100SF2_1109 FREESCALE-K10P144M100SF2_1109 Datasheet
1Mb / 70P
   K10 Sub-Family Data Sheet
K10P32M50SF0 FREESCALE-K10P32M50SF0 Datasheet
1Mb / 57P
   K10 Sub-Family
logo
NXP Semiconductors
K10P144M120SF3 NXP-K10P144M120SF3 Datasheet
1Mb / 80P
   K10 Sub-Family
Rev. 7, 02/2018
K10P81M100SF2 NXP-K10P81M100SF2 Datasheet
2Mb / 71P
   K10 Sub-Family
Rev. 7, 02/2013
logo
Freescale Semiconductor...
K10P121M100SF2V2 FREESCALE-K10P121M100SF2V2 Datasheet
1Mb / 70P
   K10 Sub-Family
K10P48M50SF0 FREESCALE-K10P48M50SF0 Datasheet
1Mb / 59P
   K10 Sub-Family
K10P100M72SF1 FREESCALE-K10P100M72SF1 Datasheet
1Mb / 73P
   K10 Sub-Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com