Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B10S Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # B10S
Description  MINI SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

B10S Datasheet(HTML) 1 Page - Pan Jit International Inc.

  B10S Datasheet HTML 1Page - Pan Jit International Inc. B10S Datasheet HTML 2Page - Pan Jit International Inc. B10S Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
June 28,2010-REV.01
B1S~B10S
FEATURES
• Plastic material used carries Underwriters Laboratory recognition 94V-O
• Low leakage
• Surge overload rating-- 30 amperes peak
• Ideal for printed circuit board
• Exceeds environmental standards of MIL-S-19500
• In compliance with EU RoHS 2002/95/EC directives
MINI SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
NOTES:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
2. Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.5 X 0.5"(13 X 13mm) copper pads
3. *R-load on alumina subtrate
.275(7)MAX
.165(4.2)
.106(2.7)
.051(1.3)
.043(1.1)
.008(.20)
.067(1.7)
.150(3.8)
.090(2.3)
.035(0.9)
.027(0.7)
.057(1.3)
C.02(.5)
MDI
Unit: inch(mm)
VOLTAGE 100 to 1000Volts
0.5 Amperes
CURRENT
Recongnized File # E111753
MECHANICAL DATA
• Case: Reliable low cost construction utilizing molded plastic technique
results in
• inexpensive product
• Terminals: Lead solderable per MIL-STD-750, Method 2026
• Polarity: Polarity symbols molded or marking on body
• Mounting Position: Any
• Weight: 0.0044 ounce, 0.1268 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, Resistive or inductive load.
For capacitive load, derate current by 20%
PA RA M E TE R
S YM BOL
B 1 S
B2 S
B 4 S
B6 S
B 8 S
B1 0 S
UNITS
M a xi m um Re c ur r ent P eak Re ve r s e Vo lt age
V
RRM
100
200
400
600
800
1000
V
M a xi m um RM S B r i dge Input Vo ltage
V
RM S
70
140
280
420
560
7 00
V
Ma xi m um D C B lo c k i ng Vo lt a g e
V
DC
100
200
400
600
800
1000
V
M a xi m um A ve r age F o r war d
C ur r ent T
A =4 0
O C
T
A =2 5
O C ( Note 3)
I
F(A V )
0. 5
0.8*
A
P eak F o r war d S ur ge C ur r ent : 8.3m s s i ng le ha lf si ne - wave
s uper i m p o sed on r a t ed load ( J E D E C m e t hod)
I
FS M
30
A
I2t Ra ti ng fo r fus i ng ( t<8 .3 5 m s )
I2t
3 . 735
A 2S
M a xi m um F o r war d Vo ltage D r op per B r i dge E lem ent at 0.5A
V
F
1. 0
V
M a xi m um D C Re ve r s e C ur r e nt at Ra t ed D C
B loc ki ng Vo lt ag e
T
J = 25
O C
T
J = 125
O C
I
R
5. 0
500
μA
Typi c a l J unc t i on c apac i t anc e ( Not e 1)
C
J
25
pF
Typi c a l t her m a l r e s i s tanc e per leg ( Not e 2)
Rθ
JA
Rθ
JC
Rθ
JL
120
50
48
O C / W
Oper ati ng J unc ti on and S t or age Te m per at ur e Ra ng e
T
J ,T STG
- 55 t o + 150
O C


Similar Part No. - B10S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
B10S PANJIT-B10S Datasheet
114Kb / 2P
   MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER(VOLTAGE - 100 to 1000 Volts CURRENT - 0.5 Amperes)
logo
Diotech Company.
B10S DIOTECH-B10S Datasheet
848Kb / 2P
   MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER
logo
Dc Components
B10S DCCOM-B10S Datasheet
362Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE MINI SURFACE MOUNT BRIDGE RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
B10S YENYO-B10S Datasheet
525Kb / 2P
   Surface Mount Bridge Rectifier
logo
Formosa MS
B10S FORMOSA-B10S Datasheet
69Kb / 2P
   Glass passivated type
More results

Similar Description - B10S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
B1S PANJIT-B1S_V01 Datasheet
218Kb / 5P
   MINI SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
November 13,2019-REV.06
B1005S PANJIT-B1005S Datasheet
137Kb / 5P
   MINI SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Yea Shin Technology Co....
B1S YEASHIN-B1S Datasheet
394Kb / 2P
   MINI SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Pan Jit International I...
B1S PANJIT-B1S_07 Datasheet
71Kb / 3P
   MINI SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Yea Shin Technology Co....
MB1S YEASHIN-MB1S Datasheet
340Kb / 2P
   MINI SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Pan Jit International I...
MB4F-10 PANJIT-MB4F-10 Datasheet
90Kb / 4P
   MINI SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
B1005S PANJIT-B1005S_V01 Datasheet
556Kb / 5P
   MINI SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
September 30,2019-REV.02
logo
Rectron Semiconductor
EMD1S RECTRON-EMD1S_02 Datasheet
35Kb / 3P
   SINGLE-PHASE GLASS PASSIVATED MINI SUPER FAST SURFACE MOUNT BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
E92205A GOOD-ARK-E92205A Datasheet
251Kb / 3P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E92207A GOOD-ARK-E92207A Datasheet
239Kb / 3P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com