Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5942B Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # 1N5942B
Description  SILICON ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1N5942B Datasheet(HTML) 4 Page - Pan Jit International Inc.

  1N5942B Datasheet HTML 1Page - Pan Jit International Inc. 1N5942B Datasheet HTML 2Page - Pan Jit International Inc. 1N5942B Datasheet HTML 3Page - Pan Jit International Inc. 1N5942B Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PAGE . 4
STAD-FEB.10.2009
1
1N5921B~1N5942B
0
12
3
4
5
67
89
10
100
50
30
20
10
5
3
2
1
0.5
0.3
0.2
0.1
Vz, ZENER VOLTAGE (VOLTS)
Fig.7 Vz = 6.8 thru 10 Volts
100
50
30
20
10
5
3
2
1
0.5
0.3
0.2
0.1
010
20
30
40
Vz, ZENER VOLTAGE (VOLTS)
Fig.8Vz=12thru82Volts
NOTE 3. ZENER VOLTAGE (Vz) MEASUREMENT
Nominal zener voltage is measured with the device function in thermal equilibrium with ambient
temperature at 25 C
NOTE 4. ZENER IMPEDANCE (Zz) DERIVATION
Zzt and Zzk are measured by dividing the ac voltage drop across the device by the accurrent applied.
The specified limits are for Iz(ac) = 0.1 Iz, (dc) with the ac freqency = 60Hz
O


Similar Part No. - 1N5942B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5942B PANJIT-1N5942B Datasheet
81Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
logo
SEMTECH ELECTRONICS LTD...
1N5942B SEMTECH_ELEC-1N5942B Datasheet
225Kb / 3P
   3 W SILICON ZENER DIODES
logo
Transys Electronics
1N5942B TRSYS-1N5942B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
EIC discrete Semiconduc...
1N5942B EIC-1N5942B Datasheet
105Kb / 4P
   SILICON ZENER DIODES
logo
Jinan Gude Electronic D...
1N5942B JGD-1N5942B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
More results

Similar Description - 1N5942B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com