Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5369B Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # 1N5369B
Description  SILICON ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1N5369B Datasheet(HTML) 1 Page - Pan Jit International Inc.

  1N5369B Datasheet HTML 1Page - Pan Jit International Inc. 1N5369B Datasheet HTML 2Page - Pan Jit International Inc. 1N5369B Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
STAD-FEB.10.2009
1
1N5342B~1N5369B
FEATURES
• For surface mounted applications in order to optimize board space.
• Low profile package
• Built-in strain relief
• Low inductance
• Typical I
D less than 1.0µA above 13V
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• In compliance with EU RoHS 2002/95/EC directives
MECHANICALDATA
• Case: JEDEC DO-201AE molded plastic
• Terminals: Axial leads, solderable per MIL-STD-750, Method 2026
• Polarity: Color band denoted cathode except Bipolar
• Mounting Position: Any
• Weight: 0.0395 ounce, 1.122 gram
SILICON ZENER DIODES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
NOTE:
1.Mounted on 8.0mm2 copper pads to each terminal.
.042(1.07)
.210(5.3)
.037(0.94)
.188(4.8)
DO-201AE
Unit: inch(mm)
VOLTAGE
6.8 to 51 Volts
5.0 Watts
CURRENT
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
e
u
l
a
V
s
t
i
n
U
T
n
o
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
C
D
L
5
7
=
O
h
t
g
n
e
L
d
a
e
L
o
r
e
Z
t
a
e
r
u
s
a
e
M
,
C
0
5
e
v
o
b
a
e
t
a
r
e
D
O
)
1
E
T
O
N
(
C
PD
0
.
5
t
t
a
Ws
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
TJ ,TSTG
0
5
1
+
o
t
5
5
-
O C


Similar Part No. - 1N5369B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5369B MOTOROLA-1N5369B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Formosa MS
1N5369B FORMOSA-1N5369B Datasheet
948Kb / 4P
   5W Zener Diode 5.1 to 200V
logo
Semikron International
1N5369B SEMIKRON-1N5369B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
Yangzhou yangjie electr...
1N5369B YANGJIE-1N5369B Datasheet
447Kb / 5P
   Zener Diodes
logo
Diotec Semiconductor
1N5369B DIOTEC-1N5369B Datasheet
85Kb / 2P
   Silicon-Power-Zener Diodes (non-planar technology)
More results

Similar Description - 1N5369B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com