Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5408 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # 1N5408
Description  HIGH CURRENT PLASTIC SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1N5408 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  1N5408 Datasheet HTML 1Page - Pan Jit International Inc. 1N5408 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
REV.0.2-MAR.15.2010
1N5400~1N5408
RATING AND CHARACTERISTIC CURVES
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
Fig.2- MAXIMUM NON - REPETITIVE SURGE CURRENT
Fig.5- TYPICAL JUNCTION CAPACITANCE
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
NO. OF CYCLE AT 60HZ
REVERSE VOLTAGE, VOLTS
0
1
2
3
4
5
0
20
40
60
80
100
120
140
160
AMBIENT TEMPERAURE, C
O
240
200
160
120
80
40
1
10
100
0
10
1.0
0.1
0.5
0.7
0.9
1.1
1.3
1.5
1.7
0.01
100
100
10
10
100
1
1
.1
Fig.3-TYPICALREVERSECHARACTERISTIC
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
.375" (9.5mm) LEAD LENGTH
PERCENTAGE OF PEAK REVERSE VOLTAGE,%
0.1
20
40
60
80
100 120
140
1.0
10
100
1000
T= 125 C
o
J
T= 100 C
J
O
T= 25 C
J
O


Similar Part No. - 1N5408

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5408 MOTOROLA-1N5408 Datasheet
44Kb / 2P
   STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE
logo
Naina Semiconductor ltd...
1N5408 NAINA-1N5408 Datasheet
103Kb / 2P
   General Purpose Rectifier, 3.0A
logo
Taiwan Semiconductor Co...
1N5408 TSC-1N5408 Datasheet
242Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
DONGGUAN YOU FENG WEI E...
1N5408 YFWDIODE-1N5408 Datasheet
432Kb / 3P
   3 Amp Rectifier 50 - 1000 Volts
logo
Edal Industries, Inc.
1N5408 EDAL-1N5408 Datasheet
1Mb / 2P
   SILICON GENERAL PURPOSE 3.0 AMP DIODES
More results

Similar Description - 1N5408

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N5400 TRSYS-1N5400 Datasheet
155Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Nantong Hornby Electron...
AR-ARS350X HORNBY-AR-ARS350X Datasheet
230Kb / 3P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
1N5400 PANJIT-1N5400_07 Datasheet
43Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Transys Electronics
P600A TRSYS-P600A Datasheet
144Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Nantong Hornby Electron...
AR-ARS500X HORNBY-AR-ARS500X Datasheet
229Kb / 3P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Yea Shin Technology Co....
1N5400G YEASHIN-1N5400G Datasheet
59Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Nantong Hornby Electron...
AR-ARS250X HORNBY-AR-ARS250X Datasheet
231Kb / 3P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
10A05 KISEMICONDUCTOR-10A05 Datasheet
66Kb / 2P
   CURRENT: PLASTIC SILICON RECTIFIER
logo
General Semiconductor
GI750 GE-GI750 Datasheet
38Kb / 2P
   HIGH CURRENT PLASTIC RECTIFIER
logo
Vishay Siliconix
GI756-E373 VISHAY-GI756-E373 Datasheet
79Kb / 4P
   High Current Axial Plastic Rectifier
Revision: 01-Aug-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com