Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA9554A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TCA9554A
Description  LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA9554A Datasheet(HTML) 3 Page - Texas Instruments

  TCA9554A Datasheet HTML 1Page - Texas Instruments TCA9554A Datasheet HTML 2Page - Texas Instruments TCA9554A Datasheet HTML 3Page - Texas Instruments TCA9554A Datasheet HTML 4Page - Texas Instruments TCA9554A Datasheet HTML 5Page - Texas Instruments TCA9554A Datasheet HTML 6Page - Texas Instruments TCA9554A Datasheet HTML 7Page - Texas Instruments TCA9554A Datasheet HTML 8Page - Texas Instruments TCA9554A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
TCA9554A
www.ti.com
SCPS196 – DECEMBER 2010
Table 1. TERMINAL FUNCTIONS
NO.
NAME
DESCRIPTION
TSSOP (PW)
mQFN (RSV)
1
15
A0
Address input. Connect directly to VCC or ground.
2
16
A1
Address input. Connect directly to VCC or ground.
3
1
A2
Address input. Connect directly to VCC or ground.
P-port input/output. Push-pull design structure. At power-on, P0 is
4
2
P0
configured as an input.
P-port input/output. Push-pull design structure. At power-on, P1 is
5
3
P1
configured as an input.
P-port input/output. Push-pull design structure. At power-on, P2 is
6
4
P2
configured as an input.
P-port input/output. Push-pull design structure. At power-on, P3 is
7
5
P3
configured as an input.
8
6
GND
Ground
P-port input/output. Push-pull design structure. At power-on, P4 is
9
7
P4
configured as an input.
P-port input/output. Push-pull design structure. At power-on, P5 is
10
8
P5
configured as an input.
P-port input/output. Push-pull design structure. At power-on, P6 is
11
9
P6
configured as an input.
P-port input/output. Push-pull design structure. At power-on, P7 is
12
10
P7
configured as an input.
13
11
INT
Interrupt output. Connect to VCC through a pullup resistor.
14
12
SCL
Serial clock bus. Connect to VCC through a pullup resistor.
15
13
SDA
Serial data bus. Connect to VCC through a pullup resistor.
16
14
VCC
Supply voltage
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TCA9554A


Similar Part No. - TCA9554A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9554A TI1-TCA9554A Datasheet
1Mb / 38P
[Old version datasheet]   TCA9554A Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9554A TI1-TCA9554A Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9554ADBQR TI1-TCA9554ADBQR Datasheet
1Mb / 38P
[Old version datasheet]   TCA9554A Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9554ADBQR TI1-TCA9554ADBQR Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9554ADBR TI1-TCA9554ADBR Datasheet
1Mb / 38P
[Old version datasheet]   TCA9554A Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
More results

Similar Description - TCA9554A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9538 TI1-TCA9538 Datasheet
1Mb / 37P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander
TCA6408A-Q1 TI1-TCA6408A-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
logo
ON Semiconductor
PCA9654E ONSEMI-PCA9654E_17 Datasheet
335Kb / 22P
   8-bit I/O Expander for I2C Bus and SMBus
March, 2017 ??Rev. 3
logo
Texas Instruments
TCA9539 TI1-TCA9539_15 Datasheet
1Mb / 42P
[Old version datasheet]   Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander
logo
NXP Semiconductors
PCA6416A NXP-PCA6416A Datasheet
2Mb / 42P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander
Rev. 1-11 September 2012
logo
Texas Instruments
TCA9554 TI1-TCA9554 Datasheet
663Kb / 31P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408_09 Datasheet
927Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9534 TI1-TCA9534 Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
logo
ON Semiconductor
PCA9554 ONSEMI-PCA9554 Datasheet
103Kb / 11P
   8-bit I2C and SMBus I/O Port
November, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com