Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5SMCJ8.5A Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # 1.5SMCJ8.5A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1.5SMCJ8.5A Datasheet(HTML) 2 Page - Pan Jit International Inc.

  1.5SMCJ8.5A Datasheet HTML 1Page - Pan Jit International Inc. 1.5SMCJ8.5A Datasheet HTML 2Page - Pan Jit International Inc. 1.5SMCJ8.5A Datasheet HTML 3Page - Pan Jit International Inc. 1.5SMCJ8.5A Datasheet HTML 4Page - Pan Jit International Inc. 1.5SMCJ8.5A Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
STAD-APR.03.2009
1
1.5SMCJ SERIES
r
e
b
m
u
N
t
r
a
P
V RW M
V BR
I
@
T
IR @VRWM
VC @IPP
g
n
i
k
r
a
M
e
d
o
C
.
n
i
M
.
x
a
M
I T
-
I
N
U
-
I
B
-
I
N
U
-
I
B
V
V
V
A
m
µ
µ
µ
µ
µ A
µ
µ
µ
µ
µ A
V
A
-
I
N
U
-
I
B
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
W
0
0
5
1
0
.
5
J
C
M
S
5
.
1
C
0
.
5
J
C
M
S
5
.
1
5
4
.
6
5
5
.
7
0
1
0
0
0
1
0
0
0
2
6
.
9
2
.
6
5
1
D
D
G
D
D
B
A
0
.
5
J
C
M
S
5
.
1
A
C
0
.
5
J
C
M
S
5
.
1
5
4
.
6
5
2
.
7
0
1
0
0
0
1
0
0
0
2
2
.
9
3
6
1
E
D
G
E
D
B
0
.
6
J
C
M
S
5
.
1
C
0
.
6
J
C
M
S
5
.
1
6
7
6
.
6
5
4
.
8
0
1
0
0
0
1
0
0
0
2
4
.
1
1
6
.
1
3
1
F
D
G
F
D
B
A
0
.
6
J
C
M
S
5
.
1
A
C
0
.
6
J
C
M
S
5
.
1
6
7
6
.
6
7
6
.
7
0
1
0
0
0
1
0
0
0
2
3
.
0
1
6
.
5
4
1
G
D
G
G
D
B
5
.
6
J
C
M
S
5
.
1
C
5
.
6
J
C
M
S
5
.
1
5
.
6
2
2
.
7
4
1
.
9
0
1
0
0
5
0
0
0
1
3
.
2
1
2
2
1
H
D
G
H
D
B
A
5
.
6
J
C
M
S
5
.
1
A
C
5
.
6
J
C
M
S
5
.
1
5
.
6
2
2
.
7
3
.
8
0
1
0
0
5
0
0
0
1
2
.
1
1
9
.
3
3
1
K
D
G
K
D
B
0
.
7
J
C
M
S
5
.
1
C
0
.
7
J
C
M
S
5
.
1
7
8
7
.
7
6
8
.
9
0
1
0
0
2
0
0
4
3
.
3
1
8
.
2
1
1
L
D
G
L
D
B
A
0
.
7
J
C
M
S
5
.
1
A
C
0
.
7
J
C
M
S
5
.
1
7
8
7
.
7
5
9
.
8
0
1
0
0
2
0
0
4
2
1
5
2
1
M
D
G
M
D
B
5
.
7
J
C
M
S
5
.
1
C
5
.
7
J
C
M
S
5
.
1
5
.
7
3
3
.
8
7
6
.
0
1
1
0
0
1
0
0
2
3
.
4
1
9
.
4
0
1
N
D
G
N
D
B
A
5
.
7
J
C
M
S
5
.
1
A
C
5
.
7
J
C
M
S
5
.
1
5
.
7
3
3
.
8
8
5
.
9
1
0
0
1
0
0
2
9
.
2
1
3
.
6
1
1
P
D
G
P
D
B
0
.
8
J
C
M
S
5
.
1
C
0
.
8
J
C
M
S
5
.
1
8
9
8
.
8
1
1
1
0
5
0
0
1
5
1
0
0
1
Q
D
G
Q
D
B
A
0
.
8
J
C
M
S
5
.
1
A
C
0
.
8
J
C
M
S
5
.
1
8
9
8
.
8
3
2
.
0
1
1
0
5
0
0
1
6
.
3
1
3
.
0
1
1
R
D
G
R
D
B
5
.
8
J
C
M
S
5
.
1
C
5
.
8
J
C
M
S
5
.
1
5
.
8
4
4
.
9
2
9
.
1
1
1
5
2
0
5
9
.
5
1
3
.
4
9
S
D
G
S
D
B
A
5
.
8
J
C
M
S
5
.
1
A
C
5
.
8
J
C
M
S
5
.
1
5
.
8
4
4
.
9
2
8
.
0
1
1
5
2
0
5
4
.
4
1
2
.
4
0
1
T
D
G
T
D
B
0
.
9
J
C
M
S
5
.
1
C
0
.
9
J
C
M
S
5
.
1
9
0
1
6
.
2
1
1
0
1
0
2
9
.
6
1
7
.
8
8
U
D
G
U
D
B
A
0
.
9
J
C
M
S
5
.
1
A
C
0
.
9
J
C
M
S
5
.
1
9
0
1
5
.
1
1
1
0
1
0
2
4
.
5
1
4
.
7
9
V
D
G
V
D
B
0
1
J
C
M
S
5
.
1
C
0
1
J
C
M
S
5
.
1
0
1
1
.
1
1
1
.
4
1
1
5
5
8
.
8
1
8
.
9
7
W
D
G
W
D
B
A
0
1
J
C
M
S
5
.
1
A
C
0
1
J
C
M
S
5
.
1
0
1
1
.
1
1
8
.
2
1
1
5
5
7
1
2
.
8
8
X
D
G
X
D
B
1
1
J
C
M
S
5
.
1
C
1
1
J
C
M
S
5
.
1
1
1
2
.
2
1
4
.
5
1
1
1
1
1
.
0
2
6
.
4
7
Y
D
G
Y
D
B
A
1
1
J
C
M
S
5
.
1
A
C
1
1
J
C
M
S
5
.
1
1
1
2
.
2
1
4
1
1
1
1
2
.
8
1
4
.
2
8
Z
D
G
Z
D
B
2
1
J
C
M
S
5
.
1
C
2
1
J
C
M
S
5
.
1
2
1
3
.
3
1
9
.
6
1
1
1
1
2
2
2
.
8
6
D
E
G
D
E
B
A
2
1
J
C
M
S
5
.
1
A
C
2
1
J
C
M
S
5
.
1
2
1
3
.
3
1
3
.
5
1
1
1
1
9
.
9
1
3
.
5
7
E
E
G
E
E
B
3
1
J
C
M
S
5
.
1
C
3
1
J
C
M
S
5
.
1
3
1
4
.
4
1
2
.
8
1
1
1
1
8
.
3
2
3
6
F
E
G
F
E
B
A
3
1
J
C
M
S
5
.
1
A
C
3
1
J
C
M
S
5
.
1
3
1
4
.
4
1
5
.
6
1
1
1
1
5
.
1
2
7
.
9
6
G
E
G
G
E
B
4
1
J
C
M
S
5
.
1
C
4
1
J
C
M
S
5
.
1
4
1
6
.
5
1
8
.
9
1
1
1
1
8
.
5
2
1
.
8
5
H
E
G
H
E
B
A
4
1
J
C
M
S
5
.
1
A
C
4
1
J
C
M
S
5
.
1
4
1
6
.
5
1
9
.
7
1
1
1
1
2
.
3
2
7
.
4
6
K
E
G
K
E
B
5
1
J
C
M
S
5
.
1
C
5
1
J
C
M
S
5
.
1
5
1
7
.
6
1
1
.
1
2
1
1
1
9
.
6
2
8
.
5
5
L
E
G
L
E
B
A
5
1
J
C
M
S
5
.
1
A
C
5
1
J
C
M
S
5
.
1
5
1
7
.
6
1
2
.
9
1
1
1
1
4
.
4
2
5
.
1
6
M
E
G
M
E
B
6
1
J
C
M
S
5
.
1
C
6
1
J
C
M
S
5
.
1
6
1
8
.
7
1
6
.
2
2
1
1
1
8
.
8
2
1
.
2
5
N
E
G
N
E
B
A
6
1
J
C
M
S
5
.
1
A
C
6
1
J
C
M
S
5
.
1
6
1
8
.
7
1
5
.
0
2
1
1
1
6
2
7
.
7
5
P
E
G
P
E
B
7
1
J
C
M
S
5
.
1
C
7
1
J
C
M
S
5
.
1
7
1
9
.
8
1
9
.
3
2
1
1
1
5
.
0
3
2
.
9
4
Q
E
G
Q
E
B
A
7
1
J
C
M
S
5
.
1
A
C
7
1
J
C
M
S
5
.
1
7
1
9
.
8
1
7
.
1
2
1
1
1
6
.
7
2
3
.
3
5
R
E
G
R
E
B
8
1
J
C
M
S
5
.
1
C
8
1
J
C
M
S
5
.
1
8
1
0
2
3
.
5
2
1
1
1
2
.
2
3
6
.
6
4
S
E
G
S
E
B
A
8
1
J
C
M
S
5
.
1
A
C
8
1
J
C
M
S
5
.
1
8
1
0
2
3
.
3
2
1
1
1
2
.
9
2
4
.
1
5
T
E
G
T
E
B
0
2
J
C
M
S
5
.
1
C
0
2
J
C
M
S
5
.
1
0
2
2
.
2
2
1
.
8
2
1
1
1
8
.
5
3
9
.
1
4
U
E
G
U
E
B
A
0
2
J
C
M
S
5
.
1
A
C
0
2
J
C
M
S
5
.
1
0
2
2
.
2
2
5
.
5
2
1
1
1
4
.
2
3
3
.
6
4
V
E
G
V
E
B
2
2
J
C
M
S
5
.
1
C
2
2
J
C
M
S
5
.
1
2
2
4
.
4
2
9
.
0
3
1
1
1
4
.
9
3
1
.
8
3
W
E
G
W
E
B
A
2
2
J
C
M
S
5
.
1
A
C
2
2
J
C
M
S
5
.
1
2
2
4
.
4
2
8
2
1
1
1
5
.
5
3
2
.
2
4
X
E
G
X
E
B
4
2
J
C
M
S
5
.
1
C
4
2
J
C
M
S
5
.
1
4
2
7
.
6
2
8
.
3
3
1
1
1
3
4
9
.
4
3
Y
E
G
Y
E
B
A
4
2
J
C
M
S
5
.
1
A
C
4
2
J
C
M
S
5
.
1
4
2
7
.
6
2
7
.
0
3
1
1
1
9
.
8
3
6
.
8
3
Z
E
G
Z
E
B
6
2
J
C
M
S
5
.
1
C
6
2
J
C
M
S
5
.
1
6
2
9
.
8
2
6
.
6
3
1
1
1
6
.
6
4
2
.
2
3
D
F
G
D
F
B
A
6
2
J
C
M
S
5
.
1
A
C
6
2
J
C
M
S
5
.
1
6
2
9
.
8
2
2
.
3
3
1
1
1
1
.
2
4
6
.
5
3
E
F
G
E
F
B
8
2
J
C
M
S
5
.
1
C
8
2
J
C
M
S
5
.
1
8
2
1
.
1
3
4
.
9
3
1
1
1
0
5
0
3
F
F
G
F
F
B
A
8
2
J
C
M
S
5
.
1
A
C
8
2
J
C
M
S
5
.
1
8
2
1
.
1
3
8
.
5
3
1
1
1
4
.
5
4
3
3
G
F
G
G
F
B
0
3
J
C
M
S
5
.
1
C
0
3
J
C
M
S
5
.
1
0
3
3
.
3
3
2
.
2
4
1
1
1
5
.
3
5
8
2
H
F
G
H
F
B
A
0
3
J
C
M
S
5
.
1
A
C
0
3
J
C
M
S
5
.
1
0
3
3
.
3
3
3
.
8
3
1
1
1
4
.
8
4
1
3
K
F
G
K
F
B
3
3
J
C
M
S
5
.
1
C
3
3
J
C
M
S
5
.
1
3
3
7
.
6
3
5
.
6
4
1
1
1
9
5
2
.
5
2
L
F
G
L
F
B
A
3
3
J
C
M
S
5
.
1
A
C
3
3
J
C
M
S
5
.
1
3
3
7
.
6
3
2
.
2
4
1
1
1
3
.
3
5
1
.
8
2
M
F
G
M
F
B
6
3
J
C
M
S
5
.
1
C
6
3
J
C
M
S
5
.
1
6
3
0
4
7
.
0
5
1
1
1
3
.
4
6
3
.
3
2
N
F
G
N
F
B
A
6
3
J
C
M
S
5
.
1
A
C
6
3
J
C
M
S
5
.
1
6
3
0
4
6
4
1
1
1
1
.
8
5
8
.
5
2
P
F
G
P
F
B
0
4
J
C
M
S
5
.
1
C
0
4
J
C
M
S
5
.
1
0
4
4
.
4
4
3
.
6
5
1
1
1
4
.
1
7
1
2
Q
F
G
Q
F
B
A
0
4
J
C
M
S
5
.
1
A
C
0
4
J
C
M
S
5
.
1
0
4
4
.
4
4
1
.
1
5
1
1
1
5
.
4
6
2
.
3
2
R
F
G
R
F
B


Similar Part No. - 1.5SMCJ8.5A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5SMCJ8.5A PANJIT-1.5SMCJ8.5A Datasheet
83Kb / 4P
   SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
logo
Diotec Semiconductor
1.5SMCJ8.5A DIOTEC-1.5SMCJ8.5A Datasheet
154Kb / 4P
   SMD Transient Voltage Suppresssor Diodes
logo
Won-Top Electronics
1.5SMCJ8.5A WTE-1.5SMCJ8.5A Datasheet
64Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Diotec Semiconductor
1.5SMCJ8.5A DIOTEC-1.5SMCJ8.5A Datasheet
169Kb / 4P
   SMD Transient Voltage Suppresssor Diodes
1.5SMCJ8.5A DIOTEC-1.5SMCJ8.5A Datasheet
165Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - 1.5SMCJ8.5A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3.0SMCJ PANJIT-3.0SMCJ_09 Datasheet
153Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
3KP PANJIT-3KP_09 Datasheet
86Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
2.0SMCJ22A PANJIT-2.0SMCJ22A Datasheet
85Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
3KP_SERIES PANJIT-3KP_SERIES_14 Datasheet
109Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
3.0SMCJ_SERIES PANJIT-3.0SMCJ_SERIES_14 Datasheet
240Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
5.0SMCJ_SERIES PANJIT-5.0SMCJ_SERIES_14 Datasheet
153Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
1.5SMCJ-AU PANJIT-1.5SMCJ-AU Datasheet
244Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watt
5.0SMCJ PANJIT-5.0SMCJ Datasheet
158Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
1.5SMCJ_SERIES PANJIT-1.5SMCJ_SERIES_14 Datasheet
221Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
logo
Jinan Jing Heng Electro...
P6KE6.8A JINGHENG-P6KE6.8A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 600 Watts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com