Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMG1013UW-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMG1013UW-7
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG1013UW-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMG1013UW-7 Datasheet HTML 1Page - Diodes Incorporated DMG1013UW-7 Datasheet HTML 2Page - Diodes Incorporated DMG1013UW-7 Datasheet HTML 3Page - Diodes Incorporated DMG1013UW-7 Datasheet HTML 4Page - Diodes Incorporated DMG1013UW-7 Datasheet HTML 5Page - Diodes Incorporated DMG1013UW-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMG1013UW
Document number: DS31861 Rev. 3 - 2
3 of 6
www.diodes.com
October 2009
© Diodes Incorporated
DMG1013UW
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
0.3
0.6
0.9
1.2
1.5
Fig. 3 Typical On-Resistance
vs. Drain Current and Gate Voltage
-I , DRAIN-SOURCE CURRENT (A)
D
V
= -2.5V
GS
V
= -4.5V
GS
V
= -1.8V
GS
0
0.2
0.4
0.6
0.8
1.0
0
0.3
0.6
0.9
1.2
1.5
-I , DRAIN CURRENT (A)
D
Fig. 4 Typical On-Resistance
vs. Drain Current and Temperature
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= -4.5V
GS
Fig. 5 On-Resistance Variation with Temperature
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
0.5
0.7
0.9
1.1
1.3
1.5
1.7
V
= -4.5V
I = -1.0A
GS
D
V
= -2.5V
I = -500mA
GS
D
0
0.2
0.4
0.6
0.8
1.0
1.2
Fig. 6 On-Resistance Variation with Temperature
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
V
= -4.5V
I = -1.0A
GS
D
V
= -2.5V
I = -500mA
GS
D
Fig. 7 Gate Threshold Variation vs. Ambient Temperature
-50
-25
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
A
0
0.4
0.8
1.2
1.6
I = -1mA
D
I = -250µA
D
0.2
0.4
0.6
0.8
1.0
1.2
Fig. 8 Diode Forward Voltage vs. Current
-V
, SOURCE-DRAIN VOLTAGE (V)
SD
0
2
4
6
8
10
T = 25°C
A


Similar Part No. - DMG1013UW-7

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
DMG1013UW-7 VBSEMI-DMG1013UW-7 Datasheet
1,022Kb / 9P
   P-Channel 20 V (D-S) MOSFET
More results

Similar Description - DMG1013UW-7

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com