Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMG1013UW Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMG1013UW
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG1013UW Datasheet(HTML) 1 Page - Diodes Incorporated

  DMG1013UW Datasheet HTML 1Page - Diodes Incorporated DMG1013UW Datasheet HTML 2Page - Diodes Incorporated DMG1013UW Datasheet HTML 3Page - Diodes Incorporated DMG1013UW Datasheet HTML 4Page - Diodes Incorporated DMG1013UW Datasheet HTML 5Page - Diodes Incorporated DMG1013UW Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMG1013UW
Document number: DS31861 Rev. 3 - 2
1 of 6
www.diodes.com
October 2009
© Diodes Incorporated
DMG1013UW
P-CHANNEL ENHANCEMENT MODE MOSFET
Features
Low On-Resistance
Low Gate Threshold Voltage
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
Lead Free By Design/RoHS Compliant (Note 1)
ESD Protected Up To 3KV
"Green" Device (Note 2)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT-323
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram Below
Terminals: Finish - Matte Tin annealed over Alloy 42 leadframe.
Solderable per MIL-STD-202, Method 208
Marking Information: See Page 2
Ordering Information: See Page 2
Weight: 0.006 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±6
V
Continuous Drain Current (Note 3)
Steady
State
TA = 25°C
TA = 85°C
ID
-0.82
-0.54
A
Pulsed Drain Current (Note 4)
IDM
-6
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 3)
PD
0.31
W
Thermal Resistance, Junction to Ambient @TA = 25°C (Note 3)
RθJA
398
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Device mounted on FR-4 PCB, with minimum recommended pad layout.
4. Repetitive rating, pulse width limited by junction temperature.
ESD PROTECTED
Equivalent Circuit
Top View
Top View
Source
Gate
Protection
Diode
Gate
Drain
GS
D
Please click here to visit our online spice models database.


Similar Part No. - DMG1013UW

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
DMG1013UW-7 VBSEMI-DMG1013UW-7 Datasheet
1,022Kb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
Diodes Incorporated
DMG1013UWQ DIODES-DMG1013UWQ Datasheet
326Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMG1013UWQ-13 DIODES-DMG1013UWQ-13 Datasheet
326Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMG1013UWQ-7 DIODES-DMG1013UWQ-7 Datasheet
326Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMG1013UW DIODES-DMG1013UW_15 Datasheet
203Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMG1013UW

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com