Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2010B Datasheet(PDF) 7 Page - ATMEL Corporation

Part # U2010B
Description  Programmable Load-current Limitation with Over- and High-load Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U2010B Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button U2010B Datasheet HTML 3Page - ATMEL Corporation U2010B Datasheet HTML 4Page - ATMEL Corporation U2010B Datasheet HTML 5Page - ATMEL Corporation U2010B Datasheet HTML 6Page - ATMEL Corporation U2010B Datasheet HTML 7Page - ATMEL Corporation U2010B Datasheet HTML 8Page - ATMEL Corporation U2010B Datasheet HTML 9Page - ATMEL Corporation U2010B Datasheet HTML 10Page - ATMEL Corporation U2010B Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
4766C–INDCO–04/10
U2010B
4.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Reference point pin 10, unless otherwise specified.
Parameters
Pin
Symbol
Value
Unit
Sink current
t
≤10 µs
11
-IS
30
mA
11
-is
100
mA
Synchronous currents
t
≤10 µs
15
±IsyncV
5mA
15
±isyncV
5mA
Phase Control
Control voltage
4, 8
-VI
0 - V8
V
Input current
4
±II
500
µA
Charging current
14
-Ij†max
0.5
mA
Soft Start
Input voltage
7, 8
-VI
0 - V8
V
Pulse Output
Input voltage
16
+VI
-V
I
2
V
11
V
V
Reference Voltage Source
Output current
t
≤10 µs
8I
0
10
mA
8I
0
30
mA
Load-current Sensing
Input currents
1, 2
±I
i
1mA
Input voltages
5, 6
- V
i
0 - V
8
V
Overload output
13
I
L
1mA
High-load output
t
≤10 µs
12
I
L
30
mA
12
I
L
100
mA
Storage temperature range
T
stg
-40 to +125
°C
Junction temperature range
T
j
125
°C
Ambient temperature range
T
amb
-10 to +100
°C
5.
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
DIP16
SO16 on p.c.
SO16 on ceramic
RthJA
RthJA
R
thJA
120
180
100
K/W
K/W
K/W


Similar Part No. - U2010B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2010B TEMIC-U2010B Datasheet
202Kb / 12P
   Phase Control Circuit for Current Feedback
logo
List of Unclassifed Man...
U2010B ETC1-U2010B Datasheet
188Kb / 1P
   TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
logo
ATMEL Corporation
U2010B ATMEL-U2010B Datasheet
394Kb / 18P
   Phase-control IC with Current Feedback and Overload Protection
logo
ARTSCHIP ELECTRONICS CO...
U2010B ARTSCHIP-U2010B Datasheet
3Mb / 11P
   Phase Control Circuit for Current Feedback
logo
ATMEL Corporation
U2010B-MFP ATMEL-U2010B-MFP Datasheet
331Kb / 18P
   Phase-control IC with Current Feedback and Overload Protection
More results

Similar Description - U2010B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EV-VN7004CLH STMICROELECTRONICS-EV-VN7004CLH Datasheet
300Kb / 8P
   Load current limitation
logo
CUI INC
VSUU-120-D CUI-VSUU-120-D Datasheet
215Kb / 4P
   input surge current, over voltage, over load, and over current protections
logo
AIMTEC
AM6CW-FZ AIMTEC-AM6CW-FZ Datasheet
156Kb / 3P
   Over Load and Over Voltage protection
logo
ON Semiconductor
FPF2595 ONSEMI-FPF2595 Datasheet
387Kb / 11P
   Over-Voltage, Over-Current Protection Load Switch
March 2016 Rev. 1.4
logo
Fairchild Semiconductor
FPF2700 FAIRCHILD-FPF2700 Datasheet
1Mb / 19P
   Adjustable Over-Current Protection Load Switches
logo
Toshiba Semiconductor
TCK22XXXG TOSHIBA-TCK22XXXG Datasheet
696Kb / 13P
   Load Switch IC with Over current limited function
2022-06-09
logo
ON Semiconductor
FPF2700 ONSEMI-FPF2700 Datasheet
1Mb / 21P
   Adjustable Over-Current Protection Load Switches
December 2013 Rev. 1.0.3
logo
Texas Instruments
LM7322QMAX TI1-LM7322QMAX Datasheet
1Mb / 35P
[Old version datasheet]   High Output Current and Unlimited Capacitive Load Operational Amplifier
logo
Alpha & Omega Semicondu...
AOZ1360 AOSMD-AOZ1360_12 Datasheet
1Mb / 15P
   28V Programmable Current-Limited Load Switch
AOZ1360 AOSMD-AOZ1360 Datasheet
938Kb / 12P
   28V Programmable Current-Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com