Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2010B Datasheet(PDF) 5 Page - ATMEL Corporation

Part # U2010B
Description  Programmable Load-current Limitation with Over- and High-load Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U2010B Datasheet(HTML) 5 Page - ATMEL Corporation

  U2010B_10 Datasheet HTML 1Page - ATMEL Corporation U2010B_10 Datasheet HTML 2Page - ATMEL Corporation U2010B_10 Datasheet HTML 3Page - ATMEL Corporation U2010B_10 Datasheet HTML 4Page - ATMEL Corporation U2010B_10 Datasheet HTML 5Page - ATMEL Corporation U2010B_10 Datasheet HTML 6Page - ATMEL Corporation U2010B_10 Datasheet HTML 7Page - ATMEL Corporation U2010B_10 Datasheet HTML 8Page - ATMEL Corporation U2010B_10 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
4766C–INDCO–04/10
U2010B
3.4
Automatic Retriggering
The current-detector circuit monitors the state of the triac after triggering by measuring the volt-
age drop at the triac gate. A current flow through the triac is recognized when the voltage drop
exceeds a threshold level of typically 40 mV.
If the triac is quenched within the relevant half-wave after triggering (for example owing to low
load currents before or after the zero crossing of the current wave, or for commutator motors,
owing to brush lifters), the automatic retriggering circuit ensures immediate retriggering, if nec-
essary with a high repetition rate, t
pp/tp, until the triac remains reliably triggered.
3.5
Current Synchronization
Current synchronization fulfils two functions:
– Monitoring the current flow after triggering.
In case the triac extinguishes again or does not switch on, automatic triggering is
activated until the triggering is successful.
– Avoiding triggering due to an inductive load.
In the case of inductive load operation, the current synchronization ensures that in
the new half wave, no pulse will be enabled as long as there is a current available
from the previous half wave, which flows from the opposite polarity to the actual
supply voltage.
The current synchronization as described above is a special feature of the U2010B. The device
evaluates the voltage at the pulse output between gate and reference electrode of the triac. As a
result, no separate current synchronization input with specified series resistance is necessary.
3.6
Voltage Synchronization with Mains Voltage Compensation
The voltage detector synchronizes the reference ramp with the mains supply voltage. At the
same time, the mains-dependent input current at pin 15 is shaped and rectified internally. This
current activates the automatic retriggering and at the same time is available at pin 5. By suit-
able dimensioning, it is possible to obtain the specified compensation effect. Automatic
retriggering and mains voltage compensation are not activated until
⏐ V
15 - 10
increases to 8 V.
The resistance R
sync. defines the width of the zero voltage cross over pulse, synchronization cur-
rent, and hence the mains supply voltage compensation current.
Figure 3-1.
Suppression of Mains Voltage Compensation and Automatic Retrigger
If the mains voltage compensation and the automatic retriggering are not required, both func-
tions can be suppressed by limiting
⏐ V
15 - 10
≤ 7 V, see Figure 3-1.
2 x
C6V2
R2
15
10
Mains
U2010B


Similar Part No. - U2010B_10

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2010B-MFP ATMEL-U2010B-MFP Datasheet
331Kb / 18P
   Phase-control IC with Current Feedback and Overload Protection
U2010B-MFPY ATMEL-U2010B-MFPY Datasheet
298Kb / 13P
   Low-cost Phase-control IC with Soft Start
U2010B-MY ATMEL-U2010B-MY Datasheet
298Kb / 13P
   Low-cost Phase-control IC with Soft Start
U2010B-XFPG3Y ATMEL-U2010B-XFPG3Y Datasheet
394Kb / 18P
   Phase-control IC with Current Feedback and Overload Protection
U2010B-XFPY ATMEL-U2010B-XFPY Datasheet
394Kb / 18P
   Phase-control IC with Current Feedback and Overload Protection
More results

Similar Description - U2010B_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EV-VN7004CLH STMICROELECTRONICS-EV-VN7004CLH Datasheet
300Kb / 8P
   Load current limitation
logo
CUI INC
VSUU-120-D CUI-VSUU-120-D Datasheet
215Kb / 4P
   input surge current, over voltage, over load, and over current protections
logo
AIMTEC
AM6CW-FZ AIMTEC-AM6CW-FZ Datasheet
156Kb / 3P
   Over Load and Over Voltage protection
logo
ON Semiconductor
FPF2595 ONSEMI-FPF2595 Datasheet
387Kb / 11P
   Over-Voltage, Over-Current Protection Load Switch
March 2016 Rev. 1.4
logo
Fairchild Semiconductor
FPF2700 FAIRCHILD-FPF2700 Datasheet
1Mb / 19P
   Adjustable Over-Current Protection Load Switches
logo
Toshiba Semiconductor
TCK22XXXG TOSHIBA-TCK22XXXG Datasheet
696Kb / 13P
   Load Switch IC with Over current limited function
2022-06-09
logo
ON Semiconductor
FPF2700 ONSEMI-FPF2700 Datasheet
1Mb / 21P
   Adjustable Over-Current Protection Load Switches
December 2013 Rev. 1.0.3
logo
Texas Instruments
LM7322QMAX TI1-LM7322QMAX Datasheet
1Mb / 35P
[Old version datasheet]   High Output Current and Unlimited Capacitive Load Operational Amplifier
logo
Alpha & Omega Semicondu...
AOZ1360 AOSMD-AOZ1360_12 Datasheet
1Mb / 15P
   28V Programmable Current-Limited Load Switch
AOZ1360 AOSMD-AOZ1360 Datasheet
938Kb / 12P
   28V Programmable Current-Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com