Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTINY88 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATTINY88
Description  123 Powerful Instructions ??Most Single Clock Cycle Execution
Download  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY88 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATTINY88 Datasheet HTML 1Page - ATMEL Corporation ATTINY88 Datasheet HTML 2Page - ATMEL Corporation ATTINY88 Datasheet HTML 3Page - ATMEL Corporation ATTINY88 Datasheet HTML 4Page - ATMEL Corporation ATTINY88 Datasheet HTML 5Page - ATMEL Corporation ATTINY88 Datasheet HTML 6Page - ATMEL Corporation ATTINY88 Datasheet HTML 7Page - ATMEL Corporation ATTINY88 Datasheet HTML 8Page - ATMEL Corporation ATTINY88 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 298 page
background image
Features
High Performance, Low Power AVR® 8-Bit Microcontroller
Advanced RISC Architecture
– 123 Powerful Instructions – Most Single Clock Cycle Execution
– 32 x 8 General Purpose Working Registers
– Fully Static Operation
High Endurance Non-volatile Memory Segments
– 4K/8K Bytes of In-System Self-Programmable Flash Program Memory
– 64/64 Bytes EEPROM
– 256/512 Bytes Internal SRAM
– Write/Erase Cycles: 10,000 Flash/100,000 EEPROM
– Data Retention: 20 years at 85
°C / 100 years at 25°C
– Programming Lock for Software Security
Peripheral Features
– One 8-bit Timer/Counter with Separate Prescaler and Compare Mode
– One 16-bit Timer/Counter with Prescaler, and Compare and Capture Modes
– 6- or 8-channel 10-bit ADC
– Master/Slave SPI Serial Interface
– Byte-oriented 2-wire Serial Interface (Philips I2C Compatible)
– Programmable Watchdog Timer with Separate On-Chip Oscillator
– On-Chip Analog Comparator
– Interrupt and Wake-up on Pin Change
Special Microcontroller Features
– debugWIRE On-Chip Debug System
– In-System Programmable via SPI Port
– Power-On Reset and Programmable Brown-Out Detection
– Internal Calibrated Oscillator
– External and Internal Interrupt Sources
– Three Sleep Modes: Idle, ADC Noise Reduction and Power-Down
– On-Chip Temperature Sensor
I/O and Packages
– 24 Programmable I/O Lines:
• 28-pin PDIP
• 28-pad QFN/MLF
– 28 Programmable I/O Lines:
• 32-lead TQFP
• 32-pad QFN/MLF
• 32-ball UFBGA
Operating Voltage:
–1.8
5.5V
Temperature Range:
–-40
°C to +85°C
Speed Grade:
–0
4 MHz @ 1.8 5.5V
–0
8 MHz @ 2.7 5.5V
–0
12 MHz @ 4.5 5.5V
Low Power Consumption
– Active Mode: 1 MHz, 1.8V: 240 µA
– Power-Down Mode: 0.1 µA at 1.8V
8-bit
Microcontroller
with 4/8K Bytes
In-System
Programmable
Flash
ATtiny48/88
Preliminary
Rev. 8008F–AVR–06/10


Similar Part No. - ATTINY88

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATtiny88 ATMEL-ATtiny88 Datasheet
728Kb / 23P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATtiny88 ATMEL-ATtiny88 Datasheet
6Mb / 266P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATTINY88 ATMEL-ATTINY88 Datasheet
4Mb / 246P
   High Endurance Non-volatile Memory Segments
ATTINY88 ATMEL-ATTINY88 Datasheet
4Mb / 246P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATtiny88 ATMEL-ATtiny88 Datasheet
5Mb / 20P
   Atmel짰 AVR짰 32-bit microcontrollers
More results

Similar Description - ATTINY88

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90USB647 ATMEL-AT90USB647_14 Datasheet
11Mb / 456P
   135 powerful instructions ??most single clock cycle execution
ATMEGA48P ATMEL-ATMEGA48P_11 Datasheet
6Mb / 420P
   131 Powerful Instructions - Most Single Clock Cycle Execution
AT90PWM161 ATMEL-AT90PWM161_14 Datasheet
3Mb / 327P
   131 powerful instructions - most single clock cycle execution
ATMEGA48PV ATMEL-ATMEGA48PV_14 Datasheet
401Kb / 420P
   131 Powerful Instructions ??Most Single Clock Cycle Execution
ATMEGA48PA ATMEL-ATMEGA48PA_14 Datasheet
487Kb / 326P
   131 Powerful Instructions ??Most Single Clock Cycle Execution
TINY4 ATMEL-TINY4 Datasheet
4Mb / 28P
   Single cycle instructions
logo
Lumileds Lighting Compa...
DS51 LUMILEDS-DS51 Datasheet
1Mb / 41P
   the most robust and powerful LED
logo
ATMEL Corporation
T32UC3L0128 ATMEL-T32UC3L0128_14 Datasheet
11Mb / 852P
   Compact Single-cycle RISC Instruction Set Including DSP Instructions
AT32UC3L0256 ATMEL-AT32UC3L0256_14 Datasheet
11Mb / 852P
   Compact Single-cycle RISC Instruction Set Including DSP Instructions
logo
PANDUIT CORP.
MPT5-8AS PANDUIT-MPT5-8AS Datasheet
120Kb / 1P
   CONTROLLED CYCLE TERMINATION TOOL OPERATION INSTRUCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com