Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMG6968UTS-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMG6968UTS-13
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG6968UTS-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMG6968UTS-13 Datasheet HTML 1Page - Diodes Incorporated DMG6968UTS-13 Datasheet HTML 2Page - Diodes Incorporated DMG6968UTS-13 Datasheet HTML 3Page - Diodes Incorporated DMG6968UTS-13 Datasheet HTML 4Page - Diodes Incorporated DMG6968UTS-13 Datasheet HTML 5Page - Diodes Incorporated DMG6968UTS-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMG6968UTS
Document number: DS31793 Rev. 4 - 2
2 of 6
www.diodes.com
December 2010
© Diodes Incorporated
DMG6968UTS
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (Note 4)
Steady
State
TA = 25°C
TA = 70°C
ID
5.2
3.5
A
Pulsed Drain Current
IDM
30
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 4)
PD
1.0
W
Thermal Resistance, Junction to Ambient @TA = 25°C
RθJA
125
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
20
-
-
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
-
-
1.0
μA
VDS = 20V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
10
μA
VGS = ±10V, VDS = 0V
Gate-Source Breakdown Voltage
BVSGS
±12
-
-
V
VDS = 0V, IG = ±250μA
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
0.35
-
0.95
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
-
-
-
18
21
26
23
27
34
m
VGS = 4.5V, ID = 6.5A
VGS = 2.5V, ID = 5.5A
VGS = 1.8V, ID = 3.5A
Forward Transfer Admittance
|Yfs|
-
13
-
S
VDS = 5V, ID = 5A
Diode Forward Voltage
VSD
-
0.7
1.0
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
-
143
-
pF
VDS =10V, VGS = 0V f = 1.0MHz
Output Capacitance
Coss
-
74
-
pF
Reverse Transfer Capacitance
Crss
-
29
-
pF
Gate Resistance
Rg
-
202
-
VDS =0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg
-
8.8
-
nC
VGS = 4.5V, VDS = 10V,
ID = 6.5A
Gate-Source Charge
Qgs
-
1.4
-
nC
Gate-Drain Charge
Qgd
-
3.0
-
nC
Turn-On Delay Time
tD(on)
-
53
-
ns
VDD = 10V, VGS = 4.5V,
RL = 10Ω, RG = 6Ω
Turn-On Rise Time
tr
-
78
-
ns
Turn-Off Delay Time
tD(off)
-
562
-
ns
Turn-Off Fall Time
tf
-
234
-
ns
Notes:
4. Device mounted on FR-4 PCB.
5. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - DMG6968UTS-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG6968UTS DIODES-DMG6968UTS_15 Datasheet
147Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMG6968UTS-13

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com