Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD86330Q3D Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CSD86330Q3D
Description  Synchronous Buck NexFET??Power Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD86330Q3D Datasheet(HTML) 11 Page - Texas Instruments

Back Button CSD86330Q3D Datasheet HTML 7Page - Texas Instruments CSD86330Q3D Datasheet HTML 8Page - Texas Instruments CSD86330Q3D Datasheet HTML 9Page - Texas Instruments CSD86330Q3D Datasheet HTML 10Page - Texas Instruments CSD86330Q3D Datasheet HTML 11Page - Texas Instruments CSD86330Q3D Datasheet HTML 12Page - Texas Instruments CSD86330Q3D Datasheet HTML 13Page - Texas Instruments CSD86330Q3D Datasheet HTML 14Page - Texas Instruments CSD86330Q3D Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CSD86330Q3D
www.ti.com
SLPS264A – OCTOBER 2010 – REVISED DECEMBER 2010
RECOMMENDED PCB DESIGN OVERVIEW
There are two key system-level parameters that can be addressed with a proper PCB design: Electrical and
Thermal performance. Properly optimizing the PCB layout will yield maximum performance in both areas. A brief
description on how to address each parameter is provided.
Electrical Performance
The Power Block has the ability to switch voltages at rates greater than 10kV/µs. Special care must be then
taken with the PCB layout design and placement of the input capacitors, Driver IC, and output inductor.
The placement of the input capacitors relative to the Power Block’s VIN and PGND pins should have the
highest priority during the component placement routine. It is critical to minimize these node lengths. As such,
ceramic input capacitors need to be placed as close as possible to the VIN and PGND pins (see Figure 30).
The example in Figure 30 uses 6 × 10-µF ceramic capacitors (TDK Part # C3216X5R1C106KT or equivalent).
Notice there are ceramic capacitors on both sides of the board with an appropriate amount of vias
interconnecting both layers. In terms of priority of placement next to the Power Block, C5, C7, C19, and C8
should follow in order.
The Driver IC should be placed relatively close to the Power Block Gate pins. TG and BG should connect to
the outputs of the Driver IC. The TGR pin serves as the return path of the high-side gate drive circuitry and
should be connected to the Phase pin of the IC (sometimes called LX, LL, SW, PH, etc.). The bootstrap
capacitor for the Driver IC will also connect to this pin.
The switching node of the output inductor should be placed relatively close to the Power Block VSW pins.
Minimizing the node length between these two components will reduce the PCB conduction losses and
actually reduce the switching noise level.(1)
Thermal Performance
The Power Block has the ability to utilize the GND planes as the primary thermal path. As such, the use of
thermal vias is an effective way to pull away heat from the device and into the system board. Concerns of solder
voids and manufacturability problems can be addressed by the use of three basic tactics to minimize the amount
of solder attach that will wick down the via barrel:
Intentionally space out the vias from each other to avoid a cluster of holes in a given area.
Use the smallest drill size allowed in your design. The example in Figure 30 uses vias with a 10 mil drill hole
and a 16 mil capture pad.
Tent the opposite side of the via with solder-mask.
In the end, the number and drill size of the thermal vias should align with the end user’s PCB design rules and
manufacturing capabilities.
Figure 30. Recommended PCB Layout (Top Down)
(1)
Keong W. Kam, David Pommerenke, “EMI Analysis Methods for Synchronous Buck Converter EMI Root Cause Analysis”, University of
Missouri – Rolla
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - CSD86330Q3D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD86330Q3D TI-CSD86330Q3D Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
More results

Similar Description - CSD86330Q3D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Block
JUNE2011
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87352Q5D_1111 TI-CSD87352Q5D_1111 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87355Q5D TI1-CSD87355Q5D Datasheet
559Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET Power Block
CSD87351Q5D TI-CSD87351Q5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87351ZQ5D TI-CSD87351ZQ5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87331Q3D TI-CSD87331Q3D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87335Q3D TI1-CSD87335Q3D Datasheet
625Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET Power Block
CSD86350Q5D TI-CSD86350Q5D Datasheet
923Kb / 15P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD86350Q5D TI-CSD86350Q5D_11 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com