Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2944L0 Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ2944L0
Description  Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2944L0 Datasheet(HTML) 2 Page - Texas Instruments

  BQ2944L0 Datasheet HTML 1Page - Texas Instruments BQ2944L0 Datasheet HTML 2Page - Texas Instruments BQ2944L0 Datasheet HTML 3Page - Texas Instruments BQ2944L0 Datasheet HTML 4Page - Texas Instruments BQ2944L0 Datasheet HTML 5Page - Texas Instruments BQ2944L0 Datasheet HTML 6Page - Texas Instruments BQ2944L0 Datasheet HTML 7Page - Texas Instruments BQ2944L0 Datasheet HTML 8Page - Texas Instruments BQ2944L0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
bq29440, bq2944L0
bq29441, bq29442, bq29443, bq29449, bq2944L9
SLUSA15C – JUNE 2010 – REVISED NOVEMBER 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Table 1. ORDERING INFORMATION(1)
ORDERING INFORMATION(2)
OUT PIN
PART
PACKAGE
PACKAGE
TA
LATCH
PACKAGE
OVP
TAPE AND REEL
TAPE AND REEL
NUMBER
DESIGNATOR
MARKING
OPTION
(LARGE)(3)
(SMALL)(4)
BQ29440
No
440
4.35 V
BQ29440DRBR
BQ29440DRBT
BQ2944L0
Yes
44L0
4.35 V
BQ2944L0DRBR
BQ2944L0DRBT
BQ29441
No
441
4.40 V
BQ29441DRBR
BQ29441DRBT
–40°C
to
BQ29442
No
QFN-8
DRB
442
4.45 V
BQ29442DRBR
BQ29442DRBT
+110°C
BQ29443
No
443
4.50 V
BQ29443DRBR
BQ29443DRBT
BQ29449
No
449
4.30 V
BQ29449DRBR
BQ29449DRBT
BQ2944L9
Yes
44L9
4.30 V
BQ2944L9DRBR
BQ2944L9DRBT
(1)
Example: bq2944L0DRBR is a device with the OUT latch option with a VOV threshold of 4.35 V.
Contact Texas Instruments for other VOV threshold options.
(2)
For the most current package and ordering information, see the Package Addendum at the end of this document, or the TI website at
www.ti.com.
(3)
Large tape and reel quantity is 3,000 units.
(4)
Small tape and reel quantity is 250 units.
THERMAL INFORMATION
bq2944x
THERMAL METRIC(1)
DRB
UNITS
8 PINS
qJA
Junction-to-ambient thermal resistance(2)
50.5
qJC(top)
Junction-to-case(top) thermal resistance(3)
25.1
qJB
Junction-to-board thermal resistance(4)
19.3
°C/W
yJT
Junction-to-top characterization parameter(5)
0.7
yJB
Junction-to-board characterization parameter(6)
18.9
qJC(bottom)
Junction-to-case(bottom) thermal resistance(7)
5.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter, yJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining qJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter, yJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining qJA , using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
PIN FUNCTIONS
PIN NAME
PIN NO.
DESCRIPTION
CD
6
Connection to external capacitor for programmable delay time
GND
4
Ground pin
OUT
8
Output
VC1
1
Sense voltage input for top cell
VC2
2
Sense voltage input for second-to-top cell
VC3
3
Sense voltage input for third-to-top cell
VC4
5
Sense voltage input for fourth-to-top cell (bottom cell)
VDD
7
Power supply
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): bq29440 bq2944L0 bq29441 bq29442 bq29443 bq29449 bq2944L9


Similar Part No. - BQ2944L0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2944L0 TI-BQ2944L0 Datasheet
487Kb / 15P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ2944L0 TI-BQ2944L0 Datasheet
641Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ2944L0 TI1-BQ2944L0 Datasheet
1Mb / 17P
[Old version datasheet]   Voltage Protection
BQ2944L0DRBR TI-BQ2944L0DRBR Datasheet
487Kb / 15P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ2944L0DRBR TI-BQ2944L0DRBR Datasheet
641Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
More results

Similar Description - BQ2944L0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29440 TI-BQ29440_1 Datasheet
641Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29440 TI-BQ29440 Datasheet
487Kb / 15P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29410 TI-BQ29410 Datasheet
204Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29410 TI-BQ29410_07 Datasheet
158Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com