Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB1740 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB1740
Description  8-Channel, Current-Source Output, Darlington Transistor Array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1740 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1740 Datasheet HTML 1Page - Sanyo Semicon Device LB1740 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
43098HA (KT)/N2195YK/N149TA, TS No.3173-1/2
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
8-Channel, Current-Source Output,
Darlington Transistor Array
Monolithic Digital IC
Ordering number:EN3173B
LB1740
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
v
y
l
p
p
u
s
m
u
m
i
x
a
MV C
C
x
a
m
0
5
+
o
t
3
.
0
–V
e
g
a
t
l
o
v
y
l
p
p
u
s
t
u
p
t
u
OV
T
U
O
V
o
t
3
.
0
C
C
V
e
g
a
t
l
o
v
y
l
p
p
u
s
t
u
p
n
IV N
I
0
3
+
o
t
3
.
0
–V
t
n
e
r
r
u
c
t
u
p
t
u
o
m
u
m
i
x
u
MI
T
U
O
l
e
n
n
a
h
c
r
e
P
0
0
5
–A
m
t
n
e
r
r
u
c
d
r
a
w
r
o
f
e
d
o
i
d
p
m
a
l
CIF
0
0
5
–A
m
e
g
a
t
l
o
v
e
s
r
e
v
e
r
e
d
o
i
d
p
m
a
l
CVR
0
5
+
o
t
3
.
0
–V
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
p
e
l
b
a
w
o
ll
Ax
a
m
d
P
3
1
.
1W
e
r
u
t
a
r
e
p
m
e
t
g
n
i
t
a
r
e
p
Or
p
o
T
5
7
+
o
t
0
2
e
r
u
r
t
a
r
e
p
m
e
t
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
0
4
Specifications
Maximum Ratings at Ta = 25˚C
Electrical Characteristics at Ta = 25˚C, VCC =50V
˚C
˚C
SANYO:DIP18
Package Dimensions
unit:mm
3007A-DIP18
[LB1740]
Overview
The LB1740 is an 8-channel current source output
Darlington transistor array made up of PNP transistors
and NPN transisitors.High output drive capability for
very low input current is achieved.
Features
• Eight independent Darlington driver circuits.
• High breakdown voltage (50V), high current source
output (500mA).
• With output clamp diodes.
Allowable Operating Conditions at Ta = 25˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
v
y
l
p
p
u
SV C
C
0
5
o
t
4V
e
g
a
t
l
o
v
l
e
v
e
l
-
N
O
t
u
o
n
IV
N
O
I
I
T
U
O
A
m
0
5
3
=0
3
o
t
8
.
1V
e
g
a
t
l
o
v
l
e
v
e
l
-
F
F
O
t
u
o
n
IV
F
F
O
I
I
T
U
O
A
µ
0
5
–3
.
0
+
o
t
3
.
0
–V
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
c
y
l
p
p
u
S
I C
C HV
:
s
t
u
p
n
i
ll
A
N
I
V
5
=6
.
50
1A
m
I C
C Ln
e
p
O
:
s
t
u
p
n
i
ll
A
0
0
1A
µ
e
g
a
t
l
o
v
t
u
p
t
u
O
V H
O 1V N
I
I
,
V
8
.
1
=
T
U
O
A
m
0
0
1
=V C
C
0
.
2
–V C
C
5
4
.
1
–V
V H
O 2V N
I
A
m
0
5
3
=
T
U
O
I
,
V
8
.
1
=V C
C
4
.
2
–V C
C
6
.
1
–V
t
n
e
r
r
u
c
t
u
p
n
I
V N
I 1V N
I
V
5
=4
.
05
7
.
0A
m
V N
I 2V N
I
V
5
2
=6
.
27
.
4A
m
e
g
a
t
l
o
v
d
r
a
w
r
o
f
e
d
o
i
d
p
m
a
l
C
VF
IF
A
m
0
5
3
=4
.
2
–2
.
1
–V
e
g
a
t
l
o
v
e
s
r
e
v
e
r
e
d
o
i
d
p
m
a
l
C
VR
IR
A
µ
0
0
1
=0
5V
e
m
i
t
y
a
l
e
d
n
o
i
t
a
g
a
p
o
r
p
d
e
t
e
R
t h
p 10
2s
n


Similar Part No. - LB1740

ManufacturerPart #DatasheetDescription
logo
Power-One
LB1740-6R POWER-ONE-LB1740-6R Datasheet
447Kb / 4P
   700 Watt AC-DC Converters
More results

Similar Description - LB1740

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54564P MITSUBISHI-M54564P Datasheet
77Kb / 4P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY
M63840FP MITSUBISHI-M63840FP Datasheet
281Kb / 6P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE SOURCE TYPE
M54562P MITSUBISHI-M54562P_12 Datasheet
89Kb / 4P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54562FP MITSUBISHI-M54562FP Datasheet
274Kb / 6P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE SOURCE TYPE
M63840KP MITSUBISHI-M63840KP Datasheet
276Kb / 6P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE SOURCE TYPE
M54562P MITSUBISHI-M54562P Datasheet
81Kb / 4P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54563P MITSUBISHI-M54563P Datasheet
95Kb / 4P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54563FP MITSUBISHI-M54563FP Datasheet
275Kb / 6P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE SOURCE TYPE
M63840P MITSUBISHI-M63840P Datasheet
1Mb / 7P
   8-Unit 500mA Source Type Darlington Transistor-Array With Clamp Diode
M54562WP MITSUBISHI-M54562WP Datasheet
210Kb / 5P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com